Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6218CVZ-T Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL6218CVZ-T
Description  Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6218CVZ-T Datasheet(HTML) 5 Page - Intersil Corporation

  ISL6218CVZ-T Datasheet HTML 1Page - Intersil Corporation ISL6218CVZ-T Datasheet HTML 2Page - Intersil Corporation ISL6218CVZ-T Datasheet HTML 3Page - Intersil Corporation ISL6218CVZ-T Datasheet HTML 4Page - Intersil Corporation ISL6218CVZ-T Datasheet HTML 5Page - Intersil Corporation ISL6218CVZ-T Datasheet HTML 6Page - Intersil Corporation ISL6218CVZ-T Datasheet HTML 7Page - Intersil Corporation ISL6218CVZ-T Datasheet HTML 8Page - Intersil Corporation ISL6218CVZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
FN9101.6
August 6, 2007
Functional Pin Description 38 Ld TSSOP
VDD
This pin is used to connect +5V to the IC to supply all power
necessary to operate the chip. The IC starts to operate when
the voltage on this pin exceeds the rising POR threshold and
shuts down when the voltage on this pin drops below the
falling POR threshold.
VDDP
This pin provides a low ESR bypass connection to the
internal gate drivers for the +5V source.
PGOOD
This pin is used as an input and an output and is tied to the
Vccp and Vcc_mch PGOOD signals. During start-up, this pin
is recognized as an input, and prevents further slewing of the
output voltage from the “Boot” level until PGOOD from Vccp
and Vcc_mch is enabled High. After start-up, this pin has an
open drain output used to indicate the status of the CORE
output voltage. This pin is pulled low when the system output
is outside of the regulation limits. PGOOD includes a timer
for power-on delay.
EN
This pin is connected to the system signal VR_ON and
provides the enable/disable function for the PWM controller.
OCSET
A resistor from this pin to ground sets the overcurrent
protection threshold. The current from this pin should be
between 10µA and 25µA (70k
Ω to 175kΩ equivalent
pull-down resistance).
VSEN
This pin is used for remote sensing of the microprocessor
CORE voltage.
COMP
This pin provides connection to the error amplifier output.
FB
This pin is connected to the inverting input of the error
amplifier.
EA+
This pin is connected to the non-inverting input of the error
amplifier and is used for setting the “Droop” voltage.
STV
The voltage on this pin sets the initial start-up or “Boot”
voltage.
SOFT
This pin programs the slew rate of VID changes, Deep Sleep
and Deeper Sleep transitions, and soft-start after initializing.
This pin is connected to ground via a capacitor, and to EA+
through an external “Droop” resistor.
DSEN
This pin connects to system logic “STP_CPU” and enables
Deep Sleep mode of operation. Deep Sleep is enabled when
a logic LOW signal is detected on this pin.
DRSEN
This pin connects to system logic “DPRSLPVR” and enables
Deeper Sleep mode of operation when a logic HIGH is
detected on this pin.
VBAT
Voltage on this pin provides feed-forward battery information
that adjusts the oscillator ramp amplitude.
FSET
A resistor from this pin to ground programs the switching
frequency.
ISEN
This pin is used as current sense input from the converter
channel phase node.
DACOUT
This pin provides access to the output of the Digital-to-
Analog Converter.
DSV
The voltage on this pin provides the setpoint for output
voltage during Deep Sleep Mode of operation.
DRSV
The voltage on this pin provides the setpoint for output
voltage during Deeper Sleep Mode of operation.
12
1
2
3
4
5
6
7
8
9
10
11
13
14
15
16
17
18
19
VDD
DACOUT
DSV
FSET
NC
EN
DRSEN
DSEN
VID0
VID1
VID2
VID3
VID4
VID5
PGOOD
EA+
COMP
FB
SOFT
27
38
37
36
35
34
33
32
31
30
29
28
26
25
24
23
22
21
20
VBAT
ISEN
PHASE
UG
BOOT
VSSP
LG
VDDP
NC
NC
NC
NC
NC
NC
VSEN
DRSV
STV
OCSET
VSS
ISL6218
ISL6218


Similar Part No. - ISL6218CVZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6218CVZ INTERSIL-ISL6218CVZ Datasheet
410Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
ISL6218CVZ INTERSIL-ISL6218CVZ Datasheet
407Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
August 6, 2007
logo
Renesas Technology Corp
ISL6218CVZ RENESAS-ISL6218CVZ Datasheet
810Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV??and IMVP-IV?
logo
Intersil Corporation
ISL6218CVZA INTERSIL-ISL6218CVZA Datasheet
410Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
ISL6218CVZA INTERSIL-ISL6218CVZA Datasheet
407Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
August 6, 2007
More results

Similar Description - ISL6218CVZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6218CV INTERSIL-ISL6218CV Datasheet
407Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
August 6, 2007
ISL6218 INTERSIL-ISL6218 Datasheet
410Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
logo
Renesas Technology Corp
ISL6218 RENESAS-ISL6218 Datasheet
810Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV??and IMVP-IV?
logo
Intersil Corporation
ISL6217A INTERSIL-ISL6217A Datasheet
443Kb / 20P
   Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV??and IMVP-IV?
ISL6217ACV INTERSIL-ISL6217ACV Datasheet
437Kb / 20P
   Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV and IMVP-IV
June 30, 2005
logo
Renesas Technology Corp
ISL6217 RENESAS-ISL6217 Datasheet
309Kb / 19P
   Precision Multi-Phase Buck PWM Controller for Intel‚ Mobile Voltage Positioning IMVP-IV™ and IMVP-IV™
December 2006
ISL6217A RENESAS-ISL6217A Datasheet
877Kb / 20P
   Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV™ and IMVP-IV™
June 30, 2005
logo
Intersil Corporation
ISL6217 INTERSIL-ISL6217 Datasheet
307Kb / 19P
   Precision Multi-Phase Buck PWM Precision Multi-Phase Buck PWM Positioning IMVP-IV??and IMVP-IV
logo
Semtech Corporation
SC451 SEMTECH-SC451 Datasheet
25Kb / 1P
   Portable IMVP-IV??and IMVP-IV??Single Phase Power Supply Controller
logo
Analog Devices
ADP3205 AD-ADP3205 Datasheet
70Kb / 1P
   Multiphase IMVP-IV Core Controller for Mobile CPUs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com