Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6218CVZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL6218CVZ
Description  Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6218CVZ Datasheet(HTML) 3 Page - Intersil Corporation

  ISL6218CVZ Datasheet HTML 1Page - Intersil Corporation ISL6218CVZ Datasheet HTML 2Page - Intersil Corporation ISL6218CVZ Datasheet HTML 3Page - Intersil Corporation ISL6218CVZ Datasheet HTML 4Page - Intersil Corporation ISL6218CVZ Datasheet HTML 5Page - Intersil Corporation ISL6218CVZ Datasheet HTML 6Page - Intersil Corporation ISL6218CVZ Datasheet HTML 7Page - Intersil Corporation ISL6218CVZ Datasheet HTML 8Page - Intersil Corporation ISL6218CVZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
FN9101.6
August 6, 2007
Absolute Maximum Ratings
Thermal Information
Supply Voltage VDD, VDDP . . . . . . . . . . . . . . . . . . . . . . -0.3 to +7V
Battery Voltage, VBAT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+25V
Boot1 and UGATE1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+33V
Phase1 and ISEN1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+28V
Boot1 with respect to Phase1 . . . . . . . . . . . . . . . . . . . . . . . . . +6.5V
UGATE1. . . . . . . . . . . . . . . . . . . . (Phase1 - 0.3V) to (Boot1 + 0.3V)
All other pins . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to (VDD + 0.3V)
Recommended Operating Conditions
Supply Voltage, VDD, VDDP . . . . . . . . . . . . . . . . . . . . . . . +5V ±5%
Battery Voltage, VBAT . . . . . . . . . . . . . . . . . . . . . . . . . +5.6V to 21V
Ambient Temperature. . . . . . . . . . . . . . . . . . . . . . . . .-10°C to +85°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . .-10°C to +125°C
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
TSSOP Package (Note 1) . . . . . . . . . . . .
72
N/A
QFN Package (Notes 2, 3) . . . . . . . . . . .
32
4.5
Maximum Operating Junction Temperature. . . . . . . . . . . . . . +125°C
Maximum Storage Temperature Range . . . . . . . . . .-65°C to +150°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTE:
1.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
2.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
3. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
4. Limits established by characterization and are not production tested.
Electrical Specifications
Operating Conditions: VDD = 5V, TA = -10°C to +85°C, Unless Otherwise Specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
INPUT SUPPLY POWER
Input Supply Current, I(VDD)
EN = 3.3V, DSEN = 0, DRSEN = 0
-
1.4
-
mA
EN = 0V
-
1
-
µA
POR (Power-On Reset) Threshold
VDD Rising
4.39
4.45
4.5
V
VDD Falling
4.10
4.20
4.37
V
REFERENCE AND DAC
System Accuracy
Percent system deviation from programmed VID Codes @ 1.356
-0.8
-
0.8
%
DAC (VID0 to VID5) Input Low
Voltage
DAC Programming Input Low Threshold Voltage
-
-
0.3
V
DAC (VID0 to VID5) Input High
Voltage
DAC Programming Input High Threshold Voltage
0.7
-
-
V
Maximum Output Voltage
-
1.708
-
V
Minimum Output Voltage
-0.70
-
V
CHANNEL GENERATOR
Frequency, fSW
RFset = 243k, ±1%
225
250
275
kHz
Adjustment Range
250
-
500
kHz
ERROR AMPLIFIER
DC Gain
-
100
-
dB
Gain-Bandwidth Product
CL = 20pF
-
18
-
MHz
Slew Rate
CL = 20pF
-
4.0
-
V/µs
ISL6218


Similar Part No. - ISL6218CVZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6218CVZ INTERSIL-ISL6218CVZ Datasheet
410Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
ISL6218CVZ INTERSIL-ISL6218CVZ Datasheet
407Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
August 6, 2007
logo
Renesas Technology Corp
ISL6218CVZ RENESAS-ISL6218CVZ Datasheet
810Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV??and IMVP-IV?
logo
Intersil Corporation
ISL6218CVZA INTERSIL-ISL6218CVZA Datasheet
410Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
ISL6218CVZA INTERSIL-ISL6218CVZA Datasheet
407Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
August 6, 2007
More results

Similar Description - ISL6218CVZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6218CV INTERSIL-ISL6218CV Datasheet
407Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
August 6, 2007
ISL6218 INTERSIL-ISL6218 Datasheet
410Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
logo
Renesas Technology Corp
ISL6218 RENESAS-ISL6218 Datasheet
810Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV??and IMVP-IV?
logo
Intersil Corporation
ISL6217A INTERSIL-ISL6217A Datasheet
443Kb / 20P
   Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV??and IMVP-IV?
ISL6217ACV INTERSIL-ISL6217ACV Datasheet
437Kb / 20P
   Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV and IMVP-IV
June 30, 2005
logo
Renesas Technology Corp
ISL6217 RENESAS-ISL6217 Datasheet
309Kb / 19P
   Precision Multi-Phase Buck PWM Controller for Intel‚ Mobile Voltage Positioning IMVP-IV™ and IMVP-IV™
December 2006
ISL6217A RENESAS-ISL6217A Datasheet
877Kb / 20P
   Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV™ and IMVP-IV™
June 30, 2005
logo
Intersil Corporation
ISL6217 INTERSIL-ISL6217 Datasheet
307Kb / 19P
   Precision Multi-Phase Buck PWM Precision Multi-Phase Buck PWM Positioning IMVP-IV??and IMVP-IV
logo
Semtech Corporation
SC451 SEMTECH-SC451 Datasheet
25Kb / 1P
   Portable IMVP-IV??and IMVP-IV??Single Phase Power Supply Controller
logo
Analog Devices
ADP3205 AD-ADP3205 Datasheet
70Kb / 1P
   Multiphase IMVP-IV Core Controller for Mobile CPUs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com