Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6295CV Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL6295CV
Description  Low Voltage Fuel Gauge
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6295CV Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL6295CV Datasheet HTML 5Page - Intersil Corporation ISL6295CV Datasheet HTML 6Page - Intersil Corporation ISL6295CV Datasheet HTML 7Page - Intersil Corporation ISL6295CV Datasheet HTML 8Page - Intersil Corporation ISL6295CV Datasheet HTML 9Page - Intersil Corporation ISL6295CV Datasheet HTML 10Page - Intersil Corporation ISL6295CV Datasheet HTML 11Page - Intersil Corporation ISL6295CV Datasheet HTML 12Page - Intersil Corporation ISL6295CV Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
9
FN9074.2
February 8, 2011
in Sample mode as long as "Samp" bit equals ‘1’, the VP
voltage is above the VPOR threshold, and the Sample-Sleep
and Shelf-Sleep modes are not active. Run mode will be
resumed when the Samp bit is cleared to ‘0’.
The Sample mode rate is selected using the "SampDiv" bits
within the A/D Configuration Register. The sample interval is
given by (2SampDiv x 0.5) sec. The possible sample rate
intervals are as follows:
In Sample mode, much of the analog circuitry remains on.
Therefore, the power savings is not as great as in Sample-
Sleep Mode described below.
SAMPLE-SLEEP MODE
In Sample-Sleep Mode, the ISL6295 goes into sleep mode and
wakes up at a user-programmed interval to perform a set of
conversions as programmed for the A/D cycle. The purpose of
Sample-Sleep is to achieve the minimum power consumption
possible while periodically measuring specified parameters.
While the ISL6295 is in the sleep portion of the Sample-Sleep
interval, all of the analog circuitry is shut off, and the Sleep
interval time is derived from a less accurate ultra low power on-
chip oscillator that is separate from the primary oscillator.
During the active portion of Sample-Sleep Mode, a single set of
conversions is performed and RUN mode current will be
consumed for the duration of the measurements. While in
Sample-Sleep mode, the accumulation counters and timers will
still continue to run at an uninterrupted rate of 0.5s per update.
Sample-Sleep Mode is invoked by one of the following actions:
1. Cell voltage on VP drops below the trip point programmed
in the VCtrip register with the corresponding "VPent" bit set
in the TRIPctrl register (If GPAD is grounded). This action
can be used to prevent excessive battery discharge in the
event of a dangerously low cell voltage.
2. If GPAD is used for other analog input, the GPAD voltage
drops below the trip ponit programmed in the VCtrip register
with the corresponding “GPADent” bit set in the TRIPctrl
register.
3. Setting the “SSLP” bit in the OpMode register. The host can
take this action when the system is entering a low power
standby condition, and it is desireable to periodically update
measurements for current, voltage, and/or temperature
accumulation.
4. Magnitude of current measurement is less than the I-trip
register value when "Ient" bit is set in the Tripctrl register.
The Sample-Sleep interval is determined by the programming
of the "SampDiv" bits within the ADconfig register, together with
the "SSLPdiv" bits within the OpMode register. The sample
interval is 2SampDivx 2SSLPdivx 0.5sec. The possible Sample-
Sleep interval time therefore ranges from a minimum of 0.5sec
to over 136 minutes.
Exit from Sample-Sleep Mode to Run mode can be
accomplished by clearing the "SSLP" bit or by programming a
wake up based on pack voltage or current. Wake up based on
charge current will occur when the "Iex" bit is set in the TRIPcntl
register and the charging current value is above the threshold
programmed in the I+trip register. Wake up based on pack
voltage will occur when the "VPex" bit is set in the TRIPctrl
register and the pack voltage rises above the threshold
programmed in the VPtrip register.
SHELF-SLEEP MODE
Shelf-Sleep Mode is the lowest power mode and is intended to
preserve battery capacity when the battery pack is shipped or
stored or if the battery voltage drops below a specified
threshold. While in Shelf-Sleep mode, no ADC measurement is
taken, no accumulation is performed, and no SMBus
communications are recognized. In addition, volatile memory is
not maintained.
Entry to Shelf-Sleep Mode is enabled by programming the
“SHELF” bit in the OPmode register to ‘1’ or "Shent" bit in the
TRIPctrl register to ‘1’ and when VP is less than SStrip. The
Shelf Sleep mode will then be entered when the SMBus pins
(both SDA and SCL) drop from a high to a low level for a
minimum time period specified by tSHELF. This action will also
occur if the battery pack is physically disconnected from the
system.
Exit from the Shelf-Sleep mode back to Run mode will occur
when the SMBus pins (both SDA and SCL) are both pulled
from a low to a high state, and remain high for a minimum time
of tWAKE to signify system activity or connection of the pack to
the host.
General Purpose Input/Output
The NTC and GPAD pins have alternate functions of general
purpose I/O. IO0 and IO1 respectively. These pins can be
configured as digital General Purpose Inputs/Outputs if their
normal application functions of temperature and voltage
monitoring are not needed. Their configuration is controlled in
the GPIOctrl register.
The NTC/IO0 pin may be configured as a push-pull output, an
open-drain driver with internal pull-up, or as a three-stated pin.
When configured as a push-pull or open drain output, the
output high voltage is equal to the internally regulated supply
voltage, which is nominally at 3.3V. When the output function is
disabled, an external circuit may drive the pin as an input with a
voltage range of 0-3.3V. The input function may be used
whether or not the pin is driven by the ISL6295. In addition, the
input function may be disabled, in which case, the input buffer is
"SAMPDIV"
SAMPLE INTERVAL
Value = 0
0.5s
Value = 1
1.0s
Value = 2
2.0s
Value = 3
4.0s
Value = 4
8.0s
Value = 5
16.0s
Value = 6
32.0s
Value = 7
64.0s
ISL6295


Similar Part No. - ISL6295CV

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6295CV INTERSIL-ISL6295CV Datasheet
387Kb / 25P
   Low Voltage Fuel Gauge
logo
Renesas Technology Corp
ISL6295CV RENESAS-ISL6295CV Datasheet
965Kb / 25P
   Low Voltage Fuel Gauge
logo
Intersil Corporation
ISL6295CV-T INTERSIL-ISL6295CV-T Datasheet
387Kb / 25P
   Low Voltage Fuel Gauge
logo
Renesas Technology Corp
ISL6295CV-T RENESAS-ISL6295CV-T Datasheet
965Kb / 25P
   Low Voltage Fuel Gauge
ISL6295CVZ RENESAS-ISL6295CVZ Datasheet
965Kb / 25P
   Low Voltage Fuel Gauge
More results

Similar Description - ISL6295CV

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6295 INTERSIL-ISL6295 Datasheet
387Kb / 25P
   Low Voltage Fuel Gauge
logo
Renesas Technology Corp
ISL6295 RENESAS-ISL6295 Datasheet
965Kb / 25P
   Low Voltage Fuel Gauge
logo
Maxim Integrated Produc...
DS2780 MAXIM-DS2780_09 Datasheet
492Kb / 31P
   Standalone Fuel Gauge IC
5/09
logo
Texas Instruments
BQ34Z100-G1 TI1-BQ34Z100-G1 Datasheet
1Mb / 65P
[Old version datasheet]   Wide Range Fuel Gauge
logo
Maxim Integrated Produc...
DS2751 MAXIM-DS2751_V01 Datasheet
253Kb / 19P
   Multichemistry Battery Fuel Gauge
2007
MAX17047 MAXIM-MAX17047 Datasheet
3Mb / 47P
   ModelGauge m3 Fuel Gauge
Rev 2; 4/12
logo
ON Semiconductor
LC709203F ONSEMI-LC709203F Datasheet
911Kb / 23P
   Smart LiB Gauge Battery Fuel Gauge LSI
March 2015- Rev. 8
LC709203F ONSEMI-LC709203F_16 Datasheet
1Mb / 22P
   Smart LiB Gauge Battery Fuel Gauge LSI
June 2016 - Rev. 9
logo
Texas Instruments
BQ27520-G1 TI1-BQ27520-G1_15 Datasheet
1,022Kb / 49P
[Old version datasheet]   Fuel Gauge With Integrated LDO
logo
Silicon Mitus, Inc.
SM5603 SILICONMITUS-SM5603 Datasheet
589Kb / 2P
   Fuel Gauge for Battery Pack
July 2021 Rev0.0.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com