Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6218CVZA Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL6218CVZA
Description  Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6218CVZA Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL6218CVZA Datasheet HTML 6Page - Intersil Corporation ISL6218CVZA Datasheet HTML 7Page - Intersil Corporation ISL6218CVZA Datasheet HTML 8Page - Intersil Corporation ISL6218CVZA Datasheet HTML 9Page - Intersil Corporation ISL6218CVZA Datasheet HTML 10Page - Intersil Corporation ISL6218CVZA Datasheet HTML 11Page - Intersil Corporation ISL6218CVZA Datasheet HTML 12Page - Intersil Corporation ISL6218CVZA Datasheet HTML 13Page - Intersil Corporation ISL6218CVZA Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
FN9101.6
August 6, 2007
Active, Deep Sleep and Deeper Sleep Modes
The ISL6218 Single-Phase Controller is designed to control
the CORE output voltage as per the IMVP-IVspecifications
for Active, Deep Sleep, and Deeper Sleep Modes of
Operation.
After initial start-up, a logic high signal on DSEN and a logic
low signal on DRSEN signals the ISL6218 to operate in
Active mode (refer to Table 2). This mode will recognize VID
code changes and regulate the output voltage to these
command voltages.
A logic low signal present on STPCPU (pin DSEN), with a
logic low signal on DPRSLPVR (pin DRSEN) signals the
ISL6218 to reduce the CORE output voltage to the Deep
Sleep level, the voltage on the DSV pin.
A logic high on DPRSLPVR (pin DRSEN), with a logic low
signal on STPCPU (pin DSEN), signals the ISL6218
controller to further reduce the CORE output voltage to the
Deeper Sleep level, which is the voltage on the DRSV pin.
Deep Sleep and Deeper Sleep voltage levels are
programmable and are explained in “STV, DSV and DRSV”
on page 12.
VID5
VID4
VID3
VID2
VID1
VID0
VDAC
01
0
1
0
0
1.388
01
0
1
0
1
1.372
01
0
1
1
0
1.356
01
0
1
1
1
1.340
01
1
0
0
0
1.324
01
1
0
0
1
1.308
01
1
0
1
0
1.292
01
1
0
1
1
1.276
01
1
1
0
0
1.260
01
1
1
0
1
1.244
01
1
1
1
0
1.228
01
1
1
1
1
1.212
10
0
0
0
0
1.196
10
0
0
0
1
1.180
10
0
0
1
0
1.164
10
0
0
1
1
1.148
10
0
1
0
0
1.132
10
0
1
0
1
1.116
10
0
1
1
0
1.100
10
0
1
1
1
1.084
10
1
0
0
0
1.068
10
1
0
0
1
1.052
10
1
0
1
0
1.036
10
1
0
1
1
1.020
10
1
1
0
0
1.004
10
1
1
0
1
0.988
10
1
1
1
0
0.972
10
1
1
1
1
0.956
11
0
0
0
0
0.940
11
0
0
0
1
0.924
11
0
0
1
0
0.908
11
0
0
1
1
0.892
11
0
1
0
0
0.876
11
0
1
0
1
0.860
11
0
1
1
0
0.844
11
0
1
1
1
0.828
11
1
0
0
0
0.812
11
1
0
0
1
0.796
11
1
0
1
0
0.780
11
1
0
1
1
0.764
TABLE 1. INTEL IMPV-IV VID CODES (Continued)
VID5
VID4
VID3
VID2
VID1
VID0
VDAC
1
1
1
1
0
0
0.748
1
1
1
1
0
1
0.732
1
1
1
1
1
0
0.716
1
1
1
1
1
1
0.700
TABLE 2. OUTPUT VOLTAGE AS A FUNCTION OF DSEN
AND DRSEN LOGIC STATES
DSEN -
STP_CPU
DRSEN -
DPRSLPVR
MODE OF
OPERATION
OUTPUT
VOLTAGE
1
0
Active
VID
0
0
Deep Sleep
DSV
0
1
Deeper Sleep
DRSV
1
1
Deeper Sleep
DRSV
TABLE 1. INTEL IMPV-IV VID CODES (Continued)
ISL6218


Similar Part No. - ISL6218CVZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6218CVZA INTERSIL-ISL6218CVZA Datasheet
410Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
ISL6218CVZA INTERSIL-ISL6218CVZA Datasheet
407Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
August 6, 2007
logo
Renesas Technology Corp
ISL6218CVZA RENESAS-ISL6218CVZA Datasheet
810Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV??and IMVP-IV?
More results

Similar Description - ISL6218CVZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6218CV INTERSIL-ISL6218CV Datasheet
407Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
August 6, 2007
ISL6218 INTERSIL-ISL6218 Datasheet
410Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
logo
Renesas Technology Corp
ISL6218 RENESAS-ISL6218 Datasheet
810Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV??and IMVP-IV?
logo
Intersil Corporation
ISL6217A INTERSIL-ISL6217A Datasheet
443Kb / 20P
   Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV??and IMVP-IV?
ISL6217ACV INTERSIL-ISL6217ACV Datasheet
437Kb / 20P
   Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV and IMVP-IV
June 30, 2005
logo
Renesas Technology Corp
ISL6217 RENESAS-ISL6217 Datasheet
309Kb / 19P
   Precision Multi-Phase Buck PWM Controller for Intel‚ Mobile Voltage Positioning IMVP-IV™ and IMVP-IV™
December 2006
ISL6217A RENESAS-ISL6217A Datasheet
877Kb / 20P
   Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV™ and IMVP-IV™
June 30, 2005
logo
Intersil Corporation
ISL6217 INTERSIL-ISL6217 Datasheet
307Kb / 19P
   Precision Multi-Phase Buck PWM Precision Multi-Phase Buck PWM Positioning IMVP-IV??and IMVP-IV
logo
Semtech Corporation
SC451 SEMTECH-SC451 Datasheet
25Kb / 1P
   Portable IMVP-IV??and IMVP-IV??Single Phase Power Supply Controller
logo
Analog Devices
ADP3205 AD-ADP3205 Datasheet
70Kb / 1P
   Multiphase IMVP-IV Core Controller for Mobile CPUs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com