Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC06XS4200 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MC06XS4200
Description  Dual 24 V, 6.0 mOhm High Side Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC06XS4200 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MC06XS4200 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC06XS4200 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC06XS4200 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC06XS4200 Datasheet HTML 4Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
• Two fully-protected 6.0 mΩ (@ 25 °C) high side switches
• Up to 9.0 A steady state current perchannel
• Separate bulb and DC motor latched over-current handling
• Fail-safe mode when microcontroller communication is lost
• Sleep mode with minimal supply current (< 10μA @ 24 V)
• Parallel output operating mode with improved switching synchronization
• Individually programmable internal/external PWM clock signals
• Over-current, short-circuit, and over-temperature protection with programmable autoretry
functions
• Accurate temperature and current sensing
• Open-load detection (channel in OFF & ON state), also for LED applications (7.0 mA typ.)
• Normal operating range: 8.0 to 36 V, extended range: 6.0 to 58 V
• 3.3 V and 5.0 V compatible 16-bit SPI port for device control, configuration and diagnostics at
rates up to 8.0 MHz
Features
• Offer an intelligent high-side switch for 24 V truck and bus applications
• Allow decentralized lighting management (autonomous operation)
• Provide a high number of protective and diagnostic functions
• Allow to drive bulb lamps (Tungsten filament), LED lights and DC-motors
• Guarantee full functional and electrical compatibility between family members
• Offer a 16-bit SPI interface for daisy chaining multiple devices
• Allows multiple channel & device current sensing with only one precision resistor
Benefits


Similar Part No. - MC06XS4200

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC06XS4200 NXP-MC06XS4200 Datasheet
1Mb / 69P
   Dual 24 V, 6.0 mOhm high-side switch
Rev. 5.0, 5/2018
More results

Similar Description - MC06XS4200

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
06XS4200 FREESCALE-06XS4200 Datasheet
2Mb / 61P
   Dual 24 V 6.0 mOhm High Side Switch
logo
NXP Semiconductors
MC06XS4200 NXP-MC06XS4200 Datasheet
1Mb / 69P
   Dual 24 V, 6.0 mOhm high-side switch
Rev. 5.0, 5/2018
MC06XSD200 NXP-MC06XSD200 Datasheet
3Mb / 59P
   Dual 6.0 mOhm High Side Switch
Rev. 3.0, 12/2013
logo
Freescale Semiconductor...
06XSD200 FREESCALE-06XSD200 Datasheet
1Mb / 60P
   Dual 6.0 mOhm High Side Switch
MC10XS4200 FREESCALE-MC10XS4200 Datasheet
1Mb / 60P
   Dual 24 V, 10 mOhm High Side Switch
logo
NXP Semiconductors
MC22XSD200 NXP-MC22XSD200 Datasheet
1Mb / 58P
   Dual 24 V, 22 mOhm high-side switch
Rev. 2.0, 8/2016
MC10XS4200 NXP-MC10XS4200 Datasheet
2Mb / 71P
   Dual 24 V, 10 mOhm high-side switch
Rev. 8, 3/2022
logo
Freescale Semiconductor...
MC20XS4200 FREESCALE-MC20XS4200 Datasheet
1Mb / 60P
   Dual 24 V, 20 mOhm High Side Switch
logo
NXP Semiconductors
MC50XSD200 NXP-MC50XSD200 Datasheet
1Mb / 58P
   Dual 24 V, 50 mOhm high-side switch
Rev. 2.0, 8/2016
MC50XS4200 NXP-MC50XS4200 Datasheet
1Mb / 66P
   Dual 24 V, 50 mOhm high-side switch
Rev. 5.0, 6/2018
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com