Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34826-9126 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 34826-9126
Description  Mini50 Unsealed, Dual Row, Vertical Header, 12 Circuit, Polarization Option C,Dark Gray, Tray
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

34826-9126 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  34826-9126 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 07/09/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
34826-9126
Status:
Active
Overview:
Mini50™ Connection Systems
Description:
Mini50™ Unsealed, Dual Row, Right-Angle Header, 12 Circuit, Polarization Option C,
Dark Gray, Tube
Documents:
3D Model
Application Specification AS-34791-020 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Headers
Series
34826
Application
Power, Signal, Wire-to-Board
Overview
Mini50™ Connection Systems
Product Name
Mini50™
UPC
887191338392
Physical
Breakaway
No
Circuits (Loaded)
12
Circuits (maximum)
12
Color - Resin
Gray (Dark)
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Nickel
Material - Resin
Polyester Alloy
Number of Rows
2
Orientation
Right Angle
PC Tail Length
2.90mm
PCB Locator
Yes
Packaging Type
Tube
Pitch - Mating Interface
2.00mm
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
3A
Voltage - Maximum
500V
Material Info
Reference - Drawing Numbers
Application Specification
AS-34791-020
Sales Drawing
SD-34826-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
34826Series
Mates With
34824 Mini50™ Unsealed Dual Row
Receptacle
Use With
560023 CTX50 Receptacle Terminal
Unsealed
This document was generated on 07/09/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 34826-9126

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
34826-9124 MOLEX11-34826-9124 Datasheet
51Kb / 1P
   Mini50 Unsealed, Dual Row, Vertical Header, 12 Circuit, Polarization Option A,Black, Tube
34826-9125 MOLEX11-34826-9125 Datasheet
51Kb / 1P
   Mini50 Unsealed, Dual Row, Vertical Header, 12 Circuit, Polarization Option B, Gray Tube
More results

Similar Description - 34826-9126

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
34826-0126 MOLEX11-34826-0126 Datasheet
52Kb / 2P
   Mini50 Unsealed, Dual Row, Vertical Header, 12 Circuit, Polarization Option C,Dark Gray, Tray
0348250126 MOLEX1-0348250126 Datasheet
47Kb / 2P
   Mini50 Unsealed Vertical Header, Dual Row, 12 Circuit, Polarization Option C, Dark Gray, Tray
0348250162 MOLEX1-0348250162 Datasheet
56Kb / 2P
   Mini50 Unsealed Vertical Header, Dual Row, 16 Circuit, Polarization Option C, Dark Gray, Tray
0348250242 MOLEX1-0348250242 Datasheet
54Kb / 2P
   Mini50 Unsealed Vertical Header, Dual Row, 24 Circuit, Polarization Option C, Dark Gray, Tray
0348250202 MOLEX1-0348250202 Datasheet
54Kb / 2P
   Mini50 Unsealed Vertical Header, Dual Row, 20 Circuit, Polarization Option C, Dark Gray, Tray
0348260126 MOLEX1-0348260126 Datasheet
47Kb / 2P
   Mini50 Unsealed Right Angle Header, Dual Row, 12 Circuit, Polarization Option C, Dark Gray, Tray
0347920082 MOLEX1-0347920082 Datasheet
49Kb / 2P
   Mini50 Unsealed Vertical Header, Single Row, 8 Circuit, Polarization Option C, Dark Gray, Tray
0347920042 MOLEX1-0347920042 Datasheet
48Kb / 2P
   Mini50 Unsealed Vertical Header, Single Row, 4 Circuit, Polarization Option C, Dark Gray, Tray
0349580382 MOLEX1-0349580382 Datasheet
46Kb / 2P
   Mini50 Unsealed Vertical Header, 3 Rows, 38 Circuit, Polarization Option C, Dark Gray, Tray
0348250125 MOLEX1-0348250125 Datasheet
47Kb / 2P
   Mini50 Unsealed Vertical Header, Dual Row, 12 Circuit, Polarization Option B, Gray, Tray
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com