Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC13192FC Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MC13192FC
Description  2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13192FC Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MC13192FC Datasheet HTML 1Page - Freescale Semiconductor, Inc MC13192FC Datasheet HTML 2Page - Freescale Semiconductor, Inc MC13192FC Datasheet HTML 3Page - Freescale Semiconductor, Inc MC13192FC Datasheet HTML 4Page - Freescale Semiconductor, Inc MC13192FC Datasheet HTML 5Page - Freescale Semiconductor, Inc MC13192FC Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13192FC Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13192FC Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13192FC Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Features
MC13192 Technical Data, Rev. 3.3
2
Freescale Semiconductor
For more detailed information about MC13192 operation, refer to the MC13192 Reference Manual,
(MC13192RM).
Applications include, but are not limited to, the following:
Remote control and wire replacement in industrial systems such as wireless sensor networks
Factory automation and motor control
Energy Management (lighting, HVAC, etc.)
Asset tracking and monitoring
Potential consumer applications include:
Home automation and control (lighting, thermostats, etc.)
Human interface devices (keyboard, mice, etc.)
Remote control
Wireless toys
The transceiver includes a low noise amplifier, 1.0 mW power amplifier (PA), PLL with internal voltage
controlled oscillator (VCO), on-board power supply regulation, and full spread-spectrum encoding and
decoding. The device supports 250 kbps Offset-Quadrature Phase Shift Keying (O-QPSK) data in 2.0
MHz channels with 5.0 MHz channel spacing per the 802.15.4 Standard. The SPI port and interrupt request
output are used for receive (RX) and transmit (TX) data transfer and control.
2Features
Supports 250 kbps O-QPSK data in 5.0 MHz channels and full spread-spectrum encode and decode
(compatible with the 802.15.4 Standard)
Operates on one of 16 selectable channels in the 2.4 GHz band
RX sensitivity of <-92 dBm (typical) at 1.0% packet error rate
0 dBm nominal, programmable from -27 dBm to 4 dBm typical maximum output power
Recommended power supply range: 2.0 to 3.4 V
Buffered transmit and receive data packets for simplified use with low cost MCUs
Three power down modes for power conservation:
— < 1 µA Off current
— 1 µA Typical Hibernate current
— 35 µA Typical Doze current (no CLKO)
Four internal timer comparators available to supplement MCU resource
Programmable frequency clock output (CLKO) for use by MCU
Onboard trim capability for 16 MHz crystal reference oscillator eliminates need for external
variable capacitors and allows for automated production frequency calibration.
Seven general purpose input/output (GPIO) signals
Operating temperature range: -40 °C to 85 °C
Small form factor QFN-32 Package


Similar Part No. - MC13192FC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC13192FC FREESCALE-MC13192FC Datasheet
379Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13192FCR2 FREESCALE-MC13192FCR2 Datasheet
379Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
More results

Similar Description - MC13192FC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC13201 FREESCALE-MC13201 Datasheet
340Kb / 26P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13202 FREESCALE-MC13202_07 Datasheet
367Kb / 30P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13201 FREESCALE-MC13201_08 Datasheet
344Kb / 28P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13202 FREESCALE-MC13202 Datasheet
366Kb / 30P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13192 FREESCALE-MC13192 Datasheet
340Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13202 FREESCALE-MC13202_08 Datasheet
360Kb / 30P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13192 FREESCALE-MC13192_08 Datasheet
379Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13192 FREESCALE-MC13192_07 Datasheet
329Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC13201 FREESCALE-MC13201_07 Datasheet
349Kb / 28P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC13202_0812 FREESCALE-MC13202_0812 Datasheet
366Kb / 30P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com