Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UGB10GCT Datasheet(PDF) 1 Page - General Semiconductor

Part # UGB10GCT
Description  ULTRAFAST SOFT RECOVERY RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

UGB10GCT Datasheet(HTML) 1 Page - General Semiconductor

  UGB10GCT Datasheet HTML 1Page - General Semiconductor UGB10GCT Datasheet HTML 2Page - General Semiconductor UGB10GCT Datasheet HTML 3Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
4
4//9
98
8
U
UG
GB
B1
10
0F
FC
CT
T A
AN
ND
D U
UG
GB
B1
10
0G
GC
CT
T
U
UL
LT
TR
RA
AF
FA
AS
ST
T S
SO
OF
FT
T R
RE
EC
CO
OV
VE
ER
RY
Y R
RE
EC
CT
TIIF
FIIE
ER
R
R
Re
ev
ve
errs
se
e V
Vo
olltta
ag
ge
e - 300-400 Volts F
Fo
orrw
wa
arrd
d C
Cu
urrrre
en
ntt - 10.0 Amperes
F
FE
EA
AT
TU
UR
RE
ES
S
♦ Plastic package has Underwriters Laboratories
Flammability Classification 94V-0
♦ Ideally suited for free wheeling diode power factor
correction applications
♦ Soft recovery characteristics
♦ Excellent high temperature switching
♦ Optimized to reduce switching losses
♦ High temperature soldering in accordance with
CECC 802 / Reflow guaranteed
♦ Glass passivated chip junction
M
ME
EC
CH
HA
AN
NIIC
CA
AL
L D
DA
AT
TA
A
C
Ca
as
se
e:: JEDEC TO-263AB molded plastic body
T
Te
errm
miin
na
alls
s:: Plated leads, solderable per MIL-STD-750,
Method 2026
P
Po
olla
arriitty
y:: As marked
M
Mo
ou
un
nttiin
ng
g P
Po
os
siittiio
on
n:: Any
M
Mo
ou
un
nttiin
ng
g T
To
orrq
qu
ue
e:: 5 in. - lbs. max.
W
We
eiig
gh
htt:: 0.08 ounce, 2.24 grams
M
MA
AX
XIIM
MU
UM
M R
RA
AT
TIIN
NG
GS
S A
AN
ND
D E
EL
LE
EC
CT
TR
RIIC
CA
AL
L C
CH
HA
AR
RA
AC
CT
TE
ER
RIIS
ST
TIIC
CS
S
Ratings at 25°C ambient temperature unless otherwise specified.
S
SY
YM
MB
BO
OL
LS
S
U
UG
GB
B1
10
0F
FC
CT
T
U
UG
GB
B1
10
0G
GC
CT
T
U
UN
NIIT
TS
S
Maximum repetitive peak reverse voltage
VRRM
300
400
Volts
Working peak reverse voltage
VRWM
225
300
Volts
Maximum RMS voltage
VRMS
210
280
Volts
Maximum DC blocking voltage
VDC
300
400
Volts
Maximum average forward rectified current at TC=100°C
I(AV)
10
Amps
Peak forward surge current
8.3ms single half sine-wave superimposed
IFSM
60A
Amps
on rated load (JEDEC Method) per leg
Maximum instantaneous forward voltage per leg
TJ=25°C
1.30
Volts
IF= 5A
TJ=150°C
VF
1.05
Maximum reverse leakage current
TJ=25°C
10
at working peak reverse voltage
TJ=100°C
IR
200
µA
Maximum Reverse recovery time per leg at
IF=1.0A, di/dt=100A/
µs, VR=30V, Irr=0.1 IRM
trr
50
ns
Maximum reverse recovery time per leg at IF=0.5A, IR=1.0A, Irr=0.25A
trr
35
ns
Maximum reverse recovery current per leg at
IF=5A, di/dt=50A/
µs,VR=30V
TC=100°C
IRM
3.0
Amps
Maximum stored charge per leg
IF=2A, di/dt=20A/
µs, VR=30V, Irr=0.1 IRM
Qrr
50
nC
Typical thermal resistance from junction to case per leg
R
ΘJC
4.5
°C/W
Operating junction and storage temperature range
TJ, TSTG
-40 to +150
°C
N
NO
OT
TE
E:: (1) Pulse test: 300
µs pulse width, 1% duty cycle
N
NO
OT
TIIC
CE
E:: Advanced product information is subject to change without notice
Dimensions in inches and (millimeters)
ADVANCED INFORMATION
ADVANCED INFORMATION
ADVANCED INFORMATION
T
TO
O--2
26
63
3A
AB
B


Similar Part No. - UGB10GCT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UGB10GCT VISHAY-UGB10GCT Datasheet
47Kb / 3P
   Dual Ultrafast Soft Recovery Rectifier
15-Apr-02
More results

Similar Description - UGB10GCT

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
UGB8HT GE-UGB8HT Datasheet
39Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER
UGF10ACT GE-UGF10ACT Datasheet
85Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER
UG10ACT GE-UG10ACT Datasheet
100Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER
UGB10ACT GE-UGB10ACT Datasheet
86Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER
UG8FT GE-UG8FT Datasheet
37Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER
UGF8HT GE-UGF8HT Datasheet
135Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER
UG8HT GE-UG8HT Datasheet
41Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER
UGF10FCT GE-UGF10FCT Datasheet
85Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER
UGF8FT GE-UGF8FT Datasheet
137Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER
UG10FCT GE-UG10FCT Datasheet
51Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com