Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UGB8HT Datasheet(PDF) 2 Page - General Semiconductor

Part # UGB8HT
Description  ULTRAFAST SOFT RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

UGB8HT Datasheet(HTML) 2 Page - General Semiconductor

  UGB8HT Datasheet HTML 1Page - General Semiconductor UGB8HT Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CASE TEMPERATURE, °C
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
REVERSE VOLTAGE, VOLTS
TJ, JUNCTION TEMPERATURE, °C
NUMBER OF CYCLES AT 60 HZ
8ms SINGLE HALF SINE WAVE
(JEDEC METHOD)
TJ=TJ max.
TJ=25°C
PULSE WIDTH=300
µs
1% DUTY CYCLE
TJ=125°C
TJ=100°C
TJ=25°C
di/dt=240A/
µs
di/dt=60A/
µs
di/dt=50A/
µs
di/dt=50A/
µs
di/dt=60A/
µs
di/dt=240A/
µs
TJ=25°C
f=1.0 MHZ
Vsig=50mVp-p
F
FIIG
G.. 1
1 -- F
FO
OR
RW
WA
AR
RD
D C
CU
UR
RR
RE
EN
NT
T D
DE
ER
RA
AT
TIIV
VE
E C
CU
UR
RV
VE
E
F
FIIG
G.. 2
2 -- M
MA
AX
XIIM
MU
UM
M N
NO
ON
N--R
RE
EP
PE
ET
TIIT
TIIV
VE
E P
PE
EA
AK
K
F
FO
OR
RW
WA
AR
RD
D S
SU
UR
RG
GE
E C
CU
UR
RR
RE
EN
NT
T
F
FIIG
G.. 4
4 -- T
TY
YP
PIIC
CA
AL
L IIN
NS
ST
TA
AN
NT
TA
AN
NE
EO
OU
US
S F
FO
OR
RW
WA
AR
RD
D
C
CH
HA
AR
RA
AC
CT
TE
ER
RIIS
ST
TIIC
CS
S
F
FIIG
G.. 3
3 -- T
TY
YP
PIIC
CA
AL
L R
RE
EV
VE
ER
RS
SE
E C
CH
HA
AR
RA
AC
CT
TE
ER
RIIS
ST
TIIC
CS
S
F
FIIG
G.. 6
6 -- R
RE
EV
VE
ER
RS
SE
E S
SW
WIIT
TC
CH
HIIN
NG
G C
CH
HA
AR
RA
AC
CT
TE
ER
RIIS
ST
TIIC
CS
S
F
FIIG
G.. 5
5 -- T
TY
YP
PIIC
CA
AL
L J
JU
UN
NC
CT
TIIO
ON
N C
CA
AP
PA
AC
CIIT
TA
AN
NC
CE
E
Qrr
trr
RESISTIVE OR INDUCTIVE LOAD
IF=8.0A
VR=30V
R
RA
AT
TIIN
NG
GS
S A
AN
ND
D C
CH
HA
AR
RA
AC
CT
TE
ER
RIIS
ST
TIIC
C C
CU
UR
RV
VE
ES
S U
UG
GB
B8
8H
HT
T A
AN
ND
D U
UG
GB
B8
8J
JT
T


Similar Part No. - UGB8HT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UGB8HT VISHAY-UGB8HT Datasheet
144Kb / 5P
   High Voltage Ultrafast Rectifier
Revision: 12-Nov-07
More results

Similar Description - UGB8HT

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
UGF10ACT GE-UGF10ACT Datasheet
85Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER
UG10ACT GE-UG10ACT Datasheet
100Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER
UGB10ACT GE-UGB10ACT Datasheet
86Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER
UG8FT GE-UG8FT Datasheet
37Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER
UGF8HT GE-UGF8HT Datasheet
135Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER
UG8HT GE-UG8HT Datasheet
41Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER
UGF10FCT GE-UGF10FCT Datasheet
85Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER
UGF8FT GE-UGF8FT Datasheet
137Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER
UG10FCT GE-UG10FCT Datasheet
51Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER
UGB10FCT GE-UGB10FCT Datasheet
43Kb / 3P
   ULTRAFAST SOFT RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com