Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMAJ5921B Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SMAJ5921B
Description  1.5 Watt Zener Diode 3.3 to 51 Volts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMAJ5921B Datasheet(HTML) 1 Page - Micro Commercial Components

  SMAJ5921B Datasheet HTML 1Page - Micro Commercial Components SMAJ5921B Datasheet HTML 2Page - Micro Commercial Components SMAJ5921B Datasheet HTML 3Page - Micro Commercial Components SMAJ5921B Datasheet HTML 4Page - Micro Commercial Components SMAJ5921B Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SMAJ5913B
THRU
SMAJ5942B
1.5 Watt
Zener Diode
3.3 to 51 Volts
Features
Low Zener Impedance
Low Regulation Factor
VZ – tolerance:
f
5%
For Surface Mount Applications
MaximumRatings
Junction Temperature: 150
Storage Temperature: -65
to +175
1.5 Watt DC Power Dissipation
Thermal Resistance Junction to Lead: 50 /W
0.0
70"
0.0
90 ”
0.058 ”
SUGGESTED SOLDER
PAD LAYOUT
MA X
MI N
MI N
DO-214AC
(SMAJ)( LEAD FRAME)





DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.079
.096
2.00
2.44
B
.050
.064
1.27
1.63
C
.002
.008
.05
.20
D
---
.02
---
.51
E
.030
.060
.76
1.52
F
.065
.091
1.65
2.32
G
.189
.220
4.80
5.59
H
.157
.181
4.00
4.60
J
.090
.115
2.25
2.92
H
J
E
F
G
A
B
D
C
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
(TL
75
)
1 of 5
Forward Voltage @ 200mA: 1.5 Volts
MCC
TM
Micro Commercial Components
www.mccsemi.com
Revision:
A
20
11/01/01
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1.
High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1


Similar Part No. - SMAJ5921B

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SMAJ5921B BILIN-SMAJ5921B Datasheet
153Kb / 4P
   Surface mount zener diode
More results

Similar Description - SMAJ5921B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N5913B MCC-1N5913B_12 Datasheet
263Kb / 3P
   1.5 Watt Zener Diode 3.3 to 51 Volts
DL5918B MCC-DL5918B Datasheet
219Kb / 3P
   1.5 Watt Zener Diode 5.1 to 51 Volts
SMAJ5913B MCC-SMAJ5913B_18 Datasheet
446Kb / 5P
   1.5 Watt Zener Diode 3.3 to 4.7 Volts
1N5339B-TP MCC-1N5339B-TP Datasheet
333Kb / 6P
   5 Watt Zener Diode 5.1 to 51 Volts
logo
Central Semiconductor C...
1N5913B CENTRAL-1N5913B Datasheet
347Kb / 2P
   SILICON ZENER DIODE 1.5 WATT, 3.3 THRU 200 VOLTS
logo
Solid States Devices, I...
Z00008G SSDI-Z00008G Datasheet
125Kb / 2P
   1.5 WATT 3.3 ??200 VOLTS ZENER DIODES
Z00012C SSDI-Z00012C Datasheet
118Kb / 2P
   1.5 WATT 3.3 ??200 VOLTS ZENER DIODES
logo
Micro Commercial Compon...
1N5926B MCC-1N5926B Datasheet
124Kb / 4P
   1.5 Watt Zener Diode 11 to 200 Volts
SMAJ5918B MCC-SMAJ5918B Datasheet
464Kb / 5P
   1.5 Watt Zener Diode 5.1 to 200 Volts
SMAJ5925BHE3 MCC-SMAJ5925BHE3 Datasheet
565Kb / 5P
   1.5 Watt Zener Diode 10 to 200 Volts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com