Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP705CN-L Datasheet(PDF) 11 Page - Exar Corporation

Part # SP705CN-L
Description  Low Power Microprocessor Supervisory Circuits
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP705CN-L Datasheet(HTML) 11 Page - Exar Corporation

Back Button SP705CN-L Datasheet HTML 7Page - Exar Corporation SP705CN-L Datasheet HTML 8Page - Exar Corporation SP705CN-L Datasheet HTML 9Page - Exar Corporation SP705CN-L Datasheet HTML 10Page - Exar Corporation SP705CN-L Datasheet HTML 11Page - Exar Corporation SP705CN-L Datasheet HTML 12Page - Exar Corporation SP705CN-L Datasheet HTML 13Page - Exar Corporation SP705CN-L Datasheet HTML 14Page - Exar Corporation SP705CN-L Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
S
SP
P7
70
05
5--S
SP
P7
70
08
8--S
SP
P8
81
13
3L
L
L
Lo
ow
w P
Po
ow
we
err M
Miiccrro
op
prro
occe
es
ss
so
orr S
Su
up
pe
errv
viis
so
orry
y C
Ciirrccu
uiitts
s
© 2010 Exar Corporation
11/17
Rev. 2.0.0
MONITORING VOLTAGES OTHER THAN THE
UNREGULATED DC INPUT
Monitor voltages other than the unregulated
DC by connecting a voltage divider to PFI and
adjusting the ratio appropriately. If required,
add hysteresis by connecting a resistor (with a
value approximately 10 times the sum of the
two resistors in the potential divider network)
between PFI and PFO. A capacitor between PFI
and GND will reduce the power-fail circuit's
sensitivity to high-frequency noise on the line
being monitored. RESET can be used to
monitor voltages other than the +5V VCC line.
Connect PFO to MR to initiate a RESET pulse
when PFI drops below 1.25V. Figure 21 shows
the SP705/706/707/708 configured to assert
RESET when the +5V supply falls below the
RESET threshold, or when the +12V supply
falls below approximately 11V.
Fig. 21: Monitoring +5V and +12V Power Supplies
MONITORING A NEGATIVE VOLTAGE SUPPLY
The power-fail comparator can also monitor a
negative supply rail, shown in Figure 22. When
the negative rail is good (a negative voltage of
large magnitude), PFO is LOW. By adding the
resistors and transistor as shown, a HIGH PFO
triggers RESET. As long as PFO remains HIGH,
the SP705-708/813L will keep RESET asserted
(where RESET = LOW and RESET = HIGH).
Note that this circuit's accuracy depends on
the PFI threshold tolerance, the VCC line, and
the resistors.
Fig. 22: Monitoring a Negative Voltage Supply
INTERFACING TO µPS WITH BIDIRECTIONAL
RESET PINS
µPs with bidirectional RESET pins, such as the
Motorola 68HC11 series, can contend with the
SP705/706/707/708 RESET output. If, for
example, the RESET output is driven HIGH and
the µP wants to pull it LOW, indeterminate
logic levels may result. To correct this,
connect a 4.7KΩ resistor between the RESET
output and the µP reset I/O, as shown if
Figure 23. Buffer the RESET output to other
system components.


Similar Part No. - SP705CN-L

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP705CN-L/TR EXAR-SP705CN-L/TR Datasheet
1Mb / 18P
   Low Power Microprocessor Supervisory Circuits
More results

Similar Description - SP705CN-L

ManufacturerPart #DatasheetDescription
logo
Shanghai Consonance Ele...
CN705 CONSONANCE-CN705 Datasheet
390Kb / 14P
   Low Power Microprocessor Supervisory Circuits
logo
Sipex Corporation
SP706REN-L SIPEX-SP706REN-L Datasheet
201Kb / 18P
   Low Power Microprocessor Supervisory Circuits
SP707EN-L SIPEX-SP707EN-L Datasheet
201Kb / 18P
   Low Power Microprocessor Supervisory Circuits
logo
Exar Corporation
SP705 EXAR-SP705 Datasheet
1Mb / 18P
   Low Power Microprocessor Supervisory Circuits
logo
Sipex Corporation
SP705 SIPEX-SP705 Datasheet
197Kb / 18P
   Low Power Microprocessor Supervisory Circuits
SP705 SIPEX-SP705 Datasheet
197Kb / 18P
   Low Power Microprocessor Supervisory Circuits
SP705 SIPEX-SP705_06 Datasheet
429Kb / 18P
   Low Power Microprocessor Supervisory Circuits
logo
Exar Corporation
SP690A EXAR-SP690A Datasheet
406Kb / 16P
   Low Power Microprocessor Supervisory
logo
Analog Devices
ADM707ARZ AD-ADM707ARZ Datasheet
338Kb / 12P
   Low Cost Microprocessor Supervisory Circuits
Rev. G
ADM708ARZ AD-ADM708ARZ Datasheet
338Kb / 12P
   Low Cost Microprocessor Supervisory Circuits
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com