Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

LM12454 Datasheet(PDF) 25 Page - Texas Instruments

Part No. LM12454
Description  LM12454/LM12458/LM12H458 12-Bit Sign Data Acquisition System with Self-Calibration
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM12454 Datasheet(HTML) 25 Page - Texas Instruments

Back Button LM12454_14 Datasheet HTML 21Page - Texas Instruments LM12454_14 Datasheet HTML 22Page - Texas Instruments LM12454_14 Datasheet HTML 23Page - Texas Instruments LM12454_14 Datasheet HTML 24Page - Texas Instruments LM12454_14 Datasheet HTML 25Page - Texas Instruments LM12454_14 Datasheet HTML 26Page - Texas Instruments LM12454_14 Datasheet HTML 27Page - Texas Instruments LM12454_14 Datasheet HTML 28Page - Texas Instruments LM12454_14 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 45 page
background image
LM12454, LM12458, LM12H458
www.ti.com
SNAS079A – MAY 2004 – REVISED FEBRUARY 2006
Pin Descriptions (continued)
Synchronization input/output. When used as an output, it is designed to drive capacitive
loads of 100 pF or less. External buffers are necessary for driving higher load capacitances.
SYNC is an input if the Configuration register's “I/O Select” bit is low. A rising edge on this
pin causes the internal S/H to hold the input signal. The next rising clock edge either starts a
SYNC
conversion or makes a comparison to a programmable limit depending on which function is
requested by a programming instruction. This pin will be an output if “I/O Select” is set high.
The SYNC output goes high when a conversion or a comparison is started and low when
completed. (See Section 2.2). An internal reset after power is first applied to the
LM12(H)454/8 automatically sets this pin as an input.
Bus Width input pin. This input allows the LM12(H)454/8 to interface directly with either an 8-
BW
or 16-bit data bus. A logic high sets the width to 8 bits and places D8–D15 in a high
impedance state. A logic low sets the width to 16 bits.
Active low interrupt output. This output is designed to drive capacitive loads of 100 pF or
less. External buffers are necessary for driving higher load capacitances. An interrupt signal
INT
is generated any time a non-masked interrupt condition takes place. There are eight different
conditions that can cause an interrupt. Any interrupt is reset by reading the Interrupt Status
register. (See Section 2.3.)
Active high Direct Memory Access Request output. This output is designed to drive
capacitive loads of 100 pF or less. External buffers are necessary for driving higher load
DMARQ
capacitances. It goes high whenever the number of conversion results in the conversion
FIFO equals a programmable value stored in the Interrupt Enable register. It returns to a
logic low when the FIFO is empty.
LM12(H)454/8 ground connection. It should be connected to a low resistance and inductance
GND
analog ground return that connects directly to the system power supply ground.
The eight (LM12(H)458) or four (LM12454) analog inputs. A given channel is selected
through the instruction RAM. Any of the channels can be configured as an independent
IN0–IN7 (IN0–IN3 LM12H454 LM12454)
single-ended input. Any pair of channels, whether adjacent or non-adjacent, can operate as
a fully differential pair.
S/H IN+ S/H IN-
The LM12454's non-inverting and inverting inputs to the internal S/H.
MUXOUT+ MUXOUT-
The LM12454's non-inverting and inverting outputs from the internal multiplexer.
The negative reference input. The LM12(H)454/8 operate with 0V = VREF-= VREF+. This pin
VREF-
should be bypassed to ground with a parallel combination of 10 µF and 0.1 µF (ceramic)
capacitors.
The positive reference input. The LM12(H)454/8 operate with 0V = VREF+ = VA+. This pin
VREF+
should be bypassed to ground with a parallel combination of 10 µF and 0.1 µF (ceramic)
capacitors.
The internal 2.5V bandgap's output pin. This pin should be bypassed to ground with a 100
VREFOUT
µF capacitor.
1.0 Functional Description
The LM12454 and LM12(H)458 are multi-functional Data Acquisition Systems that include a fully differential 12-
bit-plus-sign self-calibrating analog-to-digital converter (ADC) with a two's-complement output format, an 8-
channel (LM12(H)458) or a 4-channel (LM12454) analog multiplexer, an internal 2.5V reference, a first-in-first-out
(FIFO) register that can store 32 conversion results, and an Instruction RAM that can store as many as eight
instructions to be sequentially executed. The LM12454 also has a differential multiplexer output and a differential
S/H input. All of this circuitry operates on only a single +5V power supply.
The LM12(H)454/8 have three modes of operation:
12-bit + sign with correction
8-bit + sign without correction
8-bit + sign comparison mode (“watchdog” mode)
The fully differential 12-bit-plus-sign ADC uses a charge redistribution topology that includes calibration
capabilities. Charge re-distribution ADCs use a capacitor ladder in place of a resistor ladder to form an internal
DAC. The DAC is used by a successive approximation register to generate intermediate voltages between the
voltages applied to VREF− and VREF+. These intermediate voltages are compared against the sampled analog
input voltage as each bit is generated. The number of intermediate voltages and comparisons equals the ADC's
resolution. The correction of each bit's accuracy is accomplished by calibrating the capacitor ladder used in the
ADC.
Copyright © 2004–2006, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: LM12454 LM12458 LM12H458


Similar Part No. - LM12454_14

ManufacturerPart No.DatasheetDescription
National Semiconductor (TI)
National Semiconductor ...
LM12454CIV NSC-LM12454CIV Datasheet
991Kb / 43P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12454CIV NSC-LM12454CIV Datasheet
1Mb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12454 NSC-LM12454_06 Datasheet
1Mb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
More results

Similar Description - LM12454_14

ManufacturerPart No.DatasheetDescription
National Semiconductor (TI)
National Semiconductor ...
LM12454 NSC-LM12454 Datasheet
991Kb / 43P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12454 NSC-LM12454_06 Datasheet
1Mb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
Texas Instruments
Texas Instruments
LM12L458 TI1-LM12L458_16 Datasheet
803Kb / 38P
[Old version datasheet]   12-Bit Sign Data Acquisition System with Self-Calibration
National Semiconductor (TI)
National Semiconductor ...
LM12L458 NSC-LM12L458 Datasheet
695Kb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12L458 NSC-LM12L458_06 Datasheet
884Kb / 29P
   12-Bit Sign Data Acquisition System with Self-Calibration
Texas Instruments
Texas Instruments
LM12454 TI1-LM12454 Datasheet
1Mb / 43P
[Old version datasheet]   12-Bit Sign Data Acquisition System
National Semiconductor (TI)
National Semiconductor ...
LM12434 NSC-LM12434 Datasheet
1Mb / 80P
   Sign Data Acquisition System with Serial I/O and Self-Calibration
Micro Linear Corporation
Micro Linear Corporatio...
ML2200 MICRO-LINEAR-ML2200 Datasheet
1Mb / 28P
   12-Bit Plus Sign Data Acquisition Peripheral
Sipex Corporation
Sipex Corporation
SP8121 SIPEX-SP8121 Datasheet
168Kb / 13P
   Monolithic, 12-Bit Data Acquisition System
SP8481 SIPEX-SP8481 Datasheet
208Kb / 12P
   Monolithic, 12-Bit Data Acquisition System
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz