Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

LM12454 Datasheet(PDF) 27 Page - Texas Instruments

Part No. LM12454
Description  LM12454/LM12458/LM12H458 12-Bit Sign Data Acquisition System with Self-Calibration
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM12454 Datasheet(HTML) 27 Page - Texas Instruments

Back Button LM12454_14 Datasheet HTML 23Page - Texas Instruments LM12454_14 Datasheet HTML 24Page - Texas Instruments LM12454_14 Datasheet HTML 25Page - Texas Instruments LM12454_14 Datasheet HTML 26Page - Texas Instruments LM12454_14 Datasheet HTML 27Page - Texas Instruments LM12454_14 Datasheet HTML 28Page - Texas Instruments LM12454_14 Datasheet HTML 29Page - Texas Instruments LM12454_14 Datasheet HTML 30Page - Texas Instruments LM12454_14 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 45 page
background image
LM12454, LM12458, LM12H458
www.ti.com
SNAS079A – MAY 2004 – REVISED FEBRUARY 2006
2.0 Internal User-Programmable Registers
2.1 INSTRUCTION RAM
The instruction RAM holds up to eight sequentially executable instructions. Each 48-bit long instruction is divided
into three 16-bit sections. READ and WRITE operations can be issued to each 16-bit section using the
instruction's address and the 2-bit “RAM pointer” in the Configuration register. The eight instructions are located
at addresses 0000 through 0111 (A4–A1, BW = 0) when using a 16-bit wide data bus or at addresses 00000
through 01111 (A4–A0, BW = 1) when using an 8-bit wide data bus. They can be accessed and programmed in
random order.
Any Instruction RAM READ or WRITE can affect the sequencer's operation:
The Sequencer should be stopped by setting the RESET bit to a “1” or by resetting the START bit in the
Configuration Register and waiting for the current instruction to finish execution before any Instruction
RAM READ or WRITE is initiated. Bit 0 of the Configuration Register indicates the Sequencer Status. See
paragraph 2.2 for information on the Configuration Register.
A soft RESET should be issued by writing a “1” to the Configuration Register's RESET bit after any READ
or WRITE to the Instruction RAM.
The three sections in the Instruction RAM are selected by the Configuration Register's 2-bit “RAM Pointer”, bits
D8 and D9. The first 16-bit Instruction RAM section is selected with the RAM Pointer equal to “00”. This section
provides multiplexer channel selection, as well as resolution, acquisition time, etc. The second 16-bit section
holds “watchdog” limit #1, its sign, and an indicator that shows that an interrupt can be generated if the input
signal is greater or less than the programmed limit. The third 16-bit section holds “watchdog” limit #2, its sign,
and an indicator that shows that an interrupt can be generated if the input signal is greater or less than the
programmed limit.
Instruction RAM “00”
Bit 0 is the LOOP bit. It indicates the last instruction to be executed in any instruction sequence when it is set to
a “1”. The next instruction to be executed will be instruction 0.
Bit 1 is the PAUSE bit. This controls the Sequencer's operation. When the PAUSE bit is set (“1”), the Sequencer
will stop after reading the current instruction and before executing it, and the start bit in the Configuration register
is automatically reset to a “0”. Setting the PAUSE also causes an interrupt to be issued. The Sequencer is
restarted by placing a “1” in the Configuration register's Bit 0 (Start bit).
After the Instruction RAM has been programmed and the RESET bit is set to “1”, the Sequencer retrieves
Instruction 000, decodes it, and waits for a “1” to be placed in the Configuration's START bit. The START bit
value of “0” “overrides” the action of Instruction 000's PAUSE bit when the Sequencer is started. Once started,
the Sequencer executes Instruction 000 and retrieves, decodes, and executes each of the remaining instructions.
No PAUSE Interrupt (INT 5) is generated the first time the Sequencer executes Instruction 000 having a PAUSE
bit set to “1”. When the Sequencer encounters a LOOP bit or completes all eight instructions, Instruction 000 is
retrieved and decoded. A set PAUSE bit in Instruction 000 now halts the Sequencer before the instruction is
executed.
Bits 2–4 select which of the eight input channels (“000” to “111” for IN0–IN7) will be configured as non-inverting
inputs to the LM12(H)458's ADC. (See Table 6.) They select which of the four input channels (“000” to “011” for
IN0–IN4) will be configured as non-inverting inputs to the LM12454's ADC. (See Table 7.)
Bits 5–7 select which of the seven input channels (“001” to “111” for IN1 to IN7) will be configured as inverting
inputs to the LM12(H)458's ADC. (See Table 6.) They select which of the three input channels (“001” to “011” for
IN1–IN4) will be configured as inverting inputs to the LM12454's ADC. (See Table 7.) Fully differential operation
is created by selecting two multiplexer channels, one operating in the non-inverting mode and the other operating
in the inverting mode. A code of “000” selects ground as the inverting input for single ended operation.
Bit 8 is the SYNC bit. Setting Bit 8 to “1” causes the Sequencer to suspend operation at the end of the internal
S/H's acquisition cycle and to wait until a rising edge appears at the SYNC pin. When a rising edge appears, the
S/H acquires the input signal magnitude and the ADC performs a conversion on the clock's next rising edge.
When the SYNC pin is used as an input, the Configuration register's “I/O Select” bit (Bit 7) must be set to a “0”.
With SYNC configured as an input, it is possible to synchronize the start of a conversion to an external event.
This is useful in applications such as digital signal processing (DSP) where the exact timing of conversions is
important.
Copyright © 2004–2006, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: LM12454 LM12458 LM12H458


Similar Part No. - LM12454_14

ManufacturerPart No.DatasheetDescription
National Semiconductor (TI)
National Semiconductor ...
LM12454CIV NSC-LM12454CIV Datasheet
991Kb / 43P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12454CIV NSC-LM12454CIV Datasheet
1Mb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12454 NSC-LM12454_06 Datasheet
1Mb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
More results

Similar Description - LM12454_14

ManufacturerPart No.DatasheetDescription
National Semiconductor (TI)
National Semiconductor ...
LM12454 NSC-LM12454 Datasheet
991Kb / 43P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12454 NSC-LM12454_06 Datasheet
1Mb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
Texas Instruments
Texas Instruments
LM12L458 TI1-LM12L458_16 Datasheet
803Kb / 38P
[Old version datasheet]   12-Bit Sign Data Acquisition System with Self-Calibration
National Semiconductor (TI)
National Semiconductor ...
LM12L458 NSC-LM12L458 Datasheet
695Kb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12L458 NSC-LM12L458_06 Datasheet
884Kb / 29P
   12-Bit Sign Data Acquisition System with Self-Calibration
Texas Instruments
Texas Instruments
LM12454 TI1-LM12454 Datasheet
1Mb / 43P
[Old version datasheet]   12-Bit Sign Data Acquisition System
National Semiconductor (TI)
National Semiconductor ...
LM12434 NSC-LM12434 Datasheet
1Mb / 80P
   Sign Data Acquisition System with Serial I/O and Self-Calibration
Micro Linear Corporation
Micro Linear Corporatio...
ML2200 MICRO-LINEAR-ML2200 Datasheet
1Mb / 28P
   12-Bit Plus Sign Data Acquisition Peripheral
Sipex Corporation
Sipex Corporation
SP8121 SIPEX-SP8121 Datasheet
168Kb / 13P
   Monolithic, 12-Bit Data Acquisition System
SP8481 SIPEX-SP8481 Datasheet
208Kb / 12P
   Monolithic, 12-Bit Data Acquisition System
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com