Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

LM12454 Datasheet(PDF) 29 Page - Texas Instruments

Part No. LM12454
Description  LM12454/LM12458/LM12H458 12-Bit Sign Data Acquisition System with Self-Calibration
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM12454 Datasheet(HTML) 29 Page - Texas Instruments

Back Button LM12454_14 Datasheet HTML 25Page - Texas Instruments LM12454_14 Datasheet HTML 26Page - Texas Instruments LM12454_14 Datasheet HTML 27Page - Texas Instruments LM12454_14 Datasheet HTML 28Page - Texas Instruments LM12454_14 Datasheet HTML 29Page - Texas Instruments LM12454_14 Datasheet HTML 30Page - Texas Instruments LM12454_14 Datasheet HTML 31Page - Texas Instruments LM12454_14 Datasheet HTML 32Page - Texas Instruments LM12454_14 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
LM12454, LM12458, LM12H458
www.ti.com
SNAS079A – MAY 2004 – REVISED FEBRUARY 2006
Table 4. LM12(H)454/8 Memory Map for 16-Bit Wide Data Bus (BW = “0”, Test Bit = “0” and A0 = Don't
Care) (continued)
A4
A3
A2
A1
Pur
Typ
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
pos
e
e
Inter
rupt
Address of
Stat
Actual Number of Conversion
Sequencer
INS
INS
INS
INS
INS
INS
INS
INS
1
0
1
0
R
us
Results in Conversion FIFO
Instruction being
T7
T6
T5
T4
T3
T2
T1
T0
Regi
Executed
ster
Tim
R/W
er
1
0
1
1
Timer Preset High Byte
Timer Preset Low Byte
Regi
ster
Con
versi
Conversion Data:
1
1
0
0
on
R
Address or Sign
Sign
Conversion Data: LSBs
MSBs
FIF
O
Limit
Stat
1
1
0
1
us
R
Limit #2: Status
Limit #1: Status
Regi
ster
Table 5. LM12(H)454/8 Memory Map for 8-Bit Wide Data Bus (BW = “1” and Test Bit = “0”)
A4
A3
A2
A1
A0
Purpose
Type
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
VIN− (MUXOUT−)
VIN+ (MUXOUT+)
0
to
0
R/W
Pause
Loop
Instruction
(1)
(1)
RAM
1
1
1
(RAM
0
0
0
Pointer =
Watch-
00)
0
to
1
R/W
Acquisition Time
8/12
Timer
Sync
dog
1
1
1
0
0
0
R/W
Comparison Limit #1
Instruction RAM
0
to
0
(RAM Pointer = 01)
1
1
1
R/W
Don't Care
>/<
Sign
0
0
0
0
to
1
R/W
Don't Care
>/<
Sign
1
1
1
0
0
0
0
to
0
R/W
Comparison Limit #2
Instruction
RAM
1
1
1
(RAM
0
0
0
Pointer =
10)
0
to
1
R/W
Don't Care
>/<
Sign
1
1
1
Chan
1
0
0
0
0
R/W
I/O Sel
Auto Zeroec
Stand- by
Full Cal
Auto- Zero
Reset
Start
Configuration
Mask
Register
1
0
0
0
1
R/W
Don't Care
DIAG
(2)
Test = 0
RAM Pointer
1
0
0
1
0
R/W
INT7
INT6
INT5
INT4
INT3
INT2
INT1
INT0
Interrupt
Enable
1
0
0
1
1
R/W
Number of Conversions in Conversion FIFO to Generate INT2
Sequencer Address to Generate
Register
INT1
1
0
1
0
0
R
INST7
INST6
INST5
INST4
INST3
INST2
INST1
INST0
Interrupt
Status
Address of Sequencer Instruction
1
0
1
0
1
R
Actual Number of Conversions Results in Conversion FIFO
Register
being Executed
1
0
1
1
0
R/W
Timer Preset: Low Byte
Timer
Register
1
0
1
1
1
R/W
Timer Preset: High Byte
1
1
0
0
0
R
Conversion Data: LSBs
Conversion
FIFO
1
1
0
0
1
R
Address or Sign
Sign
Conversion Data: MSBs
(1)
LM12454 (Refer toTable 7).
(2)
LM12(H)458 only. Must be set to “0” for the LM12454.
Copyright © 2004–2006, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: LM12454 LM12458 LM12H458


Similar Part No. - LM12454_14

ManufacturerPart No.DatasheetDescription
National Semiconductor (TI)
National Semiconductor ...
LM12454CIV NSC-LM12454CIV Datasheet
991Kb / 43P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12454CIV NSC-LM12454CIV Datasheet
1Mb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12454 NSC-LM12454_06 Datasheet
1Mb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
More results

Similar Description - LM12454_14

ManufacturerPart No.DatasheetDescription
National Semiconductor (TI)
National Semiconductor ...
LM12454 NSC-LM12454 Datasheet
991Kb / 43P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12454 NSC-LM12454_06 Datasheet
1Mb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
Texas Instruments
Texas Instruments
LM12L458 TI1-LM12L458_16 Datasheet
803Kb / 38P
[Old version datasheet]   12-Bit Sign Data Acquisition System with Self-Calibration
National Semiconductor (TI)
National Semiconductor ...
LM12L458 NSC-LM12L458 Datasheet
695Kb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12L458 NSC-LM12L458_06 Datasheet
884Kb / 29P
   12-Bit Sign Data Acquisition System with Self-Calibration
Texas Instruments
Texas Instruments
LM12454 TI1-LM12454 Datasheet
1Mb / 43P
[Old version datasheet]   12-Bit Sign Data Acquisition System
National Semiconductor (TI)
National Semiconductor ...
LM12434 NSC-LM12434 Datasheet
1Mb / 80P
   Sign Data Acquisition System with Serial I/O and Self-Calibration
Micro Linear Corporation
Micro Linear Corporatio...
ML2200 MICRO-LINEAR-ML2200 Datasheet
1Mb / 28P
   12-Bit Plus Sign Data Acquisition Peripheral
Sipex Corporation
Sipex Corporation
SP8121 SIPEX-SP8121 Datasheet
168Kb / 13P
   Monolithic, 12-Bit Data Acquisition System
SP8481 SIPEX-SP8481 Datasheet
208Kb / 12P
   Monolithic, 12-Bit Data Acquisition System
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz