Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

LM12454 Datasheet(PDF) 30 Page - Texas Instruments

Part No. LM12454
Description  LM12454/LM12458/LM12H458 12-Bit Sign Data Acquisition System with Self-Calibration
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM12454 Datasheet(HTML) 30 Page - Texas Instruments

Back Button LM12454_14 Datasheet HTML 26Page - Texas Instruments LM12454_14 Datasheet HTML 27Page - Texas Instruments LM12454_14 Datasheet HTML 28Page - Texas Instruments LM12454_14 Datasheet HTML 29Page - Texas Instruments LM12454_14 Datasheet HTML 30Page - Texas Instruments LM12454_14 Datasheet HTML 31Page - Texas Instruments LM12454_14 Datasheet HTML 32Page - Texas Instruments LM12454_14 Datasheet HTML 33Page - Texas Instruments LM12454_14 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 45 page
background image
LM12454, LM12458, LM12H458
SNAS079A – MAY 2004 – REVISED FEBRUARY 2006
www.ti.com
Table 5. LM12(H)454/8 Memory Map for 8-Bit Wide Data Bus (BW = “1” and Test Bit = “0”) (continued)
A4
A3
A2
A1
A0
Purpose
Type
D7
D6
D5
D4
D3
D2
D1
D0
1
1
0
1
0
R
Limit #1 Status
Limit Status
Register
1
1
0
1
1
R
Limit #2 Status
Bits 12–15 are used to store the user-programmable acquisition time. The Sequencer keeps the internal S/H in
the acquisition mode for a fixed number of clock cycles (nine clock cycles, for 12-bit + sign conversions and two
clock cycles for 8-bit + sign conversions or “watchdog” comparisons) plus a variable number of clock cycles
equal to twice the value stored in Bits 12–15. Thus, the S/H's acquisition time is (9 + 2D) clock cycles for 12-bit +
sign conversions and (2 + 2D) clock cycles for 8-bit + sign conversions or “watchdog” comparisons, where D is
the value stored in Bits 12–15. The minimum acquisition time compensates for the typical internal multiplexer
series resistance of 2 k
Ω, and any additional delay created by Bits 12–15 compensates for source resistances
greater than 60
Ω (100Ω). (For this acquisition time discussion, numbers in ( ) are shown for the LM12(H)454/8
operating at 5 MHz.) The necessary acquisition time is determined by the source impedance at the multiplexer
input. If the source resistance (RS) < 60Ω (100Ω) and the clock frequency is 8 MHz, the value stored in bits
12–15 (D) can be 0000. If RS > 60Ω (100Ω), the following equations determine the value that should be stored in
bits 12–15.
D = 0.45 x RS x fCLK
(1)
for 12-bits + sign
D = 0.36 x RS x fCLK
(2)
for 8-bits + sign and “watchdog”
RS is in kΩ and fCLK is in MHz. Round the result to the next higher integer value. If D is greater than 15, it is
advisable to lower the source impedance by using an analog buffer between the signal source and the
LM12(H)458's multiplexer inputs. The value of D can also be used to compensate for the settling or response
time of external processing circuits connected between the LM12454's MUXOUT and S/H IN pins.
Instruction RAM “01”
The second Instruction RAM section is selected by placing a “01” in Bits 8 and 9 of the Configuration register.
Bits 0–7 hold “watchdog” limit #1. When Bit 11 of Instruction RAM “00” is set to a “1”, the LM12(H)454/8
performs a “watchdog” comparison of the sampled analog input signal with the limit #1 value first, followed by a
comparison of the same sampled analog input signal with the value found in limit #2 (Instruction RAM “10”).
Bit 8 holds limit #1's sign.
Bit 9's state determines the limit condition that generates a “watchdog” interrupt. A “1” causes a voltage greater
than limit #1 to generate an interrupt, while a “0” causes a voltage less than limit #1 to generate an interrupt.
Bits 10–15 are not used.
Instruction RAM “10”
The third Instruction RAM section is selected by placing a “10” in Bits 8 and 9 of the Configuration register.
Bits 0–7 hold “watchdog” limit #2. When Bit 11 of Instruction RAM “00” is set to a “1”, the LM12(H)454/8
performs a “watchdog” comparison of the sampled analog input signal with the limit #1 value first (Instruction
RAM “01”), followed by a comparison of the same sampled analog input signal with the value found in limit #2.
Bit 8 holds limit #2's sign.
Bit 9 's state determines the limit condition that generates a “watchdog” interrupt. A “1” causes a voltage greater
than limit #2 to generate an interrupt, while a “0” causes a voltage less than limit #2 to generate an interrupt.
Bits 10–15 are not used.
2.2 CONFIGURATION REGISTER
The Configuration register, 1000 (A4–A1, BW = 0) or 1000x (A4–A0, BW = 1) is a 16-bit control register with
read/write capability. It acts as the LM12454's and LM12(H)458's “control panel” holding global information as
well as start/stop, reset, self-calibration, and stand-by commands.
30
Submit Documentation Feedback
Copyright © 2004–2006, Texas Instruments Incorporated
Product Folder Links: LM12454 LM12458 LM12H458


Similar Part No. - LM12454_14

ManufacturerPart No.DatasheetDescription
National Semiconductor (TI)
National Semiconductor ...
LM12454CIV NSC-LM12454CIV Datasheet
991Kb / 43P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12454CIV NSC-LM12454CIV Datasheet
1Mb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12454 NSC-LM12454_06 Datasheet
1Mb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
More results

Similar Description - LM12454_14

ManufacturerPart No.DatasheetDescription
National Semiconductor (TI)
National Semiconductor ...
LM12454 NSC-LM12454 Datasheet
991Kb / 43P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12454 NSC-LM12454_06 Datasheet
1Mb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
Texas Instruments
Texas Instruments
LM12L458 TI1-LM12L458_16 Datasheet
803Kb / 38P
[Old version datasheet]   12-Bit Sign Data Acquisition System with Self-Calibration
National Semiconductor (TI)
National Semiconductor ...
LM12L458 NSC-LM12L458 Datasheet
695Kb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12L458 NSC-LM12L458_06 Datasheet
884Kb / 29P
   12-Bit Sign Data Acquisition System with Self-Calibration
Texas Instruments
Texas Instruments
LM12454 TI1-LM12454 Datasheet
1Mb / 43P
[Old version datasheet]   12-Bit Sign Data Acquisition System
National Semiconductor (TI)
National Semiconductor ...
LM12434 NSC-LM12434 Datasheet
1Mb / 80P
   Sign Data Acquisition System with Serial I/O and Self-Calibration
Micro Linear Corporation
Micro Linear Corporatio...
ML2200 MICRO-LINEAR-ML2200 Datasheet
1Mb / 28P
   12-Bit Plus Sign Data Acquisition Peripheral
Sipex Corporation
Sipex Corporation
SP8121 SIPEX-SP8121 Datasheet
168Kb / 13P
   Monolithic, 12-Bit Data Acquisition System
SP8481 SIPEX-SP8481 Datasheet
208Kb / 12P
   Monolithic, 12-Bit Data Acquisition System
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz