Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

LM12454 Datasheet(PDF) 33 Page - Texas Instruments

Part No. LM12454
Description  LM12454/LM12458/LM12H458 12-Bit Sign Data Acquisition System with Self-Calibration
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM12454 Datasheet(HTML) 33 Page - Texas Instruments

Back Button LM12454_14 Datasheet HTML 29Page - Texas Instruments LM12454_14 Datasheet HTML 30Page - Texas Instruments LM12454_14 Datasheet HTML 31Page - Texas Instruments LM12454_14 Datasheet HTML 32Page - Texas Instruments LM12454_14 Datasheet HTML 33Page - Texas Instruments LM12454_14 Datasheet HTML 34Page - Texas Instruments LM12454_14 Datasheet HTML 35Page - Texas Instruments LM12454_14 Datasheet HTML 36Page - Texas Instruments LM12454_14 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
LM12454, LM12458, LM12H458
www.ti.com
SNAS079A – MAY 2004 – REVISED FEBRUARY 2006
The completion of the short, single-sample auto-zero calibration generates Interrupt 3.
The completion of a full auto-zero and linearity self-calibration generates Interrupt 4.
Interrupt 5 is generated when the Sequencer encounters an instruction that has its Pause bit (Bit 1 in Instruction
RAM “00”) set to “1”.
The LM12(H)454/8 issues Interrupt 6 whenever it senses that its power supply voltage is dropping below 4V
(typ). This interrupt indicates the potential corruption of data returned by the LM12(H)454/8.
Interrupt 7 is issued after a short delay (10 ms typ) while the LM12(H)454/8 returns from Standby mode to active
operation using the Configuration register's Bit 4. This short delay allows the internal analog circuitry to settle
sufficiently, ensuring accurate conversion results.
2.4 INTERRUPT ENABLE REGISTER
The Interrupt Enable register at address location 1001 (A4–A1, BW = 0) or 1001x (A4–A0, BW = 1) has
READ/WRITE capability. An individual interrupt's ability to produce an external interrupt at pin 31 (INT) is
accomplished by placing a “1” in the appropriate bit location. Any of the internal interrupt-producing operations
will set their corresponding bits to “1” in the Interrupt Status register regardless of the state of the associated bit
in the Interrupt Enable register. See Section 2.3 for more information about each of the eight internal interrupts.
Bit 0 enables an external interrupt when an internal “watchdog” comparison limit interrupt has taken place.
Bit 1 enables an external interrupt when the Sequencer has reached the address stored in Bits 8–10 of the
Interrupt Enable register.
Bit 2 enables an external interrupt when the Conversion FIFO's limit, stored in Bits 11–15 of the Interrupt Enable
register, has been reached.
Bit 3 enables an external interrupt when the single-sample auto-zero calibration has been completed.
Bit 4 enables an external interrupt when a full auto-zero and linearity self-calibration has been completed.
Bit 5 enables an external interrupt when an internal Pause interrupt has been generated.
Bit 6 enables an external interrupt when a low power supply condition (VA+ < 4V) has generated an internal
interrupt.
Bit 7 enables an external interrupt when the LM12(H)454/8 return from power-down to active mode.
Bits 8 – 10 form the storage location of the user-programmable value against which the Sequencer's address is
compared. When the Sequencer reaches an address that is equal to the value stored in Bits 8–10, an internal
interrupt is generated and appears in Bit 1 of the Interrupt Status register. If Bit 1 of the Interrupt Enable register
is set to “1”, an external interrupt will appear at pin 31 (INT).
The value stored in bits 8–10 ranges from 000 to 111, representing 0 to 7 instructions stored in the Instruction
RAM. After the Instruction RAM has been programmed and the RESET bit is set to “1”, the Sequencer is started
by placing a “1” in the Configuration register's START bit. Setting the INT 1 trigger value to 000 does not
generate an INT 1 the first time the Sequencer retrieves and decodes Instruction 000. The Sequencer
generates INT 1 (by placing a “1” in the Interrupt Status register's Bit 1) the second time and after the
Sequencer encounters Instruction 000. It is important to remember that the Sequencer continues to operate even
if an Instruction interrupt (INT 1) is internally or externally generated. The only mechanisms that stop the
Sequencer are an instruction with the PAUSE bit set to “1” (halts before instruction execution), placing a “0” in
the Configuration register's START bit, or placing a “1” in the Configuration register's RESET bit.
Bits 11–15 hold the number of conversions that must be stored in the Conversion FIFO in order to generate an
internal interrupt. This internal interrupt appears in Bit 2 of the Interrupt Status register. If Bit 2 of the Interrupt
Enable register is set to “1”, an external interrupt will appear at pin 31 (INT).
Copyright © 2004–2006, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: LM12454 LM12458 LM12H458


Similar Part No. - LM12454_14

ManufacturerPart No.DatasheetDescription
National Semiconductor (TI)
National Semiconductor ...
LM12454CIV NSC-LM12454CIV Datasheet
991Kb / 43P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12454CIV NSC-LM12454CIV Datasheet
1Mb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12454 NSC-LM12454_06 Datasheet
1Mb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
More results

Similar Description - LM12454_14

ManufacturerPart No.DatasheetDescription
National Semiconductor (TI)
National Semiconductor ...
LM12454 NSC-LM12454 Datasheet
991Kb / 43P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12454 NSC-LM12454_06 Datasheet
1Mb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
Texas Instruments
Texas Instruments
LM12L458 TI1-LM12L458_16 Datasheet
803Kb / 38P
[Old version datasheet]   12-Bit Sign Data Acquisition System with Self-Calibration
National Semiconductor (TI)
National Semiconductor ...
LM12L458 NSC-LM12L458 Datasheet
695Kb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12L458 NSC-LM12L458_06 Datasheet
884Kb / 29P
   12-Bit Sign Data Acquisition System with Self-Calibration
Texas Instruments
Texas Instruments
LM12454 TI1-LM12454 Datasheet
1Mb / 43P
[Old version datasheet]   12-Bit Sign Data Acquisition System
National Semiconductor (TI)
National Semiconductor ...
LM12434 NSC-LM12434 Datasheet
1Mb / 80P
   Sign Data Acquisition System with Serial I/O and Self-Calibration
Micro Linear Corporation
Micro Linear Corporatio...
ML2200 MICRO-LINEAR-ML2200 Datasheet
1Mb / 28P
   12-Bit Plus Sign Data Acquisition Peripheral
Sipex Corporation
Sipex Corporation
SP8121 SIPEX-SP8121 Datasheet
168Kb / 13P
   Monolithic, 12-Bit Data Acquisition System
SP8481 SIPEX-SP8481 Datasheet
208Kb / 12P
   Monolithic, 12-Bit Data Acquisition System
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz