Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

LM12454 Datasheet(PDF) 34 Page - Texas Instruments

Part No. LM12454
Description  LM12454/LM12458/LM12H458 12-Bit Sign Data Acquisition System with Self-Calibration
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM12454 Datasheet(HTML) 34 Page - Texas Instruments

Back Button LM12454_14 Datasheet HTML 30Page - Texas Instruments LM12454_14 Datasheet HTML 31Page - Texas Instruments LM12454_14 Datasheet HTML 32Page - Texas Instruments LM12454_14 Datasheet HTML 33Page - Texas Instruments LM12454_14 Datasheet HTML 34Page - Texas Instruments LM12454_14 Datasheet HTML 35Page - Texas Instruments LM12454_14 Datasheet HTML 36Page - Texas Instruments LM12454_14 Datasheet HTML 37Page - Texas Instruments LM12454_14 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 45 page
background image
LM12454, LM12458, LM12H458
SNAS079A – MAY 2004 – REVISED FEBRUARY 2006
www.ti.com
3.0 Other Registers and Functions
3.1 INTERRUPT STATUS REGISTER
This read-only register is located at address 1010 (A4–A1, BW = 0) or 1010x (A4–A0, BW = 1). The
corresponding flag in the Interrupt Status register goes high (“1”) any time that an interrupt condition takes place,
whether an interrupt is enabled or disabled in the Interrupt Enable register. Any of the active (“1”) Interrupt Status
register flags are reset to “0” whenever this register is read or a device reset is issued (see Bit 1 in the
Configuration Register).
Bit 0 is set to “1” when a “watchdog” comparison limit interrupt has taken place.
Bit 1 is set to “1” when the Sequencer has reached the address stored in Bits 8–10 of the Interrupt Enable
register.
Bit 2 is set to “1” when the Conversion FIFO's limit, stored in Bits 11–15 of the Interrupt Enable register, has
been reached.
Bit 3 is set to “1” when the single-sample auto-zero has been completed.
Bit 4 is set to “1” when an auto-zero and full linearity self-calibration has been completed.
Bit 5 is set to “1” when a Pause interrupt has been generated.
Bit 6 is set to “1” when a low-supply voltage condition (VA+ < 4V) has taken place.
Bit 7 is set to “1” when the LM12(H)454/8 return from power-down to active mode.
Bits 8–10 hold the Sequencer's actual instruction address while it is running.
Bits 11–15 hold the actual number of conversions stored in the Conversion FIFO while the Sequencer is running.
3.2 LIMIT STATUS REGISTER
The read-only register is located at address 1101 (A4–A1, BW = 0) or 1101x (A4–A0, BW = 1). This register is
used in tandem with the Limit #1 and Limit #2 registers in the Instruction RAM. Whenever a given instruction's
input voltage exceeds the limit set in its corresponding Limit register (#1 or #2), a bit, corresponding to the
instruction number, is set in the Limit Status register. Any of the active (“1”) Limit Status flags are reset to “0”
whenever this register is read or a device reset is issued (see Bit 1 in the Configuration register). This register
holds the status of limits #1 and #2 for each of the eight instructions.
Bits 0–7 show the Limit #1 status. Each bit will be set high (“1”) when the corresponding instruction's input
voltage exceeds the threshold stored in the instruction's Limit #1 register. When, for example, instruction 3 is a
“watchdog” operation (Bit 11 is set high) and the input for instruction 3 meets the magnitude and/or polarity data
stored in instruction 3's Limit #1 register, Bit 3 in the Limit Status register will be set to a “1”.
Bits 8–15 show the Limit #2 status. Each bit will be set high (“1”) when the corresponding instruction's input
voltage exceeds the threshold stored in the instruction's Limit #2 register. When, for example, the input to
instruction 6 meets the value stored in instruction 6's Limit #2 register, Bit 14 in the Limit Status register will be
set to a “1”.
3.3 TIMER
The LM12(H)454/8 have an on-board 16-bit timer that includes a 5-bit pre-scaler. It uses the clock signal applied
to pin 23 as its input. It can generate time intervals of 0 through 221 clock cycles in steps of 25. This time interval
can be used to delay the execution of instructions. It can also be used to slow the conversion rate when
converting slowly changing signals. This can reduce the amount of redundant data stored in the FIFO and
retrieved by the controller.
The user-defined timing value used by the Timer is stored in the 16-bit READ/WRITE Timer register at location
1011 (A4–A1, BW = 0) or 1011x (A4–A0, BW = 1) and is pre-loaded automatically. Bits 0–7 hold the preset
value's low byte and Bits 8–15 hold the high byte. The Timer is activated by the Sequencer only if the current
instruction's Bit 9 is set (“1”). If the equivalent decimal value “N” (0
≤ N ≤ 216 − 1) is written inside the 16-bit Timer
register and the Timer is enabled by setting an instruction's bit 9 to a “1”, the Sequencer will delay the same
instruction's execution by halting at state 3 (S3), as shown in Figure 14, for 32 × N + 2 clock cycles.
34
Submit Documentation Feedback
Copyright © 2004–2006, Texas Instruments Incorporated
Product Folder Links: LM12454 LM12458 LM12H458


Similar Part No. - LM12454_14

ManufacturerPart No.DatasheetDescription
National Semiconductor (TI)
National Semiconductor ...
LM12454CIV NSC-LM12454CIV Datasheet
991Kb / 43P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12454CIV NSC-LM12454CIV Datasheet
1Mb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12454 NSC-LM12454_06 Datasheet
1Mb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
More results

Similar Description - LM12454_14

ManufacturerPart No.DatasheetDescription
National Semiconductor (TI)
National Semiconductor ...
LM12454 NSC-LM12454 Datasheet
991Kb / 43P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12454 NSC-LM12454_06 Datasheet
1Mb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
Texas Instruments
Texas Instruments
LM12L458 TI1-LM12L458_16 Datasheet
803Kb / 38P
[Old version datasheet]   12-Bit Sign Data Acquisition System with Self-Calibration
National Semiconductor (TI)
National Semiconductor ...
LM12L458 NSC-LM12L458 Datasheet
695Kb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12L458 NSC-LM12L458_06 Datasheet
884Kb / 29P
   12-Bit Sign Data Acquisition System with Self-Calibration
Texas Instruments
Texas Instruments
LM12454 TI1-LM12454 Datasheet
1Mb / 43P
[Old version datasheet]   12-Bit Sign Data Acquisition System
National Semiconductor (TI)
National Semiconductor ...
LM12434 NSC-LM12434 Datasheet
1Mb / 80P
   Sign Data Acquisition System with Serial I/O and Self-Calibration
Micro Linear Corporation
Micro Linear Corporatio...
ML2200 MICRO-LINEAR-ML2200 Datasheet
1Mb / 28P
   12-Bit Plus Sign Data Acquisition Peripheral
Sipex Corporation
Sipex Corporation
SP8121 SIPEX-SP8121 Datasheet
168Kb / 13P
   Monolithic, 12-Bit Data Acquisition System
SP8481 SIPEX-SP8481 Datasheet
208Kb / 12P
   Monolithic, 12-Bit Data Acquisition System
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz