Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC10731 Datasheet(PDF) 7 Page - Texas Instruments

Part # ADC10731
Description  10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10731 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADC10731_14 Datasheet HTML 3Page - Texas Instruments ADC10731_14 Datasheet HTML 4Page - Texas Instruments ADC10731_14 Datasheet HTML 5Page - Texas Instruments ADC10731_14 Datasheet HTML 6Page - Texas Instruments ADC10731_14 Datasheet HTML 7Page - Texas Instruments ADC10731_14 Datasheet HTML 8Page - Texas Instruments ADC10731_14 Datasheet HTML 9Page - Texas Instruments ADC10731_14 Datasheet HTML 10Page - Texas Instruments ADC10731_14 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
ADC10731, ADC10732, ADC10734, ADC10738
www.ti.com
SNAS081D – MAY 1999 – REVISED MARCH 2013
Electrical Characteristics (continued)
The following specifications apply for V
+ = AV+ = DV+ = +5.0 V
DC, VREF+ = 2.5 VDC, VREF− = GND, VIN− = 2.5V for Signed
Characteristics, VIN− = GND for Unsigned Characteristics and fCLK = 2.5 MHz unless otherwise specified. Boldface limits
apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ = +25°C.
(1)(2)(3)(4)
Units
Parameter
Test Conditions
Typ(5)
Limits(6)
(Limits)
DIGITAL AND DC CHARACTERISTICS
VIN(1)
Logical “1” Input Voltage
V+ = 5.5V
2.0
V (min)
VIN(0)
Logical “0” Input Voltage
V+ = 4.5V
0.8
V (max)
IIN(1)
Logical “1” Input Current
VIN = 5.0V
0.005
+2.5
μA (max)
IIN(0)
Logical “0” Input Current
VIN = 0V
−0.005
−2.5
μA (max)
V+ = 4.5V, IOUT = −360
2.4
V (min)
μA
VOUT(1)
Logical “1” Output Voltage
V+ = 4.5V, IOUT = −10 μA
4.5
V (min)
VOUT(0)
Logical “0” Output Voltage
V+ = 4.5V, IOUT = 1.6 mA
0.4
V (min)
VOUT = 0V
−0.1
−3.0
μA (max)
IOUT
TRI-STATE Output Current
VOUT = 5V
+0.1
+3.0
μA (max)
+ISC
Output Short Circuit Source Current
VOUT = 0V, V
+ = 4.5V
−30
−15
mA(min)
−ISC
Output Short Circuit Sink Current
VOUT= V
+ = 4.5V
30
15
mA (min)
CS = HIGH, Power Up
0.9
1.3
mA (max)
CS = HIGH, Power Down
0.2
0.4
mA (max)
ID+
Digital Supply Current (10)
CS = HIGH, Power Down,
0.5
50
μA (max)
and CLK Off
CS = HIGH, Power Up
2.7
6.0
mA (max)
IA+
Analog Supply Current (10)
CS = HIGH, Power Down
3
15
μA (max)
VREF+ = +2.5V and
IREF
Reference Input Current
0.6
mA (max)
CS = HIGH, Power Up
AC CHARACTERISTICS
3.0
2.5
MHz
fCLK
Clock Frequency
5
(max)
kHz (min)
40
%(min)
Clock Duty Cycle
60
%(max)
Clock
12
12
Cycles
tC
Conversion Time
5
5
μs (max)
Clock
4.5
4.5
Cycles
tA
Acquisition Time
2
2
μs (max)
14
30
ns (min)
CS Set-Up Time, Set-Up Time from Falling Edge of CS to
tSCS
(1 tCLK
(1 tCLK
Rising Edge of Clock
(max)
− 14 ns)
− 30 ns)
DI Set-Up Time, Set-Up Time from Data Valid on DI to
tSDI
16
25
ns (min)
Rising Edge of Clock
DI Hold Time, Hold Time of DI Data from Rising Edge of
tHDI
2
25
ns (min)
Clock to Data not Valid on DI
DO Access Time from Rising Edge of CLK When CS is
tAT
30
50
ns (min)
“Low” during a Conversion
DO or SARS Access Time from CS , Delay from Falling
tAC
30
70
ns (max)
Edge of CS to Data Valid on DO or SARS
Delay from Rising Edge of Clock to Falling Edge of SARS
tDSARS
100
200
ns (max)
when CS is “Low”
(10) The voltage applied to the digital inputs will affect the current drain during power down. These devices are tested with CMOS logic
levels (logic Low = 0V and logic High = 5V). TTL levels increase the current, during power down, to about 300
μA.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ADC10731 ADC10732 ADC10734 ADC10738


Similar Part No. - ADC10731_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC10731CIWM NSC-ADC10731CIWM Datasheet
556Kb / 27P
   10-Bit Plus Sign Serial I/O A/D Converters with Mux,
ADC10731CIWM NSC-ADC10731CIWM Datasheet
1Mb / 29P
   10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
ADC10731 NSC-ADC10731_06 Datasheet
1Mb / 29P
   10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
More results

Similar Description - ADC10731_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC10831 NSC-ADC10831 Datasheet
453Kb / 30P
   10-Bit Plus Sign Serial I/O A/D Converters with MUX, Sample/Hold and Reference
logo
Texas Instruments
ADC10731 TI1-ADC10731 Datasheet
1Mb / 33P
[Old version datasheet]   10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
logo
National Semiconductor ...
ADC10731 NSC-ADC10731_06 Datasheet
1Mb / 29P
   10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
ADC12030 NSC-ADC12030_07 Datasheet
1Mb / 44P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12H030 NSC-ADC12H030 Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12130 NSC-ADC12130_06 Datasheet
1Mb / 42P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12030 TI1-ADC12030_14 Datasheet
2Mb / 53P
[Old version datasheet]   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
National Semiconductor ...
ADC12130 NSC-ADC12130 Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12130 TI1-ADC12130 Datasheet
2Mb / 51P
[Old version datasheet]   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
National Semiconductor ...
ADC10731 NSC-ADC10731 Datasheet
556Kb / 27P
   10-Bit Plus Sign Serial I/O A/D Converters with Mux,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com