Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC10662 Datasheet(PDF) 2 Page - Texas Instruments

Part # ADC10662
Description  10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10662 Datasheet(HTML) 2 Page - Texas Instruments

  ADC10662_14 Datasheet HTML 1Page - Texas Instruments ADC10662_14 Datasheet HTML 2Page - Texas Instruments ADC10662_14 Datasheet HTML 3Page - Texas Instruments ADC10662_14 Datasheet HTML 4Page - Texas Instruments ADC10662_14 Datasheet HTML 5Page - Texas Instruments ADC10662_14 Datasheet HTML 6Page - Texas Instruments ADC10662_14 Datasheet HTML 7Page - Texas Instruments ADC10662_14 Datasheet HTML 8Page - Texas Instruments ADC10662_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
ADC10662, ADC10664
SNAS076E – JUNE 1999 – REVISED MARCH 2013
www.ti.com
Connection Diagram
Figure 1. Top View
Figure 2. Top View
NOTE: The ADC10662 is obsolete; shown for reference only.
PIN DESCRIPTIONS
Pin Function
Description
DVCC, AVCC
Digital and analog positive supply voltage inputs. Connect both to the same voltage source, but bypass separately with
a 0.1 µF ceramic capacitor in parallel with a 10 µF tantalum capacitor to ground at each pin.
INT
Active low interrupt output. INT goes low at the end of each conversion, and returns high following the rising edge of
RD .
S/H
Sample/Hold control input. When this pin is forced low (and CS is low), the analog input signal to be sampled and
initiates a new conversion.
RD
Active low Read control input. When this RD and CS are low, any data present in the output registers will be placed on
the data bus.
CS
Active low Chip Select control input. When low, this pin enables the RD and S/H pins.
S0, S1
These pins select the analog input that will be connected to the A/D during the conversion. The input is selected
based on the state of S0 and S1 when S/H makes its High-to-Low transition (See Timing Diagrams). The ADC10664
includes both S0 and S1. The ADC10662 includes just S0.
VREF−, VREF+
Reference voltage inputs. They may be placed at any voltage between GND and VCC, but VREF+ must be greater than
VREF−. An input voltage equal to VREF− produces an output code of 0, and an input voltage equal to (VREF+ − 1 LSB)
produces an output code of 1023.
VIN0, VIN1, VIN2,
Analog input pins. The ADC10662 has two inputs (VIN0 and VIN1) and the ADC10664 has four inputs (VIN0, VIN1, VIN2
VIN3
and VIN3). The impedance of the source should be less than 500Ω for best accuracy and conversion speed. For
accurate conversions, no input pin (even one that is not selected) should be driven more than 50 mV above VCC or 50
mV below ground.
GND, AGND,
Power supply ground pins. The ADC10662 and ADC10664 have separate analog and digital ground pins (AGND and
DGND
DGND) for separate bypassing of the analog and digital supplies. The ground pins should be connected to a stable,
noise-free system ground. Both pins should be returned to the same potential.
DB0–DB9
TRI-STATE output pins.
SPEEDADJ
By connecting a resistor between this pin and ground, the conversion time can be reduced. The specifications listed in
the table of Electrical Characteristics apply for a speed adjust resistor (RSA) equal to 14.0 kΩ (Mode 1) or 8.26 kΩ
(Mode 2). See Typical Performance Characteristics and the table of Electrical Characteristics.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: ADC10662 ADC10664


Similar Part No. - ADC10662_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC10662 TI1-ADC10662_15 Datasheet
1,010Kb / 22P
[Old version datasheet]   10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
More results

Similar Description - ADC10662_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC10662 NSC-ADC10662 Datasheet
274Kb / 14P
   10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10662 TI1-ADC10662_15 Datasheet
1,010Kb / 22P
[Old version datasheet]   10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10664CIWMX TI1-ADC10664CIWMX Datasheet
974Kb / 22P
[Old version datasheet]   ADC10662/ADC10664 10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
National Semiconductor ...
ADC10461 NSC-ADC10461 Datasheet
760Kb / 16P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10461 TI1-ADC10461_14 Datasheet
1Mb / 24P
[Old version datasheet]   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
National Semiconductor ...
ADC10061 NSC-ADC10061 Datasheet
333Kb / 14P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10064 NSC-ADC10064 Datasheet
342Kb / 14P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10461 NSC-ADC10461_06 Datasheet
757Kb / 17P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10461 TI1-ADC10461_15 Datasheet
1Mb / 23P
[Old version datasheet]   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10061 TI1-ADC10061_14 Datasheet
1Mb / 23P
[Old version datasheet]   ADC10061/ADC10062/ADC10064 10-Bit 600 ns A/D Converter with Input Multiplexer and Sample
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com