Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC10664CIWM Datasheet(PDF) 4 Page - Texas Instruments

Part # ADC10664CIWM
Description  10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10664CIWM Datasheet(HTML) 4 Page - Texas Instruments

  ADC10664CIWM Datasheet HTML 1Page - Texas Instruments ADC10664CIWM Datasheet HTML 2Page - Texas Instruments ADC10664CIWM Datasheet HTML 3Page - Texas Instruments ADC10664CIWM Datasheet HTML 4Page - Texas Instruments ADC10664CIWM Datasheet HTML 5Page - Texas Instruments ADC10664CIWM Datasheet HTML 6Page - Texas Instruments ADC10664CIWM Datasheet HTML 7Page - Texas Instruments ADC10664CIWM Datasheet HTML 8Page - Texas Instruments ADC10664CIWM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
ADC10662, ADC10664
SNAS076E – JUNE 1999 – REVISED MARCH 2013
www.ti.com
Converter Characteristics
The following specifications apply for V
+ = +5V, V
REF(+) = +5V, VREF(
−) = GND, and Speed Adjust pin connected to ground
through a 14.0 k
Ω resistor (Mode 1) or an 8.26 kΩ resistor (Mode 2) unless otherwise specified. Boldface limits apply for TA
= TJ = TMin to TMax; all other limits TA = TJ = +25°C.
Units
Symbol
Parameter
Conditions
Typical(1)
Limit(2)
(Limit)
Resolution
10
Bits
Integral Linearity Error
±0.5
±1.0/±1.5
LSB (max)
Offset Error
±1.5
LSB (max)
Full-Scale Error
±1
LSB (max)
Total Unadjusted Error
±0.5
±1.5/±2.2
LSB
Missing Codes
0
(max)
V+ = 5V ±5%, VREF = 4.5V
±1/16
LSB
Power Supply Sensitivity
V+ = 5V ±10%, VREF = 4.5V
±
LSB
fIN = 1 kHz, 4.85 VP-P
−68
dB
fIN = 50 kHz, 4.85 VP-P
−66
−60
dB (max)
THD
Total Harmonic Distortion(3)
fIN = 100 kHz, 4.85 VP-P
−62
dB
fIN = 240 kHz, 4.85 VP-P
−58
dB
fIN = 1 kHz, 4.85 VP-P
61
dB
SNR
Signal-to-Noise Ratio(3)
fIN = 50 kHz, 4.85 VP-P
60
58
dB (min)
fIN = 100 kHz, 4.85 VP-P
60
dB
fIN = 1 kHz, 4.85 VP-P
9.6
Bits
ENOB
Effective Number of Bits(3)
fIN = 50 kHz, 4.85 VP-P
9.5
9
Bits (min)
400
Ω (min)
RREF
Reference Resistance
650
900
Ω (max)
VREF(+)
VREF(+) Input Voltage
V+ + 0.05
V (max)
VREF(−)
VREF(−) Input Voltage
GND
− 0.05
V (min)
VREF(+)
VREF(+) Input Voltage
VREF(−)
V (min)
VREF(−)
VREF(−) Input Voltage
VREF(+)
V (max)
VIN
Input Voltage
V+ + 0.05
V (max)
VIN
Input Voltage
GND
− 0.05
V (min)
OFF Channel Input Leakage Current
CS = V+, VIN = V
+
0.01
3
μA (max)
ON Channel Input Leakage Current
CS = V+, VIN = V
+
±1
−3
μA (max)
(1)
Typical figures represent most likely parametric norm.
(2)
Tested limits are ensured to AOQL (Average Outgoing Quality Level).
(3)
THD, SNR, and ENOB are tested in Mode 1. Measuring these quantities in Mode 2 yields similar values.
4
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: ADC10662 ADC10664


Similar Part No. - ADC10664CIWM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC10664CIWM NSC-ADC10664CIWM Datasheet
274Kb / 14P
   10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10664CIWM TI1-ADC10664CIWM Datasheet
974Kb / 22P
[Old version datasheet]   ADC10662/ADC10664 10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10664CIWM TI1-ADC10664CIWM Datasheet
1,010Kb / 22P
[Old version datasheet]   10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10664CIWM-NOPB TI1-ADC10664CIWM-NOPB Datasheet
974Kb / 22P
[Old version datasheet]   ADC10662/ADC10664 10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10664CIWM/NOPB TI1-ADC10664CIWM/NOPB Datasheet
1,010Kb / 22P
[Old version datasheet]   10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
More results

Similar Description - ADC10664CIWM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC10662 NSC-ADC10662 Datasheet
274Kb / 14P
   10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10662 TI1-ADC10662_15 Datasheet
1,010Kb / 22P
[Old version datasheet]   10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10664CIWMX TI1-ADC10664CIWMX Datasheet
974Kb / 22P
[Old version datasheet]   ADC10662/ADC10664 10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
National Semiconductor ...
ADC10461 NSC-ADC10461 Datasheet
760Kb / 16P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10461 TI1-ADC10461_14 Datasheet
1Mb / 24P
[Old version datasheet]   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
National Semiconductor ...
ADC10061 NSC-ADC10061 Datasheet
333Kb / 14P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10064 NSC-ADC10064 Datasheet
342Kb / 14P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10461 NSC-ADC10461_06 Datasheet
757Kb / 17P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10461 TI1-ADC10461_15 Datasheet
1Mb / 23P
[Old version datasheet]   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10061 TI1-ADC10061_14 Datasheet
1Mb / 23P
[Old version datasheet]   ADC10061/ADC10062/ADC10064 10-Bit 600 ns A/D Converter with Input Multiplexer and Sample
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com