Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC10065CIMTX Datasheet(PDF) 4 Page - Texas Instruments

Part # ADC10065CIMTX
Description  10-Bit 65 MSPS 3V A/D Converter
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10065CIMTX Datasheet(HTML) 4 Page - Texas Instruments

  ADC10065CIMTX Datasheet HTML 1Page - Texas Instruments ADC10065CIMTX Datasheet HTML 2Page - Texas Instruments ADC10065CIMTX Datasheet HTML 3Page - Texas Instruments ADC10065CIMTX Datasheet HTML 4Page - Texas Instruments ADC10065CIMTX Datasheet HTML 5Page - Texas Instruments ADC10065CIMTX Datasheet HTML 6Page - Texas Instruments ADC10065CIMTX Datasheet HTML 7Page - Texas Instruments ADC10065CIMTX Datasheet HTML 8Page - Texas Instruments ADC10065CIMTX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
ADC10065
SNAS225H – JULY 2003 – REVISED APRIL 2013
www.ti.com
Pin Descriptions and Equivalent Circuits (continued)
Pin No.
Pin Name
Equivalent Circuit
Description
16–20,
Digital output data. D0 is the LSB and D9 is the MSB of the binary
D0–D9
23–27
output word.
ANALOG POWER
Positive analog supply pins. These pins should be connected to a
quiet 3.0V source and bypassed to analog ground with a 0.1 µF
2, 9, 10
VDDA
monolithic capacitor located within 1 cm of these pins. A 4.7 µF
capacitor should also be used in parallel.
3, 11, 14
VSSA
Ground return for the analog supply.
DIGITAL POWER
Positive digital supply pins for the ADC10065’s output drivers. This
pin should be bypassed to digital ground with a 0.1 µF monolithic
22
VDDIO
capacitor located within 1 cm of this pin. A 4.7 µF capacitor should
also be used in parallel. The voltage on this pin should never exceed
the voltage on VDDA by more than 300 mV.
The ground return for the digital supply for the output drivers. This
21
VSSIO
pin should be connected to the ground plane, but not near the
analog circuitry.
4
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: ADC10065


Similar Part No. - ADC10065CIMTX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC10065CIMTX NSC-ADC10065CIMTX Datasheet
945Kb / 19P
   ADC10065 10-Bit 65 MSPS 3V A/D Converter
logo
Texas Instruments
ADC10065CIMTX/NOPB TI1-ADC10065CIMTX/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   10-Bit 65 MSPS 3V A/D Converter
More results

Similar Description - ADC10065CIMTX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC10065 TI1-ADC10065_15 Datasheet
1Mb / 26P
[Old version datasheet]   10-Bit 65 MSPS 3V A/D Converter
logo
National Semiconductor ...
ADC10065 NSC-ADC10065 Datasheet
945Kb / 19P
   ADC10065 10-Bit 65 MSPS 3V A/D Converter
logo
Analog Devices
AD9215 AD-AD9215 Datasheet
1Mb / 36P
   10-Bit, 65/80/105 MSPS, 3V A/D Converter
REV. A
logo
Hittite Microwave Corpo...
HMCAD1040-80 HITTITE-HMCAD1040-80 Datasheet
923Kb / 14P
   Dual 10-Bit 65/80 MSPS A/D Converter
HMCAD1041-80 HITTITE-HMCAD1041-80 Datasheet
705Kb / 12P
   Single 10-Bit 65/80 MSPS A/D Converter
logo
Analog Devices
AD9289 AD-AD9289 Datasheet
1Mb / 16P
   Quad 8-Bit, 65 MSPS Serial LVDS 3V A/D Converter
Rev. PrJ 6/25/2004
logo
Intersil Corporation
HI5865 INTERSIL-HI5865 Datasheet
29Kb / 2P
   12-Bit, 65 MSPS A/D Converter
logo
Analog Devices
AD10677 AD-AD10677_15 Datasheet
625Kb / 20P
   16-Bit, 65 MSPS A/D Converter
Rev. D
AD10677 AD-AD10677 Datasheet
643Kb / 10P
   16-Bit, 65 MSPS A/D Converter
REV. B
AD9216 AD-AD9216 Datasheet
287Kb / 20P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
Rev. PrD_6/15/2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com