Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G495SD Datasheet(PDF) 2 Page - E-Tech Electronics LTD

Part # G495SD
Description  The G495SD is designed for low power rectification
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

G495SD Datasheet(HTML) 2 Page - E-Tech Electronics LTD

  G495SD Datasheet HTML 1Page - E-Tech Electronics LTD G495SD Datasheet HTML 2Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2/2
Characteristics Curve
Important Notice:
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of GTM.
GTM reserves the right to make changes to its products without notice.
GTM semiconductor products are not warranted to be suitable for use in life-support Applications, or systems.
GTM assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
Taiwan: No. 17-1 Tatung Rd. Fu Kou Hsin-Chu Industrial Park, Hsin-Chu, Taiwan, R. O. C.
TEL : 886-3-597-7061 FAX : 886-3-597-9220, 597-0785
China: (201203) No.255, Jang-Jiang Tsai-Lueng RD. , Pu-Dung-Hsin District, Shang-Hai City, China
TEL : 86-21-5895-7671 ~ 4
FAX : 86-21-38950165


Similar Part No. - G495SD

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G495SD GTM-G495SD Datasheet
218Kb / 2P
   SURFACE MOUNT, SCHOTTKY BARRIER DIODE VOLTAGE 40V, CURRENT 0.4A
More results

Similar Description - G495SD

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GS411SD ETL-GS411SD Datasheet
134Kb / 2P
   The GS411SD is designed for low power rectification
G411SD ETL-G411SD Datasheet
210Kb / 2P
   The G411SD is designed for low power rectification
GD411SD ETL-GD411SD Datasheet
131Kb / 2P
   The GD411SD is designed for low power rectification
GD420SD ETL-GD420SD Datasheet
167Kb / 2P
   The GD420SD is designed for low power rectification.
GD421SD ETL-GD421SD Datasheet
175Kb / 2P
   The GD421SD is designed for low power rectification
G420SD ETL-G420SD Datasheet
245Kb / 2P
   The G420SD is designed for low power rectification.
G494SD ETL-G494SD Datasheet
320Kb / 2P
   The G494SD is designed for low power rectification
G421SD ETL-G421SD Datasheet
231Kb / 2P
   The G421SD is designed for low power rectification
G425SD ETL-G425SD Datasheet
232Kb / 2P
   The G425SD is designed for low power rectification
GD500SD ETL-GD500SD Datasheet
145Kb / 2P
   The GD500SD is designed for low power rectification and high reliability.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com