Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E30 Datasheet(PDF) 3 Page - Gilway Technical Lamp

Part # E30
Description  Miniature LEDs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GILWAY [Gilway Technical Lamp]
Direct Link  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp

E30 Datasheet(HTML) 3 Page - Gilway Technical Lamp

  E30 Datasheet HTML 1Page - Gilway Technical Lamp E30 Datasheet HTML 2Page - Gilway Technical Lamp E30 Datasheet HTML 3Page - Gilway Technical Lamp E30 Datasheet HTML 4Page - Gilway Technical Lamp E30 Datasheet HTML 5Page - Gilway Technical Lamp E30 Datasheet HTML 6Page - Gilway Technical Lamp E30 Datasheet HTML 7Page - Gilway Technical Lamp E30 Datasheet HTML 8Page - Gilway Technical Lamp E30 Datasheet HTML 9Page - Gilway Technical Lamp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Telephone: 781-935-4442
sales@gilway.com
Fax: 781-938-5867
www.gilway.com
Engineering Catalog 169
A
T-1 Bi-Color LEDs (Three Leads)
Luminous Intensity
Viewing
Forward Voltage
Peak
Line
Part
at 20mA
Angle
at 20mA
Wave Length
No.
No.
Lens
Minimum Maximum
2
θθθθθ½
Typical Maximum
at 20mA
Leads
Drawing
1
E219
White
12.5mcd
50mcd
60°
2.0V
2.5V
625nm
1.Red Anode
A
Diffused
12.5mcd
50mcd
60°
2.2V
2.5V
565nm
2.Cathode
3.Green Anode
2
E220
White
12.5mcd
50mcd
60°
2.2V
2.5V
565nm
1.Green Anode
A
Diffused
12.5mcd
50mcd
60°
2.1V
2.5V
590nm
2.Cathode
3.Yellow Anode
3
E293
White
90mcd
300mcd
60°
1.85V
2.5V
660nm
1.Red Cathode
A
Diffused
20mcd
40mcd
60°
2.20V
2.5V
565nm
2.Anode
3.Green Cathode
RED &
GREEN
RED &
GREEN
B
Mini LEDs
Luminous Intensity
Viewing
Forward Voltage
Peak
Line
Part
at 10mA
Angle
at 20mA
Wave Length
No.
No.
Lens
Minimum Maximum
2
θθθθθ½
Typical Maximum
at 20mA
Drawing
4
E260
Translucent
20.0mcd
60.0mcd
130°
1.85V
2.5V
660nm
B
5
E261
Translucent
4.0mcd
7.0mcd
130°
2.0V
2.5V
625nm
B
6
E262
Translucent
3.0mcd
7.0mcd
130°
2.0V
2.6V
610nm
B
7
E263
Translucent
2.0mcd
3.5mcd
130°
2.1V
2.5V
590nm
B
8
E264
Translucent
10.0mcd
16.0mcd
130°
2.2V
2.5V
565nm
B
ULTRA BRIGHT
RED
YELLOW
ORANGE
SUPER BRIGHT
GREEN
HIGH EFFICIENCY
RED
C
Luminous Intensity
Viewing
Forward Voltage
Peak
Line
Part
at 10mA
Angle
at 20mA
Wave Length
No.
No.
Lens
Minimum Maximum
2
θθθθθ½
Typical Maximum
at 20mA
Drawing
9
E265
Diffused
40.0mcd
80.0mcd
100°
1.85V
2.5V
660nm
C
10
E266
Diffused
3.2mcd
12.5mcd
100°
2.0V
2.5V
625nm
C
11
E267
Diffused
3.2mcd
12.5mcd
100°
2.0V
2.6V
610nm
C
12
E268
Diffused
1.3mcd
8.0mcd
100°
2.1V
2.5V
590nm
C
13
E269
Diffused
8.0mcd
20.0mcd
100°
2.2V
2.5V
565nm
C
RED
RED
YELLOW
GREEN
ORANGE
T-1 Flat Top LEDs
GREEN &
YELLOW
62


Similar Part No. - E30

ManufacturerPart #DatasheetDescription
logo
Powerbox
E30 POWERBOX-E30 Datasheet
306Kb / 1P
   1.5-3 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
logo
Cherry Semiconductor Co...
E30 CHERRY-E30 Datasheet
3Mb / 3P
   5 current ratings
logo
XP Power Limited
E30 XPPOWER-E30 Datasheet
581Kb / 7P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
FERYSTER Inductive Comp...
E30-11-K-V-12P-LP FERYSTER-E30-11-K-V-12P-LP Datasheet
55Kb / 1P
   COIL FORMER
logo
Bud Industries, Inc.
E30-2000 BUD-E30-2000 Datasheet
89Kb / 1P
   SERIES 30-2000 UPRIGHT CABINET RACK
More results

Similar Description - E30

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SEC1005 SANKEN-SEC1005 Datasheet
440Kb / 2P
   1.6 횞 0.8 Miniature Surface Mount LEDs
SEC1007 SANKEN-SEC1007 Datasheet
440Kb / 2P
   1.6 횞 0.8 Miniature Surface Mount LEDs
logo
Agilent(Hewlett-Packard...
HSMF-C165 HP-HSMF-C165 Datasheet
200Kb / 8P
   Miniature Bi-Color Surface Mount Chip LEDs
logo
List of Unclassifed Man...
BA93 ETC-BA93 Datasheet
40Kb / 1P
   MINIATURE BAYONET 9MM T1 3/4 THREE CLUSTER ULTRA BRIGHT LEDS
logo
ZETTLER Electronics
AZ942H ZETTLER-AZ942H Datasheet
52Kb / 2P
   12 AMP MINIATURE MINIATURE
logo
Tyco Electronics
OMI-SH-205D MACOM-OMI-SH-205D Datasheet
113Kb / 2P
   2 Pole Miniature 2 Pole Miniature
logo
Marktech Corporate
TR2227 MARKTECH-TR2227 Datasheet
389Kb / 5P
   LEDs
TR5050M MARKTECH-TR5050M Datasheet
375Kb / 5P
   LEDs
CPR3DK MARKTECH-CPR3DK Datasheet
340Kb / 6P
   LEDs
CPR3DK MARKTECH-CPR3DK_15 Datasheet
340Kb / 6P
   LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com