Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FU-445SDF-1M2B Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # FU-445SDF-1M2B
Description  1.3 um UNCOOLED DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

FU-445SDF-1M2B Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  FU-445SDF-1M2B Datasheet HTML 1Page - Mitsubishi Electric Semiconductor FU-445SDF-1M2B Datasheet HTML 2Page - Mitsubishi Electric Semiconductor FU-445SDF-1M2B Datasheet HTML 3Page - Mitsubishi Electric Semiconductor FU-445SDF-1M2B Datasheet HTML 4Page - Mitsubishi Electric Semiconductor FU-445SDF-1M2B Datasheet HTML 5Page - Mitsubishi Electric Semiconductor FU-445SDF-1M2B Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TZ7-01-123B (2/6)
MITSUBISHI (OPTICAL DEVICES)
FU-445SDF-x1Mxx
1.3
µm UNCOOLED DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
(BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
DESCRIPTION
Module type FU-445SDF-x1Mxx is a 1.3
µm Uncooled
DFB-LD module with single-mode optical fiber.
This module is suitable to a light source for use in
2.5Gb/s digital optical communication systems.
FEATURES
l
λ/4 shifted Multi quantum wells (MQW) DFB
Laser Diode module
l Input impedance is 25
l Emission wavelength is in 1.3
µm band
l High-speed response
l Built-in optical isolator
l Built-in thermistor and bias T
l 8-pin Mini-DIL package with Gull wing leads
l With photodiode for optical output monitor
APPLICATION
High speed transmission systems (~2.5Gb/s)
ABSOLUTE MAXIMUM RATINGS (Tc=25°C)
Parameter
Symbol
Conditions
Rating
Unit
Optical output
power
Pf
CW
6
mW
Forward current
If
CW
100
mA
Laser diode
Reverse voltage
Vrl
-
2
V
Reverse voltage
Vrd
-
20
V
Photodiode
Forward current
Ifd
-
2
mA
Operating case temperature
Tc
-
-20 ~ +85
°C
Storage temperature
Tstg
-
-40 ~ +85
°C


Similar Part No. - FU-445SDF-1M2B

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FU-445SDF-WM1 MITSUBISHI-FU-445SDF-WM1 Datasheet
55Kb / 3P
   1.3 um UNCOOLED DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
More results

Similar Description - FU-445SDF-1M2B

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FU-445SDF-WM1 MITSUBISHI-FU-445SDF-WM1 Datasheet
55Kb / 3P
   1.3 um UNCOOLED DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-48SDF-1 MITSUBISHI-FU-48SDF-1 Datasheet
222Kb / 3P
   1.3 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-645SDF-1M1B MITSUBISHI-FU-645SDF-1M1B Datasheet
108Kb / 6P
   1.55 um UNCOOLED DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-645SDF-X1MXX MITSUBISHI-FU-645SDF-X1MXX Datasheet
109Kb / 6P
   1.55 um UNCOOLED DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-68SDF-22 MITSUBISHI-FU-68SDF-22 Datasheet
85Kb / 4P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-436SDF-F1M1 MITSUBISHI-FU-436SDF-F1M1 Datasheet
50Kb / 3P
   1.3 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-48SDF-X37M9YF MITSUBISHI-FU-48SDF-X37M9YF Datasheet
159Kb / 5P
   1.3 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-48SDF-X31M4YF MITSUBISHI-FU-48SDF-X31M4YF Datasheet
173Kb / 6P
   1.3 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-48SDF-X30M5YF MITSUBISHI-FU-48SDF-X30M5YF Datasheet
173Kb / 6P
   1.3 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-427SDF MITSUBISHI-FU-427SDF Datasheet
44Kb / 3P
   1.3 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com