Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QSC112 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # QSC112
Description  Plastic Silicon Infrared Phototransistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

QSC112 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  QSC112 Datasheet HTML 1Page - Fairchild Semiconductor QSC112 Datasheet HTML 2Page - Fairchild Semiconductor QSC112 Datasheet HTML 3Page - Fairchild Semiconductor QSC112 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
QSC112, QSC113, QSC114 Rev. 1.0.2
2
Absolute Maximum Ratings (T
A = 25°C unless otherwise specified)
Notes:
1. Derate power dissipation linearly 1.33 mW/°C above 25°C.
2. RMA flux is recommended.
3. Methanol or isopropyl alcohols are recommended as cleaning agents.
4. Soldering iron 1/16" (1.6mm) minimum from housing.
Electrical/Optical Characteristics (T
A =25°C)
Note:
5.
λ = 880 nm, AlGaAs.
Symbol
Parameter
Rating
Units
TOPR
Operating Temperature
-40 to +100
°C
TSTG
Storage Temperature
-40 to +100
°C
TSOL-I
Soldering Temperature (Iron)(2,3,4)
240 for 5 sec
°C
TSOL-F
Soldering Temperature (Flow)(2,3)
260 for 10 sec
°C
VCE
Collector-Emitter Voltage
30
V
VEC
Emitter-Collector Voltage
5
V
PD
Power Dissipation(1)
100
mW
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
λPS
Peak Sensitivity Wavelength
880
nm
Θ
Reception Angle
±4
°
ICEO
Collector-Emitter Dark Current
VCE = 10 V, Ee = 0
100
nA
BVCEO
Collector-Emitter Breakdown
IC = 1 mA
30
V
BVECO
Emitter-Collector Breakdown
IE = 100 µA
5
V
IC(ON)
On-State Collector Current QSC112
Ee = 0.5 mW/cm2, VCE = 5 V
(5)
14
mA
On-State Collector Current QSC113
2.40
9.60
On-State Collector Current QSC114
4.00
VCE(sat)
Saturation Voltage
Ee = 0.5 mW/cm2, IC = 0.5 mA
(5)
0.4
V
tr
Rise Time
VCC = 5 V, RL = 100 Ω, IC = 2 mA
5.0
µs
tf
Fall Time
5.0


Similar Part No. - QSC112

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
QSC112 QT-QSC112 Datasheet
155Kb / 2P
   PLASTIC SILICON PHOTOTRANSISTOR
logo
Fairchild Semiconductor
QSC112 FAIRCHILD-QSC112 Datasheet
105Kb / 4P
   PLASTIC SILICON INFRARED PHOTOTRANSISTOR
QSC112 FAIRCHILD-QSC112 Datasheet
510Kb / 4P
   Plastic Silicon Infrared Phototransistor
QSC112 FAIRCHILD-QSC112 Datasheet
152Kb / 4P
   Plastic Silicon Infrared Phototransistor
QSC112CC6R0 FAIRCHILD-QSC112CC6R0 Datasheet
153Kb / 4P
   Plastic Silicon Infrared Phototransistor
More results

Similar Description - QSC112

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QSC112 FAIRCHILD-QSC112 Datasheet
105Kb / 4P
   PLASTIC SILICON INFRARED PHOTOTRANSISTOR
QSE122 FAIRCHILD-QSE122 Datasheet
327Kb / 4P
   PLASTIC SILICON INFRARED PHOTOTRANSISTOR
QSE133 FAIRCHILD-QSE133 Datasheet
323Kb / 4P
   PLASTIC SILICON INFRARED PHOTOTRANSISTOR
QSE113 FAIRCHILD-QSE113 Datasheet
320Kb / 4P
   PLASTIC SILICON INFRARED PHOTOTRANSISTOR
QSC112 FAIRCHILD-QSC112_06 Datasheet
510Kb / 4P
   Plastic Silicon Infrared Phototransistor
QSE213C FAIRCHILD-QSE213C Datasheet
437Kb / 4P
   Plastic Silicon Infrared Phototransistor
QSD122 FAIRCHILD-QSD122 Datasheet
93Kb / 4P
   PLASTIC SILICON INFRARED PHOTOTRANSISTOR
QSC112 FAIRCHILD-QSC112_07 Datasheet
152Kb / 4P
   Plastic Silicon Infrared Phototransistor
QSD722 FAIRCHILD-QSD722 Datasheet
51Kb / 4P
   PLASTIC SILICON INFRARED PHOTOTRANSISTOR
QSC112CC6R0 FAIRCHILD-QSC112CC6R0 Datasheet
153Kb / 4P
   Plastic Silicon Infrared Phototransistor
QSE213 FAIRCHILD-QSE213_05 Datasheet
80Kb / 4P
   Plastic Silicon Infrared Phototransistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com