Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QSC114 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # QSC114
Description  Plastic Silicon Infrared Phototransistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

QSC114 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  QSC114 Datasheet HTML 1Page - Fairchild Semiconductor QSC114 Datasheet HTML 2Page - Fairchild Semiconductor QSC114 Datasheet HTML 3Page - Fairchild Semiconductor QSC114 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
QSC112, QSC113, QSC114 Rev. 1.0.2
3
Typical Performance Curves
Figure 1. Light Current vs. Radiant Intensity
Figure 3. Dark Current vs. Collector - Emitter Voltage
Figure 4. Light Current vs. Collector - Emitter Voltage
Figure 5. Dark Current vs. Ambient Temperature
Figure 2. Angular Response Curve
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.2
0.4
0.6
0.8
1.0
0
°
10
°
20
°
30
°
40
°
50
°
60
°
70
°
80
°
90
°
100
°
110
°
120
°
130
°
140
°
150
°
160
°
170
°
180
°
V
CE - Collector-Emitter Voltage (V)
05
10
15
20
25
30
10-3
10-2
10-1
100
101
V
CE - Collector-Emitter Voltage (V)
0.1
1
10
10-2
10-1
100
101
Normalized to:
VCE = 5V
Ie = 0.5mW/cm
2
TA = 25
oC
Ie = 0.5mW/cm
2
Ie = 0.2mW/cm
2
Ie = 0.1mW/cm
2
Ie = 1mW/cm
2
T
A - Ambient Temperature (
o C)
25
50
75
100
10-1
100
101
102
103
104
Normalized to:
V
CE = 25V
T
A = 25
o
C
V
CE = 25V
V
CE = 10V
Ee - Radiant Intensity (mW/cm
2
)
0.1
1
10-1
100
101
102
VCE = 5V
GaAs Light Source


Similar Part No. - QSC114

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
QSC114 QT-QSC114 Datasheet
155Kb / 2P
   PLASTIC SILICON PHOTOTRANSISTOR
logo
Fairchild Semiconductor
QSC114 FAIRCHILD-QSC114 Datasheet
105Kb / 4P
   PLASTIC SILICON INFRARED PHOTOTRANSISTOR
QSC114 FAIRCHILD-QSC114 Datasheet
510Kb / 4P
   Plastic Silicon Infrared Phototransistor
QSC114 FAIRCHILD-QSC114 Datasheet
152Kb / 4P
   Plastic Silicon Infrared Phototransistor
More results

Similar Description - QSC114

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QSC112 FAIRCHILD-QSC112 Datasheet
105Kb / 4P
   PLASTIC SILICON INFRARED PHOTOTRANSISTOR
QSE122 FAIRCHILD-QSE122 Datasheet
327Kb / 4P
   PLASTIC SILICON INFRARED PHOTOTRANSISTOR
QSE133 FAIRCHILD-QSE133 Datasheet
323Kb / 4P
   PLASTIC SILICON INFRARED PHOTOTRANSISTOR
QSE113 FAIRCHILD-QSE113 Datasheet
320Kb / 4P
   PLASTIC SILICON INFRARED PHOTOTRANSISTOR
QSC112 FAIRCHILD-QSC112_06 Datasheet
510Kb / 4P
   Plastic Silicon Infrared Phototransistor
QSE213C FAIRCHILD-QSE213C Datasheet
437Kb / 4P
   Plastic Silicon Infrared Phototransistor
QSD122 FAIRCHILD-QSD122 Datasheet
93Kb / 4P
   PLASTIC SILICON INFRARED PHOTOTRANSISTOR
QSC112 FAIRCHILD-QSC112_07 Datasheet
152Kb / 4P
   Plastic Silicon Infrared Phototransistor
QSD722 FAIRCHILD-QSD722 Datasheet
51Kb / 4P
   PLASTIC SILICON INFRARED PHOTOTRANSISTOR
QSC112CC6R0 FAIRCHILD-QSC112CC6R0 Datasheet
153Kb / 4P
   Plastic Silicon Infrared Phototransistor
QSE213 FAIRCHILD-QSE213_05 Datasheet
80Kb / 4P
   Plastic Silicon Infrared Phototransistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com