Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4732 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # 1N4732
Description  SILICON PLANAR POWER ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

1N4732 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  1N4732 Datasheet HTML 1Page - GOOD-ARK Electronics 1N4732 Datasheet HTML 2Page - GOOD-ARK Electronics 1N4732 Datasheet HTML 3Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Note:
(1) Valid provided that leads at a distance of 8 mm from case are kept at ambient temperature.
Features
1N4728 THRU 1N4764
SILICON PLANAR POWER ZENER DIODES
Silicon Planar Power Zener Diodes
for use in stabilizing and clipping circuits with high power
rating. Standard Zener voltage tolerance is
10%. Add
suffix “A” for
5% tolerance. Other tolerances available
upon request.
Absolute Maximum Ratings (T
a=25
)
1
Symbols
Values
Units
Zener current see Table "Characteristics"
Power dissipation at T
amb=25
P
tot
1 1)
W
Junction temperature
T
j
200
Storage temperature range
T
S
-65 to +200
Note:
(1) Valid provided that leads at a distance of 8 mm from case are kept at ambient temperature.
Characteristics at T
amb=25
Symbols
Min.
Typ.
Max.
Units
Thermal resistance
junction to ambient Air
R
thA
-
-
170 1)
K/W
Forward voltage at I
F=200mA
V
F
--
1.2
V
DIMENSIONS
DIM
inches
mm
Note
Min.
Max.
Min.
Max.
A
-
0.169
-
4.3
B
-
0.110
-
2.8
C
-
0.031
-
0.8
D
1.102
-
28.0
-


Similar Part No. - 1N4732

ManufacturerPart #DatasheetDescription
logo
Surge Components
1N4732 SURGE-1N4732 Datasheet
84Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
Silicon Standard Corp.
1N4732 SSC-1N4732 Datasheet
173Kb / 3P
   Zener Diodes
logo
Nanjing International G...
1N4732 DGNJDZ-1N4732 Datasheet
954Kb / 2P
   1W ZENER DIODES
logo
Semtech Corporation
1N4732 SEMTECH-1N4732 Datasheet
251Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
logo
Diotech Company.
1N4732 DIOTECH-1N4732 Datasheet
856Kb / 3P
   1W EPITAXIAL ZENER DIODE
More results

Similar Description - 1N4732

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZMU100 SEMTECH-ZMU100 Datasheet
134Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
logo
Nanjing International G...
ZM1.5C DGNJDZ-ZM1.5C Datasheet
83Kb / 2P
   Silicon Planar Power Zener Diodes
logo
Chenmko Enterprise Co. ...
MMGZ5221BPT CHENMKO-MMGZ5221BPT Datasheet
120Kb / 5P
   SILICON PLANAR POWER ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX85C SEMTECH_ELEC-BZX85C Datasheet
254Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
New Jersey Semi-Conduct...
1N957 NJSEMI-1N957 Datasheet
140Kb / 2P
   Silicon Planar Power Zener Diodes
1N4727A NJSEMI-1N4727A Datasheet
164Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
PACELEADER INDUSTRIAL
ZM4728A PACELEADER-ZM4728A Datasheet
179Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Kingtronics Internation...
1N4727A-1N4761A KINGTRONICS-1N4727A-1N4761A Datasheet
499Kb / 5P
   Silicon Planar Power Zener Diodes
logo
Semtech Corporation
BZV85 SEMTECH-BZV85 Datasheet
277Kb / 3P
   SILICON PLANAR POWER ZENER DIODES???
logo
GOOD-ARK Electronics
ZM4728 GOOD-ARK-ZM4728 Datasheet
35Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com