Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC807-25-TP Datasheet(PDF) 2 Page - Micro Commercial Components

Part # BC807-25-TP
Description  PNP Silicon General Purpose Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BC807-25-TP Datasheet(HTML) 2 Page - Micro Commercial Components

  BC807-25-TP Datasheet HTML 1Page - Micro Commercial Components BC807-25-TP Datasheet HTML 2Page - Micro Commercial Components BC807-25-TP Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
IC, COLLECTOR CURRENT (mA)
Figure 1. DC Current Gain
1000
10
-1000
-0.1
-10
-100
100
-1.0
VCE = -1.0 V
TA = 25°C
IB, BASE CURRENT (mA)
Figure 2. Saturation Region
IC, COLLECTOR CURRENT (mA)
Figure 5. “On” Voltages
-1.0
-0.8
-0.6
-0.4
-0.2
0
-0.01
-0.1
-10
-100
-1.0
-1.0
-0.8
-0.6
-0.4
-0.2
0
-1.0
-10
-1000
-100
TJ = 25°C
IC = -10 mA
IC = -100 mA
IC = -300 mA
IC =
-500 mA
TA = 25°C
VBE(sat) @ IC/IB = 10
VBE(on) @ VCE = -1.0 V
VCE(sat) @ IC/IB = 10
Figure 4. Temperature Coefficients
+1.0
IC, COLLECTOR CURRENT
-1.0
-10
-100
-1000
-2.0
-1.0
0
θVC for VCE(sat)
θVB for VBE
BC807-16 thru BC807-40
Figure 3. Power Derating Curve
0
100
200
300
400
0100
200
T
, Junction to Ambient Air
JA
°
See Note 1
50
150
(°C)
Revision: D
2013/06/04
www.mccsemi.com
2 of 3
MCC
TM
Micro Commercial Components


Similar Part No. - BC807-25-TP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC807-25-7 DIODES-BC807-25-7 Datasheet
59Kb / 3P
   PNP SURFACE MOUNT TRANSISTOR
DS11208 Rev. 9 - 2
BC807-25-7-F DIODES-BC807-25-7-F Datasheet
311Kb / 3P
   PNP SURFACE MOUNT TRANSISTOR
DS11208 Rev. 15 - 2
logo
Pan Jit International I...
BC807-25-AU PANJIT-BC807-25-AU Datasheet
542Kb / 6P
   Silicon PNP General Purpose Transistors
April 19,2019-REV.07
BC807-25-AU_R1_000A1 PANJIT-BC807-25-AU_R1_000A1 Datasheet
542Kb / 6P
   Silicon PNP General Purpose Transistors
April 19,2019-REV.07
logo
Comchip Technology
BC807-25-G COMCHIP-BC807-25-G Datasheet
169Kb / 5P
   General Purpose Transistors
More results

Similar Description - BC807-25-TP

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SA1576AT1 LRC-L2SA1576AT1 Datasheet
100Kb / 4P
   General Purpose Transistors PNP Silicon
LBC807-16LT1 LRC-LBC807-16LT1 Datasheet
54Kb / 3P
   General Purpose Transistors PNP Silicon
logo
ON Semiconductor
BCW30LT1 ONSEMI-BCW30LT1 Datasheet
345Kb / 8P
   General Purpose Transistors(PNP Silicon)
November, 1999 ??Rev. 0
logo
Leshan Radio Company
L9015LT1 LRC-L9015LT1 Datasheet
52Kb / 3P
   General Purpose Transistors PNP Silicon
logo
ON Semiconductor
SMMBT2907ALT1G ONSEMI-SMMBT2907ALT1G Datasheet
122Kb / 6P
   General Purpose Transistors PNP Silicon
August, 2013 ??Rev. 13
logo
Micro Commercial Compon...
BC808-16 MCC-BC808-16 Datasheet
256Kb / 3P
   PNP Silicon General Purpose Transistors
logo
Leshan Radio Company
BCW29LT1 LRC-BCW29LT1 Datasheet
290Kb / 6P
   General Purpose Transistors(PNP Silicon)
BSS63LT1 LRC-BSS63LT1 Datasheet
23Kb / 2P
   General Purpose Transistors(PNP Silicon)
L2SA1576AQT1G LRC-L2SA1576AQT1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1576ART1G LRC-L2SA1576ART1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1577RT1G LRC-L2SA1577RT1G Datasheet
187Kb / 3P
   General Purpose Transistors PNP Silicon
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com