Electronic Components Datasheet Search |
|
UL215BC Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers |
|
UL215BC Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers |
7 / 8 page Catalog No./Item Description/Specifications UL2064BC Industrial Plug-In Outlet Center – UL2064BD Twelve outlets, lighted switch. 6' [1.8m] (UL2064BC) or 15' [4.6m] (UL2064BD) cord. Length 72" [1830mm]. Receptacle center-to- center 5 1/4" [133mm]. Catalog No./Item Description/Specifications UL2065BC Industrial Plug-In Outlet Center – UL2065BD Twenty-four outlets, lighted switch. 6' [1.8m] (UL2065BC) or 15' [4.6m] (UL2065BD) cord. Length 72" [1830mm]. Receptacle center-to- center 2 1/2" [64mm]. Catalog No./Item Description/Specifications Snap-on/Slide-off Mounting Bracket – Mount unit in any position. Includes two aluminum mounting clips that snap onto mounting rails on the back of the unit. Screws also included. Used for all units with 2" [51mm] housing. Keyhole Mounting Keyhole Mounting Bracket – Mount unit in almost any position. Screws not included. Available on all plastic units and units with 3 1/2" [89mm] aluminum housing. Catalog No./Item Description/Specifications Spring Clip Mounting Spring Clip Mounting Bracket – Mount unit in any position. Includes two spring steel mounting clips that snap onto the unit. Screws also included. Used for all units with 1 1/2" [38mm] narrow aluminum housing. Rack Mounting Rack Mounting Bracket – Fits standard 19" [482mm] rack. Screws not included. 7 . Mounting Types j j Catalog No./Item Description/Specifications UL215BC Deluxe Control Plug-In Outlet UL215BD Center – Four individually switched outlets. Lighted on/off switch. Gray finish. 6' [1.8m] (UL215BC) or 15' [4.6m] (UL215BD) cord. Length 13" [330mm]. Width 2" [51mm]. Receptacle center-to-center 2 1/8" [54mm]. Catalog No./Item Description/Specifications UL208BC Deluxe Control Plug-In Outlet UL208BD Center – Four individually switched outlets. Lighted on/off switch. Putty white finish. 6' [1.8m] (UL208BC) or 15' [4.6m] (UL208BD) cord. Length 7 1/2" [191mm]. Width 3 1/2" [89mm]. Receptacle center-to-center 1 15/16" [33mm]. UL209BC Deluxe Control Plug-In Outlet UL209BD Center – Eight individually switched outlets. Lighted on/off switch. Putty white finish. 6' [1.8m] (UL209BC) or 15' [4.6m] (UL209BD) cord. Length 13" [330mm]. Width 3 1/2" [89mm]. Receptacle center-to-center 1 15/16" [33mm]. j j j Deluxe Control Plug-In Outlet Centers Ordering Information Industrial Plug-In Outlet Centers Ordering Information NOTE: For UL units. NOTE: For CabinetMate units. |
Similar Part No. - UL215BC |
|
Similar Description - UL215BC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |