Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UL204BD Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # UL204BD
Description  Plug-In Outlet Center Units
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

UL204BD Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  UL204BD Datasheet HTML 1Page - List of Unclassifed Manufacturers UL204BD Datasheet HTML 2Page - List of Unclassifed Manufacturers UL204BD Datasheet HTML 3Page - List of Unclassifed Manufacturers UL204BD Datasheet HTML 4Page - List of Unclassifed Manufacturers UL204BD Datasheet HTML 5Page - List of Unclassifed Manufacturers UL204BD Datasheet HTML 6Page - List of Unclassifed Manufacturers UL204BD Datasheet HTML 7Page - List of Unclassifed Manufacturers UL204BD Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Catalog No./Item
Description/Specifications
V20-C2
Steel Cord-Ended Plugmold – Six outlets, ivory or gray finish. 6' [1.8m] cord. Length 40" [1m].
G20-C2
Receptacle center-to-center 6" [152mm].
Steel Cord-Ended Plugmold Ordering Information
Catalog No./Item
Description/Specifications
NM20-C3
Nonmetallic Cord-Ended Plugmold – Six (3 duplex) outlets, ivory finish. 6' [1.8m] cord.
Length 36" [915mm]. Receptacle center-to-center 12" [305mm].
NM20-C4
Nonmetallic Cord-Ended Plugmold – Eight (4 duplex) outlets, ivory finish. 6' [1.8m] cord.
Length 48" [1.2m]. Receptacle center-to-center 12" [305mm].
Nonmetallic Cord-Ended Plugmold Ordering Information
Questions? Call Technical Support today at 1-800-SENTREX.
u c
j
j
60 Woodlawn Street
West Hartford, CT 06110
Phone: 1.877.BY.LEGRAND (295-3472)
www.legrand.us/wiremold
570 Applewood Crescent
Vaughan, Ontario L4K 4B4
Phone:905.738.9195
© Copyright 2013 Legrand All Rights Reserved
ED795 R10 – Updated February 2013 – For latest specs visit www.legrand.us/wiremold
Catalog No./Item
Description/Specifications
IEC5
International Plug-In Outlet
Center – Five 250V, IEC 320 outlets.
Gray finish. 10A single pole circuit
breaker. Power cord not included.
Length 11" [279mm]. Receptacle
center-to-center 1 1/2" [38mm].
TÜV and UL1950 Information
Technology Listed.
International Plug-In Outlet Center Ordering Information
u c
TÜV


Similar Part No. - UL204BD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UL204BD ETC2-UL204BD Datasheet
1Mb / 8P
   Plug-In Outlet Center Units
More results

Similar Description - UL204BD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B10133 ETC2-B10133 Datasheet
1Mb / 8P
   Plug-In Outlet Center Units
SPIKECUBE ETC2-SPIKECUBE Datasheet
506Kb / 4P
   1-outlet, Direct plug-in, 600 joule Surge Suppressor
logo
Molex Electronics Ltd.
1301530221 MOLEX-1301530221 Datasheet
218Kb / 1P
   20A. IN-LINE GFCI W/HUBBEL PLUG & PORTABLE OUTLET BOX
2022/03/03
1301530140 MOLEX-1301530140 Datasheet
267Kb / 1P
   IN-LINE GFCI WITH WATERTITE PLUG AND PORTABLE OUTLET BOX
2022/03/03
logo
List of Unclassifed Man...
ISOBLOK2-0 ETC2-ISOBLOK2-0 Datasheet
533Kb / 4P
   2-outlet, Direct Plug-in, 1410 joules Isobar Surge Suppressor- Direct plug-in surge, spike and line
TLP31SAT ETC2-TLP31SAT Datasheet
545Kb / 5P
   3 outlet - 2 fixed outlets, 1 rotating power outlet and rotating coax, Direct plug-in, 1080 Joules
logo
Cooper Bussmann, Inc.
SRX COOPER-SRX Datasheet
143Kb / 2P
   Box Cover Units for Plug Fuses
logo
List of Unclassifed Man...
SK10TG ETC2-SK10TG Datasheet
538Kb / 4P
   1 Outlet, Direct Plug-In, 350 Joules, Timer - Protect It! Surge Suppressor
logo
Winchester Electronics ...
260-910-0631G WINCHESTER-260-910-0631G Datasheet
67Kb / 1P
   RDM PLUG, CRIMP CAPTIVE CENTER CONTACT
logo
List of Unclassifed Man...
ULTRAFAX ETC2-ULTRAFAX Datasheet
532Kb / 5P
   2 outlet, Direct plug-in, 1410 joules, All-Metal Housing Isobar Surge Suppressor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com