Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100300280001 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 100300280001
Description  Federl. SMC-B 26-SMD-BA7-13
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

100300280001 Datasheet(HTML) 1 Page - ERNI Electronics

  100300280001 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1,5 -0,03
1
Abspulrichtung -
Reel off Direction
330
Tape on Reel Packaging according to DIN IEC 60286-3
Verpackungseinheit: 280 Stück
Verpackt im Gurt nach DIN IEC 60286-3
Packaging unit: 280 pcs
Kontaktbereich vergoldet
Mating Area gold plating
Anschlussbereich verzinnt 4-6 µm
Terminal Area 4-6 µm tin plating
Koplanarität der Anschlüsse
0,1 mm
Coplanarity Area of Termination
Anforderungsstufe 1
Performance Level 1
0,1 mm
f
Index
contact one of the ERNI companies
A3
Class
K
13.01.2014
SMCB
Female SMC-B 26-SMD-type7-13
Federl. SMC-B 26-SMD-BA7-13
100300280001
www.ERNI.com
before using.
version of this drawing, please
Drawing will not be updated.
Designation
in mm
All Dimensions
Scale
Tolerances
Information:
3:1
All rights reserved.
Only for Information.
To ensure that this is the latest
Subject to modification without
prior notice.
Date
BA 7-13 - 8mm Bauhöhe
type7-13 - Low Profile
a1
16
Ansaughaube
hood
±0,03
17,76
19,66
0,635
21,59
Leiterplatten-Layout Vorschlag für SMT
PCB-Layout Proposal for SMT
a1
15,24
±0,03
19,66 ±0,03
0,3
1,2
-0,03
0,8
1,6
2,21
1,27
12 x 1,27 =
4,2
a1
a13
ohne Ansaughaube -
without hood
1,27
12 x 1,27 =
17,26
15,24
18,26


Similar Part No. - 100300280001

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
100300220003 ERNI-100300220003 Datasheet
179Kb / 1P
   ERMETZD MESSERLEISTE 4-10
100300220004 ERNI-100300220004 Datasheet
76Kb / 1P
   M 1,27 SRC A, 8-polig BA1
100300260001 ERNI-100300260001 Datasheet
58Kb / 1P
   1,27 SRC A SKV, 10-polig
More results

Similar Description - 100300280001

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
154806 ERNI-154806 Datasheet
87Kb / 1P
   Federl. SMC-B 26-SMD-BA7-13
100403440002 ERNI-100403440002 Datasheet
90Kb / 1P
   Federl. SMC-B 26-SMD-BA7-13
100104280001 ERNI-100104280001 Datasheet
91Kb / 1P
   Federl. SMC-B 26-SMD-BA7-13
100203210144 ERNI-100203210144 Datasheet
90Kb / 1P
   Federl. SMC-B 26-SMD-BA7-13
100103370001 ERNI-100103370001 Datasheet
89Kb / 1P
   Federl. SMC-B 26-SMD-BA7-13
100203160001 ERNI-100203160001 Datasheet
85Kb / 1P
   Federl. SMC-B 26-SMD-BA7-13
100404120001 ERNI-100404120001 Datasheet
90Kb / 1P
   Federl. SMC-B 26-SMD-BA7-13
100103140006 ERNI-100103140006 Datasheet
133Kb / 1P
   Federl. SMC-B 80-SMD-BA7-13
100103820001 ERNI-100103820001 Datasheet
102Kb / 1P
   Federl. SMC-B 50-SMD-BA7-13
100104120001 ERNI-100104120001 Datasheet
94Kb / 1P
   Federl. SMC-B 40-SMD-BA7-13
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com