Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15068 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX15068
Description  Dual ORing, Single Hot-Swap Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15068 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX15068 Datasheet HTML 5Page - Maxim Integrated Products MAX15068 Datasheet HTML 6Page - Maxim Integrated Products MAX15068 Datasheet HTML 7Page - Maxim Integrated Products MAX15068 Datasheet HTML 8Page - Maxim Integrated Products MAX15068 Datasheet HTML 9Page - Maxim Integrated Products MAX15068 Datasheet HTML 10Page - Maxim Integrated Products MAX15068 Datasheet HTML 11Page - Maxim Integrated Products MAX15068 Datasheet HTML 12Page - Maxim Integrated Products MAX15068 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
PIN
NAME
FUNCTION
1
CSN
Input Current Sense Negative Input
2
CSP
Input Current Sense Positive Input
3
IN1
Positive Supply 1 Input and MOSFET Gate Drive Return
4
VS
Internal Regulator Output. Bypass VS to GND with a 1μF capacitor.
5
GND
Ground
6
IN2
Positive Supply 2 Input and MOSFET Gate Drive Return
7
OG2
ORing MOSFET 2 Gate Control Output. Connect this pin to the gate of an external n-channel MOSFET
for ideal diode control. The gate voltage is limited to approximately 11V above and a diode voltage
below IN2. During fast turn-on, a 1A pullup switch charges OG2 from CP2. During fast turn-off, a 3A
pulldown switch discharges OG2 to IN2.
8
CP2
Charge Pump 2 Output. Connect a capacitor from CP2 to IN2 pin. The value of this capacitor should
be approximately 10x the gate capacitance (CISS) of the external MOSFET for ORing diode control.
The charge stored on this capacitor is used to pull up the gate during a fast turn-on.
9
IPMON
Analog Current Monitor Output Signal. Connect a resistor from IPMON to GND to set the monitor gain.
TQFN
(4mm × 5mm)
TOP VIEW
MAX15068
EP
+
7
8
9
10
1
CSN
2
CSP
3
IN1
4
VS
5
GND
6
IN2
16 CB
15 ON
14 EN
13 CDLY
12 PC
11 FAULT
20
19
18
17
MAX15068
Dual ORing, Single Hot-Swap Controller with
Accurate Current Monitoring
www.maximintegrated.com
Maxim Integrated │ 9
Pin Configuration
Pin Description


Similar Part No. - MAX15068

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15061 MAXIM-MAX15061 Datasheet
414Kb / 16P
   80V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Rev 0; 10/09
MAX15061ATE++ MAXIM-MAX15061ATE+ Datasheet
414Kb / 16P
   80V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Rev 0; 10/09
MAX15062 MAXIM-MAX15062 Datasheet
1Mb / 23P
   Step-Down DC-DC Converters
Rev 1; 10/13
MAX15062 MAXIM-MAX15062 Datasheet
3Mb / 23P
   60V, 300mA, Ultra-Small, High-Efficiency, Synchronous Step-Down DC-DC Converters
2016
MAX15062A MAXIM-MAX15062A Datasheet
863Kb / 8P
   60V adjustable, 0.5A DC power supply
Rev 1; 4/19
More results

Similar Description - MAX15068

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMH4814 SUMMIT-SMH4814 Datasheet
926Kb / 44P
   Dual Feed Active-ORing Programmable Hot Swap Controller
logo
Maxim Integrated Produc...
MAX5963 MAXIM-MAX5963 Datasheet
295Kb / 20P
   Dual, 7.5V to 76V, Hot-Swap and Diode ORing Controller
Rev 0; 10/08
logo
Linear Technology
LT4220 LINER-LT4220_15 Datasheet
265Kb / 16P
   Dual Supply Hot Swap Controller
LTC1646 LINER-LTC1646 Datasheet
407Kb / 20P
   CompactPCI Dual Hot Swap Controller
LT4220 LINER-LT4220 Datasheet
267Kb / 16P
   Dual Supply Hot Swap Controller
LTC1646 LINER-LTC1646_15 Datasheet
413Kb / 20P
   CompactPCI Dual Hot Swap Controller
LTC4227 LINER-LTC4227_15 Datasheet
695Kb / 22P
   Dual Ideal Diode and Single Hot Swap Controller
LTC4227-1 LINER-LTC4227-1 Datasheet
250Kb / 8P
   Dual Ideal Diode and Single Hot Swap Controller
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com