Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15091 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX15091
Description  Solution with Current Report Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15091 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX15091 Datasheet HTML 1Page - Maxim Integrated Products MAX15091 Datasheet HTML 2Page - Maxim Integrated Products MAX15091 Datasheet HTML 3Page - Maxim Integrated Products MAX15091 Datasheet HTML 4Page - Maxim Integrated Products MAX15091 Datasheet HTML 5Page - Maxim Integrated Products MAX15091 Datasheet HTML 6Page - Maxim Integrated Products MAX15091 Datasheet HTML 7Page - Maxim Integrated Products MAX15091 Datasheet HTML 8Page - Maxim Integrated Products MAX15091 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Typical Application Circuit appears at end of data sheet.
Ordering Information appears at end of data sheet.
For related parts and recommended products to use with this
part, refer to
www.maximintegrated.com/MAX15091.related.
General Description
The MAX15091/MAX15091A ICs are integrated solutions
for hot-swap applications requiring the safe insertion and
removal of circuit line cards from a live backplane. The
devices integrate a hot-swap controller, 18mΩ (typ) power
MOSFET, and an electronic circuit-breaker protection in a
single package.
The devices integrate an accurate current-sense circuitry
and provide 170µA/A of proportional output current. The
devices are designed for protection of 2.7V to 18V supply
voltages.
These devices implement a foldback current limit during
startup to control inrush current lowering di/dt and keep the
MOSFET operating under safe operating area (SOA) con-
ditions.After the startup cycle is complete, on-chip compar-
ators provide VariableSpeed/BiLevel™ protection against
short-circuit and overcurrent faults, and immunity against
system noise and load transients. The load is disconnect-
ed in the event of a fault condition. The devices are factory
calibrated to deliver accurate overcurrent protection with
±10% accuracy. During a fault condition, the MAX15091
latches off, while the MAX15091A enters autoretry mode.
The devices feature an IN to OUT short-circuit detection
before startup. The devices provide a power-MOSFET
GATE pin to program the slew rate during startup by add-
ing an external capacitor. The devices have overvoltage/
undervoltage input pins that can detect an overvoltage/
undervoltage fault and disconnect the IN from the OUT.
Additional features include internal overtemperature pro-
tection, power-good output, and fault-indicator output.
The MAX15091/MAX15091A are available in a 28-pin,
5mm x 5mm TQFN power package and are rated over the
-40°C to +85°C extended temperature range.
Features
● 2.7V to 18V Operating Voltage Range
● 18mΩ Internal Power MOSFET
● 9A (typ) Load Current Capability
● Analog Current Report Output
● ±10% Circuit-Breaker Threshold Accuracy
● Programmable Inrush Current Control Under SOA
Operation
● Adjustable Circuit-Breaker Current/Current-Limit
Threshold
● Programmable Slew-Rate Control
● Variable-Speed Circuit-Breaker Response
● Thermal Protection
● Overvoltage Protection
● Power-Good and Fault Outputs
● Latch-Off or Automatic Retry Options
● Programmable Undervoltage Lockout
● IN to OUT Short-Circuit Detection
Applications
● Blade Servers
● Server I/O Cards
● RAID Systems
● Disk Drive Power
● Storage Applications
● Industrial Applications
VariableSpeed/BiLevel is a trademark of Maxim Integrated
Products, Inc.
19-6625; Rev 1; 9/13
EVALUATION KIT AVAILABLE
MAX15091/MAX15091A
2.7V to 18V, 9A, Integrated Hot-Swap
Solution with Current Report Output


Similar Part No. - MAX15091

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15091AETI++ MAXIM-MAX15091AETI+ Datasheet
818Kb / 17P
   2.7V to 18V, 9A, Integrated Hot-Swap Solution with Current Report Output
2015
MAX15091ETI++ MAXIM-MAX15091ETI+ Datasheet
818Kb / 17P
   2.7V to 18V, 9A, Integrated Hot-Swap Solution with Current Report Output
2015
MAX15091 MAXIM-MAX15091_V01 Datasheet
818Kb / 17P
   2.7V to 18V, 9A, Integrated Hot-Swap Solution with Current Report Output
2015
More results

Similar Description - MAX15091

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15090 MAXIM-MAX15090_13 Datasheet
1Mb / 15P
   2.7V to 18V, 12A, Hot-Swap Solution with Current Report Output
Rev 1; 12/12
MAX15090 MAXIM-MAX15090 Datasheet
1Mb / 15P
   2.7V to 18V, 12A, Hot-Swap Solution with Current Report Output
Rev 0; 9/12
MAX15091 MAXIM-MAX15091_V01 Datasheet
818Kb / 17P
   2.7V to 18V, 9A, Integrated Hot-Swap Solution with Current Report Output
2015
logo
List of Unclassifed Man...
701269-R5-MB ETC2-701269-R5-MB Datasheet
279Kb / 1P
   High output red solution
701269-WL4-MB ETC2-701269-WL4-MB Datasheet
228Kb / 1P
   High output white solution
logo
Maxim Integrated Produc...
MAX16923 MAXIM-MAX16923 Datasheet
187Kb / 3P
   Automotive 4-Output Display Power Solution with Watchdog
Rev 3; 10/19
logo
List of Unclassifed Man...
FR-159 ETC-FR-159 Datasheet
38Kb / 1P
   FAILURE REPORT
logo
Maxim Integrated Produc...
MAX16926 MAXIM-MAX16926 Datasheet
774Kb / 21P
   Automotive 4-Output Display Power Solution with Watchdog
Rev 0; 3/20
logo
Alpha & Omega Semicondu...
AOTF6N90 AOSMD-AOTF6N90 Datasheet
43Kb / 6P
   HVMOS Family Report
logo
Hirose Electric
TR636E-10018 HIROSE-TR636E-10018 Datasheet
846Kb / 40P
   COMPREHENSIVE TEST REPORT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com