Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC36206 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MC36206
Description  Surface Mountable PTC Resettable Fuse
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MC36206 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MC36206 Datasheet HTML 1Page - List of Unclassifed Manufacturers MC36206 Datasheet HTML 2Page - List of Unclassifed Manufacturers MC36206 Datasheet HTML 3Page - List of Unclassifed Manufacturers MC36206 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Surface Mountable PTC
Resettable Fuse
Page <1>
17/05/11 V1.1
http://www.farnell.com
http://www.newark.com
http://www.cpc.co.uk
Specifications:
Applications
: All high-density boards.
Product features
: Small surface mountable, solid state, faster time to trip than
standard SMD devices, lower resistance than standard SMD devices.
Maximum voltage
: 6V to 15V.
Temperature range
: -40°C to 85°C.
Electrical Characteristics (23°C)
Hold
Current
Trip
Current
Rated
Voltage
Maximum
Current
Typical
Power
Maximum Time to Trip
Resistance
Part Number
Current
Time
RMin
R1Max
IH, A
IT, A
VMax, V dc
IMax, A
Pd, W
Amperes
Seconds
0.20
0.50
9
100
0.5
8.00
0.02
0.400
3.500
MC36206
0.35
0.75
6
100
0.5
8.00
0.10
0.250
1.200
MC36210
0.50
1.00
6
100
0.5
8.00
0.10
0.150
0.850
MC36213
0.75
1.50
6
40
0.6
8.00
0.20
0.090
0.350
MC36215
1.00
1.95
6
40
0.6
8.00
0.30
0.060
0.210
MC36220
IH
= Hold current-maximum current at which the device will not trip at 23°C still air.
IT
= Trip current-minimum current at which the device will always trip at 23°C still air.
VMAX
= Maximum voltage device can withstand without damage at it rated current (I maximum).
IMAX
= Maximum fault current device can withstand without damage at rated voltage (V maximum).
Pd
= Typical power dissipated-type amount of power dissipated by the device when in the tripped state in 23°C still air
environment.
RMIN
= Minimum device resistance at 23°C prior to tripping.
R1MAX = Maximum device resistance at 23°C measured 1 hour after tripping or reflow soldering of 260°C for 20 seconds.
Termination pad characteristics
Termination pad materials: Pure tin.
Production Dimensions (Millimeter)
UL : E-345437


Similar Part No. - MC36206

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC36203 ETC2-MC36203 Datasheet
71Kb / 5P
   Surface Mountable PTC Resettable Fuse
MC36205 ETC2-MC36205 Datasheet
71Kb / 5P
   Surface Mountable PTC Resettable Fuse
MC36207 ETC-MC36207 Datasheet
1Mb / 4P
   Resettable Fuse
MC36208 ETC2-MC36208 Datasheet
71Kb / 5P
   Surface Mountable PTC Resettable Fuse
More results

Similar Description - MC36206

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC36203 ETC2-MC36203 Datasheet
71Kb / 5P
   Surface Mountable PTC Resettable Fuse
MC33189 ETC2-MC33189 Datasheet
376Kb / 1P
   Surface Mountable PTC Resettable Fuse
logo
Shanghai Leiditech Elec...
SMD0603P002TF-60 LEIDITECH-SMD0603P002TF-60 Datasheet
2Mb / 3P
   Surface Mountable PTC Resettable Fuse
logo
Fuzetec Technology Co.,...
FSMD030-2016-R FUZETEC-FSMD030-2016-R Datasheet
309Kb / 4P
   Surface Mountable PTC Resettable Fuse : FSMD20
logo
RFE international
FSMD1206 RFE-FSMD1206 Datasheet
361Kb / 5P
   Surface Mountable PTC Resettable Fuse: FSMD1206 Series
2021/03/25
FSMD0805 RFE-FSMD0805 Datasheet
338Kb / 4P
   Surface Mountable PTC Resettable Fuse: FSMD0805 Series
2021/03/25
FSMD1812 RFE-FSMD1812 Datasheet
465Kb / 5P
   Surface Mountable PTC Resettable Fuse: FSMD1812 Series
2021/03/23
FSMD0603 RFE-FSMD0603 Datasheet
342Kb / 4P
   Surface Mountable PTC Resettable Fuse: FSMD0603 Series
2021/04/08
logo
Fuzetec Technology Co.,...
FSMD005-1206-R FUZETEC-FSMD005-1206-R Datasheet
210Kb / 5P
   Surface Mountable PTC Resettable Fuse: FSMD1206 Series
FSMD005-1210-R FUZETEC-FSMD005-1210-R Datasheet
191Kb / 4P
   Surface Mountable PTC Resettable Fuse: FSMD1210 Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com