Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMD26711 Datasheet(PDF) 3 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TMD26711
Description  DIGITAL PROXIMITY DETECTOR
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TMD26711 Datasheet(HTML) 3 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  TMD26711 Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD26711 Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD26711 Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD26711 Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD26711 Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD26711 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD26711 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD26711 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD26711 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
TMD2671
DIGITAL PROXIMITY DETECTOR
TAOS144B − SEPTEMBER 2012
2
r
r
Copyright
E 2012, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
Functional Block Diagram
SDA
INT
SCL
Wait Control
Prox
ADC
Prox Control
Prox
Data
IR LED Constant
Current Sink
Prox
Integration
Upper Limit
Lower Limit
Interrupt
GND
Channel 1
LEDA
LEDK
VDD
LDR
Channel 0
Detailed Description
A fully integrated proximity detection solution is provided with an 850-nm IR LED, LED driver circuit, and
proximity detection engine. An internal LED driver (LDR) pin, is connected to the LED cathode (LEDK) to provide
a factory calibrated proximity of 100 mm,
± 20 mm. This is accomplished with a proprietary current calibration
technique that accounts for all variances in silicon, optics, package, and most important, IR LED output power.
This eliminates or greatly reduces the need for factory calibration that is required for most discrete proximity
sensor solutions. While the device is factory calibrated at a given pulse count, the number of proximity LED
pulses can be programmed from 1 to 255 pulses, which allows different proximity distances to be achieved.
Each pulse has a 16
μs period, with a 7.2 μs on time.
The device provides a separate pin for level-style interrupts. When interrupts are enabled and a pre-set value
is exceeded, the interrupt pin is asserted and remains asserted until cleared by the controlling firmware. The
interrupt feature simplifies and improves system efficiency by eliminating the need to poll a sensor for a proximity
value. An interrupt is generated when the value of a proximity conversion exceeds either an upper or lower
threshold. In addition, a programmable interrupt persistence feature allows the user to determine how many
consecutive exceeded thresholds are necessary to trigger an interrupt.


Similar Part No. - TMD26711

ManufacturerPart #DatasheetDescription
logo
ams AG
TMD2671 AMSCO-TMD2671 Datasheet
1Mb / 29P
   DIGITAL PROXIMITY DETECTOR
logo
TEXAS ADVANCED OPTOELEC...
TMD26713 TAOS-TMD26713 Datasheet
1Mb / 29P
   DIGITAL PROXIMITY DETECTOR
More results

Similar Description - TMD26711

ManufacturerPart #DatasheetDescription
logo
ams AG
TSL2671 AMSCO-TSL2671 Datasheet
725Kb / 27P
   DIGITAL PROXIMITY DETECTOR
logo
TEXAS ADVANCED OPTOELEC...
TMD26723 TAOS-TMD26723 Datasheet
1Mb / 29P
   DIGITAL PROXIMITY DETECTOR
logo
ams AG
TSL26721 AMSCO-TSL26721 Datasheet
750Kb / 46P
   Digital Proximity Detector
TMD2672 AMSCO-TMD2672 Datasheet
1Mb / 29P
   DIGITAL PROXIMITY DETECTOR
logo
TEXAS ADVANCED OPTOELEC...
TMD26713 TAOS-TMD26713 Datasheet
1Mb / 29P
   DIGITAL PROXIMITY DETECTOR
logo
ams AG
TMD26723 AMSCO-TMD26723 Datasheet
1Mb / 29P
   DIGITAL PROXIMITY DETECTOR
TMD2672 AMSCO-TMD2672_V01 Datasheet
527Kb / 43P
   Digital Proximity Detector
2015-Mar-23
TMD26721 AMSCO-TMD26721 Datasheet
1Mb / 29P
   DIGITAL PROXIMITY DETECTOR
TMD2671 AMSCO-TMD2671 Datasheet
1Mb / 29P
   DIGITAL PROXIMITY DETECTOR
TSL2672 AMSCO-TSL2672 Datasheet
749Kb / 31P
   DIGITAL PROXIMITY DETECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com