Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMD27711 Datasheet(PDF) 11 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TMD27711
Description  DIGITAL ALS and PROXIMITY MODULE
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TMD27711 Datasheet(HTML) 11 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button TMD27711 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD27711 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD27711 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD27711 Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD27711 Datasheet HTML 11Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD27711 Datasheet HTML 12Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD27711 Datasheet HTML 13Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD27711 Datasheet HTML 14Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD27711 Datasheet HTML 15Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
TMD2771
DIGITAL ALS
and PROXIMITY MODULE
TAOS143B − SEPTEMBER 2012
10
r
r
Copyright
E 2012, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
Proximity Detection
Proximity detection is accomplished by measuring the amount of IR energy, from the internal IR LED, reflected
off an object to determine its distance. The internal proximity IR LED is driven by the integrated proximity LED
current driver as shown in Figure 8.
CH1
Prox
Integration
Prox Control
Prox
ADC
Prox LED
Current Driver
CH0
PDATAH(r0x019)
PDRIVE(r0x0F, b7:6)
Prox
Data
IR
LED
PTIME(r0x02)
PPULSE(r0x0E)
PDIODE(r0x0F, b5:4)
Background Energy
PDATAL(r0x018)
Object
LDR
LEDK
LEDA
Figure 8. Proximity Detection
The LED current driver provides a regulated current sink on the LDR terminal that eliminates the need for an
external current limiting resistor. The PDRIVE register setting sets the sink current to 100%, 50%, 25%, or 12.5%
of the factory trimmed full scale current.
Referring to the Detailed State Machine figure, the LED current driver pulses the IR LED as shown in Figure 9
during the Prox Accum state. Figure 9 also illustrates that the LED On pulse has a fixed width of 7.3
μs and
period of 16.0
μs. So, in addition to setting the proximity drive current, 1 to 255 proximity pulses (PPULSE) can
be programmed. When deciding on the number of proximity pulses, keep in mind that the signal increases
proportionally to PPULSE, while noise increases by the square root of PPULSE.
LED On
LED Off
IR LED Pulses
Background
Energy
Reflected IR LED +
Background Energy
16.0
ms
7.3
ms
Figure 9. Proximity LED Current Driver Waveform
Figure 8 illustrates light rays emitting from the internal IR LED, reflecting off an object, and being absorbed by
the CH0 and CH1 photodiodes. The proximity diode selector (PDIODE) determines which of the two
photodiodes is used for a given proximity measurement. Note that neither photodiode is selected when the
device first powers up, so PDIODE must be set for proximity detection to work.


Similar Part No. - TMD27711

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMD27711 ETC2-TMD27711 Datasheet
1Mb / 33P
   The technical content of this TAOS datasheet is still valid
More results

Similar Description - TMD27711

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TMD27723 TAOS-TMD27723 Datasheet
1Mb / 35P
   DIGITAL ALS and PROXIMITY MODULE
TMD27721 TAOS-TMD27721 Datasheet
1Mb / 35P
   DIGITAL ALS and PROXIMITY MODULE
logo
ams AG
TMD2771 AMSCO-TMD2771 Datasheet
1Mb / 33P
   DIGITAL ALS and PROXIMITY MODULE
TMD27722 AMSCO-TMD27722 Datasheet
1Mb / 35P
   DIGITAL ALS and PROXIMITY MODULE
TMD2772 AMSCO-TMD2772 Datasheet
1Mb / 35P
   DIGITAL ALS and PROXIMITY MODULE
TMD2772WA AMSCO-TMD2772WA Datasheet
1Mb / 59P
   Digital ALS and Proximity Module
TMD3725 AMSCO-TMD3725 Datasheet
1Mb / 55P
   ALS, Color and Proximity Sensor Module
logo
STMicroelectronics
VL6180X STMICROELECTRONICS-VL6180X Datasheet
1Mb / 79P
   Proximity and ambient light sensing (ALS) module
August 2014 Rev 6
logo
ams AG
TMD2725 AMSCO-TMD2725_V01 Datasheet
1Mb / 50P
   ALS, and Small Aperture Proximity Sensor Module
2018-Feb-23
TMD3702VC AMSCO-TMD3702VC Datasheet
1Mb / 57P
   Narrow ALS, Color and Proximity Sensor Module
v2-00 2023-Mar-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com