Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMD27721 Datasheet(PDF) 3 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TMD27721
Description  DIGITAL ALS and PROXIMITY MODULE
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TMD27721 Datasheet(HTML) 3 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  TMD27721 Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD27721 Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD27721 Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD27721 Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD27721 Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD27721 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD27721 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD27721 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD27721 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
TMD2772
DIGITAL ALS
and PROXIMITY MODULE
TAOS147
E − DECEMBER 2012
2
r
r
Copyright
E 2012, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
Functional Block Diagram
SDA
VDD
INT
SCL
LDR
CH1
ADC
ALS Control
CH1
Data
Wait Control
Prox
ADC
Prox Control
Prox
Data
IR LED Constant
Current Sink
CH0
ADC
CH0
Data
Prox
Integration
Upper Limit
Upper Limit
Lower Limit
Lower Limit
Interrupt
GND
LEDA
LEDK
Channel 1
Channel 0
Detailed Description
The light-to-digital device provides on-chip photodiodes, integrating amplifiers, ADCs, accumulators, clocks,
buffers, comparators, a state machine, and an I2C interface. Each device combines one photodiode (CH0),
which is responsive to both visible and infrared light, and a second photodiode (CH1), which is responsive
primarily to infrared light. Two integrating ADCs simultaneously convert the amplified photodiode currents to
a digital value providing up to 16-bits of resolution. Upon completion of the conversion cycle, the conversion
result is transferred to the Ch0 and Ch1 data registers. This digital output can be read by a microprocessor
where the luminance (ambient light level in lux) is derived using an empirical formula to approximate the human
eye response.
A fully integrated proximity detection solution is provided with an 850-nm IR LED, LED driver circuit, and
proximity detection engine. An internal LED driver pin (LDR) is externally connected to the LED cathode (LEDK)
to provide a controlled LED sink current. This is accomplished with a proprietary current calibration technique
that accounts for all variances in silicon, optics, package, and most important, IR LED output power. This
eliminates or greatly reduces the need for factory calibration that is required for most discrete proximity sensor
solutions. The device is factory calibrated to achieve a proximity count reading at a specified distance with a
specific number of pulses. In use, the number of proximity LED pulses can be programmed from 1 to 255 pulses,
which allows different proximity distances to be achieved. Each pulse has a 16
μs period with a 7.2 μs on time.
Communication with the device is accomplished through a fast (up to 400 kHz), two-wire I2C serial bus for easy
connection to a microcontroller or embedded controller. The digital output of the device is inherently more
immune to noise when compared to an analog photodiode interface.
The device provides a separate pin for level-style interrupts. When interrupts are enabled and a pre-set value
is exceeded, the interrupt pin is asserted and remains asserted until cleared by the controlling firmware. The
interrupt feature simplifies and improves system efficiency by eliminating the need to poll a sensor for a light
intensity or proximity value. An interrupt is generated when the value of an ALS or proximity conversion exceeds
either an upper or lower threshold. In addition, a programmable interrupt persistence feature allows the user
to determine how many consecutive exceeded thresholds are necessary to trigger an interrupt. Interrupt
thresholds and persistence settings are configured independently for both ALS and proximity.


Similar Part No. - TMD27721

ManufacturerPart #DatasheetDescription
logo
ams AG
TMD27721 AMSCO-TMD27721 Datasheet
1Mb / 59P
   Digital ALS and Proximity Module
TMD27721 AMSCO-TMD27721 Datasheet
1Mb / 35P
   DIGITAL ALS and PROXIMITY MODULE
logo
OSRAM GmbH
TMD27721 OSRAM-TMD27721 Datasheet
1Mb / 60P
   Digital ALS and Proximity Module
v1-21 2016-Feb-16
logo
ams AG
TMD27721WA AMSCO-TMD27721WA Datasheet
1Mb / 59P
   Digital ALS and Proximity Module
logo
OSRAM GmbH
TMD27721WA OSRAM-TMD27721WA Datasheet
1Mb / 60P
   Digital ALS and Proximity Module
v1-21 2016-Feb-16
More results

Similar Description - TMD27721

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TMD27711 TAOS-TMD27711 Datasheet
1Mb / 33P
   DIGITAL ALS and PROXIMITY MODULE
TMD27723 TAOS-TMD27723 Datasheet
1Mb / 35P
   DIGITAL ALS and PROXIMITY MODULE
logo
ams AG
TMD2771 AMSCO-TMD2771 Datasheet
1Mb / 33P
   DIGITAL ALS and PROXIMITY MODULE
TMD27722 AMSCO-TMD27722 Datasheet
1Mb / 35P
   DIGITAL ALS and PROXIMITY MODULE
TMD2772 AMSCO-TMD2772 Datasheet
1Mb / 35P
   DIGITAL ALS and PROXIMITY MODULE
TMD2772WA AMSCO-TMD2772WA Datasheet
1Mb / 59P
   Digital ALS and Proximity Module
TMD3725 AMSCO-TMD3725 Datasheet
1Mb / 55P
   ALS, Color and Proximity Sensor Module
logo
STMicroelectronics
VL6180X STMICROELECTRONICS-VL6180X Datasheet
1Mb / 79P
   Proximity and ambient light sensing (ALS) module
August 2014 Rev 6
logo
ams AG
TMD2725 AMSCO-TMD2725_V01 Datasheet
1Mb / 50P
   ALS, and Small Aperture Proximity Sensor Module
2018-Feb-23
TMD3702VC AMSCO-TMD3702VC Datasheet
1Mb / 57P
   Narrow ALS, Color and Proximity Sensor Module
v2-00 2023-Mar-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com