Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB62781FNG Datasheet(PDF) 1 Page - Marktech Corporate

Part # TB62781FNG
Description  9-Channel Constant-Current LED Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TB62781FNG Datasheet(HTML) 1 Page - Marktech Corporate

  TB62781FNG Datasheet HTML 1Page - Marktech Corporate TB62781FNG Datasheet HTML 2Page - Marktech Corporate TB62781FNG Datasheet HTML 3Page - Marktech Corporate TB62781FNG Datasheet HTML 4Page - Marktech Corporate TB62781FNG Datasheet HTML 5Page - Marktech Corporate TB62781FNG Datasheet HTML 6Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TB62781FNG
2011-06-21
1
TOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic
TB62781FNG
9-Channel Constant-Current LED Driver of the 3.3V and 5V Power Supply Voltage
Operation
1. Features
• Power supply voltages: VCC = 3.3 V/5 V
• Output drive capability and output count: 80 mA (max)× 9 channels
• Constant-current output range: 5 to 40 mA
• Voltage applied to constant-current output terminals: 0.4 V(min) (IOUT = 5 to 40 mA)
• Designed for common-anode LEDs
• The input interface is controlled by the SDA and SCLK signal lines.
• Thermal shutdown (TSD) (min: 150℃)
• Logical Input signal voltage level: 3.3V and 5V CMOS interfaces (Schmitt trigger input)
• Maximum output voltage: 28 V
• Incorporates PWM control circuitry: Provides seven-bit PWM control.
• Driver identification: Up to 64 drivers can be controlled individually.
• Operating temperature range: Topr = −40 to 85°C
• Package: SSOP20-P-225-0.65A
Absolute Maximum Ratings (Ta = 25 °C)
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
6.0
V
Input voltage
VIN
−0.3 to VCC + 0.3 (Note 1)
V
Output current
IOUT
85
mA/ch
Output voltage
VOUT
−0.3 to 29
V
Power dissipation
Pd
1.02 (Notes 2 and 3)
W
Thermal resistance
Rth (j-a)
122 (Note 2)
°C/W
Operating temperature range
Topr
−40 to 85
°C
Storage temperature range
Tstg
−55 to 150
°C
Maximum junction temperature
Tj
150
°C
Note 1:
However, do not exceed 6.0 V.
Note 2:
When mounted on a PCB (76.2
× 114.3 × 1.6 mm; Cu = 30%; 35-µm-thick; SEMI-compliant)
Note 3:
Power dissipation is reduced by 1/Rth (j-a) for each °C above 25°C ambient.
Please use contents on this material as reference.
Please contact if you need formal datasheet.


Similar Part No. - TB62781FNG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB62781FNG TOSHIBA-TB62781FNG Datasheet
81Kb / 6P
   9-Channel Constant-Current LED Driver of the 3.3V and 5V Power Supply Voltage Operation
logo
Comchip Technology
TB62781FNG COMCHIP-TB62781FNG_15 Datasheet
81Kb / 6P
   9-Channel Constant-Current LED Driver
More results

Similar Description - TB62781FNG

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TB62781FNG COMCHIP-TB62781FNG_15 Datasheet
81Kb / 6P
   9-Channel Constant-Current LED Driver
logo
Toshiba Semiconductor
TB62D786FTG TOSHIBA-TB62D786FTG Datasheet
661Kb / 28P
   9-channel constant current LED driver with single wire
logo
Shenzhen Putianhe Techn...
TM1905 PTH-TM1905 Datasheet
650Kb / 16P
   9 channel LED constant current drive
TM1825 PTH-TM1825 Datasheet
665Kb / 16P
   9 channel LED constant current drive
logo
Catalyst Semiconductor
CAT4016 CATALYST-CAT4016 Datasheet
226Kb / 15P
   16-Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4008 ONSEMI-CAT4008 Datasheet
160Kb / 13P
   8-Channel Constant Current LED Driver
March, 2010 ??Rev. 2
CAT4016 ONSEMI-CAT4016 Datasheet
180Kb / 14P
   16-Channel Constant Current LED Driver
April, 2010 ??Rev. 4
logo
Leshan Radio Company
LR9026 LRC-LR9026 Datasheet
463Kb / 9P
   16-channel constant current LED driver
logo
LDT Co., Ltd
LD1018 LDT-LD1018 Datasheet
386Kb / 24P
   16 Channel Constant Current LED Driver
logo
Comchip Technology
TB62783FNG COMCHIP-TB62783FNG_15 Datasheet
74Kb / 6P
   8-Channel Constant-Current LED Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com