Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC62D776CFG Datasheet(PDF) 10 Page - Marktech Corporate

Part # TC62D776CFG
Description  16-Channel Constant-Current LED Driver
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TC62D776CFG Datasheet(HTML) 10 Page - Marktech Corporate

Back Button TC62D776CFG Datasheet HTML 6Page - Marktech Corporate TC62D776CFG Datasheet HTML 7Page - Marktech Corporate TC62D776CFG Datasheet HTML 8Page - Marktech Corporate TC62D776CFG Datasheet HTML 9Page - Marktech Corporate TC62D776CFG Datasheet HTML 10Page - Marktech Corporate TC62D776CFG Datasheet HTML 11Page - Marktech Corporate TC62D776CFG Datasheet HTML 12Page - Marktech Corporate TC62D776CFG Datasheet HTML 13Page - Marktech Corporate TC62D776CFG Datasheet HTML 14Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
TC62D776CFG
2011-12-07
10
S2 command (Input of state setting data (1).)
Description
If SCK pulses High seven or eight times while TRANS is High, it is interpreted as the S0 command, which
acts as follows.
The TC62D776CFG transfers the state control data (1) from the 16-bit Shift Register to the State Control
register.
The states that can be programmed with the S2 command are shown below.
Basic input pattern of S2 command)
Input form of state setting data (1)
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
A7
A6
A5
A4
A3
A2
A1
A0
R0
S0
T0
U0
-
-
H0
L0
*Input in MSB first.
*Please input "L" data to D7 to D2.
State setting data (1) setting
Input data
Setting bit
Outline of command
0
1
Default after
power-on
A7
Setting of
current correction range
High set mode
50% to 200%
Low set mode
11% to 45%
High set mode
50% to 200%
A6 to A0
Setting of
current correction data
Refer to attached table.
100%
R0 to U0
TEST Mode setting. Please input "L" data.
"L"
H0
Data Initialization
Normal
Initialization
Normal
L0
Setting of
standby mode (1)
Normal
Active
Normal


Similar Part No. - TC62D776CFG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC62D776CFG TOSHIBA-TC62D776CFG Datasheet
525Kb / 33P
   16-Channel Constant-Current LED Driver of the 3.3-V and 5-V Power Supply
logo
Marktech Corporate
TC62D776CFG MARKTECH-TC62D776CFG_15 Datasheet
525Kb / 33P
   16-Channel Constant-Current LED Driver
More results

Similar Description - TC62D776CFG

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT4016 CATALYST-CAT4016 Datasheet
226Kb / 15P
   16-Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4016 ONSEMI-CAT4016 Datasheet
180Kb / 14P
   16-Channel Constant Current LED Driver
April, 2010 ??Rev. 4
logo
Leshan Radio Company
LR9026 LRC-LR9026 Datasheet
463Kb / 9P
   16-channel constant current LED driver
logo
LDT Co., Ltd
LD1018 LDT-LD1018 Datasheet
386Kb / 24P
   16 Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4016W-T1 ONSEMI-CAT4016W-T1 Datasheet
293Kb / 15P
   16-Channel Constant Current LED Driver
Doc. No. MD-5028 Rev. D
logo
Marktech Corporate
TC62D776CFG MARKTECH-TC62D776CFG_15 Datasheet
525Kb / 33P
   16-Channel Constant-Current LED Driver
TC62D776CFNAG MARKTECH-TC62D776CFNAG_15 Datasheet
567Kb / 33P
   16-Channel Constant-Current LED Driver
logo
ON Semiconductor
CAT4016 ONSEMI-CAT4016_15 Datasheet
121Kb / 14P
   16-Channel Constant Current LED Driver
July, 2015 ??Rev. 5
logo
LDT Co., Ltd
LD1016H LDT-LD1016H Datasheet
552Kb / 21P
   16 Channel Constant current LED Driver
logo
Catalyst Semiconductor
CAT4016 CATALYST-CAT4016_08 Datasheet
231Kb / 15P
   16-Channel Constant Current LED Driver
logo
SHANGHAI BELLING CO., L...
BL8589 BELLING-BL8589 Datasheet
416Kb / 12P
   16-Channel Constant-Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com