Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC08DL500 Datasheet(PDF) 1 Page - Texas Instruments

Part # ADC08DL500
Description  ADC08DL500 Low Power, 8-Bit, Dual 500 MSPS A/D Converter
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC08DL500 Datasheet(HTML) 1 Page - Texas Instruments

  ADC08DL500_14 Datasheet HTML 1Page - Texas Instruments ADC08DL500_14 Datasheet HTML 2Page - Texas Instruments ADC08DL500_14 Datasheet HTML 3Page - Texas Instruments ADC08DL500_14 Datasheet HTML 4Page - Texas Instruments ADC08DL500_14 Datasheet HTML 5Page - Texas Instruments ADC08DL500_14 Datasheet HTML 6Page - Texas Instruments ADC08DL500_14 Datasheet HTML 7Page - Texas Instruments ADC08DL500_14 Datasheet HTML 8Page - Texas Instruments ADC08DL500_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 57 page
background image
ADC08DL500
www.ti.com
SNAS495C – MARCH 2011 – REVISED MARCH 2011
ADC08DL500 Low Power, 8-Bit, Dual 500 MSPS A/D Converter
Check for Samples: ADC08DL500
1
FEATURES
APPLICATIONS
2
Single +1.9V ±0.1V Operation
Satellite Modems
Duty Cycle Corrected Sample Clock
Digital Oscilloscopes
Direct RF Down Conversion
Communications Systems
Test Instrumentation
DESCRIPTION
The ADC08DL500 is a dual, low power, high performance, CMOS analog-to-digital converter. The ADC08DL500
digitizes signals to 8 bits of resolution at sample rates up to 500 MSPS. Consuming a typical 1.2 Watts in
demultiplex mode at 500 MSPS from a single 1.9 Volt supply, this device is guaranteed to have no missing
codes over the full operating temperature range. The unique folding and interpolating architecture, the fully
differential comparator design, the innovative design of the internal sample-and-hold amplifier and the calibration
schemes enable a very flat response of all dynamic parameters beyond Nyquist, producing a high 7.2 Effective
Number of Bits (ENOB) with a 125 MHz input signal and a 500 MHz sample rate while providing a 10−18 Code
Error Rate (C.E.R.)
The converter typically consumes 3.3 mW in the Power Down Mode and is available in a lead-free 144-lead
LQFP and operates over the modified Industrial (-40°C
≤ TA ≤ +70°C) temperature range.
Table 1. Key Specifications
VALUE
UNIT
Resolution
8
Bits
Max Conversion Rate
500
MSPS
Code Error Rate
10−18
(typ)
ENOB @ 125 MHz Input
7.2
Bits (typ)
DNL
±0.15
LSB (typ)
Operating in 1:2 Demux Output
1.25
W (typ)
Power Consumption
Power Down Mode
3.3
mW (typ)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADC08DL500_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC08DL500 TI1-ADC08DL500_15 Datasheet
742Kb / 57P
[Old version datasheet]   Low Power, 8-Bit, Dual 500 MSPS A/D Converter
More results

Similar Description - ADC08DL500_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC08DL500 TI1-ADC08DL500 Datasheet
1Mb / 48P
[Old version datasheet]   ADC08DL500 Low Power, 8-Bit, Dual 500 MSPS A/D Converter
ADC08DL500 TI1-ADC08DL500_15 Datasheet
742Kb / 57P
[Old version datasheet]   Low Power, 8-Bit, Dual 500 MSPS A/D Converter
ADC08DL502 TI1-ADC08DL502 Datasheet
1Mb / 43P
[Old version datasheet]   Low Power, 8-Bit, Dual 500 MSPS A/D Converter
logo
Analog Devices
ADC08D500 AD-ADC08D500 Datasheet
877Kb / 33P
   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
logo
National Semiconductor ...
ADC08D500 NSC-ADC08D500_08 Datasheet
992Kb / 38P
   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
logo
Texas Instruments
ADC08D500 TI1-ADC08D500 Datasheet
924Kb / 48P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
logo
National Semiconductor ...
ADC08D500 NSC-ADC08D500_09 Datasheet
1Mb / 40P
   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
logo
Texas Instruments
ADC08D502 TI1-ADC08D502_15 Datasheet
902Kb / 48P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
ADC08D502 TI1-ADC08D502 Datasheet
877Kb / 43P
[Old version datasheet]   ADC08D502 High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
logo
National Semiconductor ...
ADC08500 NSC-ADC08500 Datasheet
939Kb / 34P
   High Performance, Low Power 8-Bit, 500 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com