Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC124S051 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADC124S051
Description  ADC084S021 4-Channel, 50 ksps to 200 Ksps, 8-Bit A/D Converter
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC124S051 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADC124S051 Datasheet HTML 2Page - Texas Instruments ADC124S051 Datasheet HTML 3Page - Texas Instruments ADC124S051 Datasheet HTML 4Page - Texas Instruments ADC124S051 Datasheet HTML 5Page - Texas Instruments ADC124S051 Datasheet HTML 6Page - Texas Instruments ADC124S051 Datasheet HTML 7Page - Texas Instruments ADC124S051 Datasheet HTML 8Page - Texas Instruments ADC124S051 Datasheet HTML 9Page - Texas Instruments ADC124S051 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
2
3
4
5
6
7
8
Track
Hold
Power Up
Track
Hold
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
9
10
DB5
DB4
DB3
DB2
DB1
DB0
DB5
DB4
DB3
DIN
DOUT
Power Up
SCLK
CS
Power Down
Control register
Control register
DB7
DB6
DB7
DB6
ADC084S021
SNAS279E – APRIL 2005 – REVISED MARCH 2013
www.ti.com
ADC084S021 Timing Specifications
The following specifications apply for VA = +2.7V to 5.25V, GND = 0V, fSCLK = 0.8 MHz to 3.2 MHz, fSAMPLE = 50 ksps to 200
ksps, CL = 50 pF, Boldface limits apply for TA = TMIN to TMAX: all other limits TA = 25°C.
Symbol
Parameter
Conditions
Typical
Limits (1)
Units
VA =
+3.0V
tCSU
Setup Time SCLK High to CS Falling Edge
(2)
10
VA = +5.0V
−0.5
VA = +3.0V
+4.5
tCLH
Hold time SCLK Low to CS Falling Edge
(2)
10
ns (min)
VA = +5.0V
+1.5
VA = +3.0V
+4
tEN
Delay from CS Until DOUT active
30
ns (max)
VA = +5.0V
+2
VA = +3.0V
+16.5
tACC
Data Access Time after SCLK Falling Edge
30
ns (max)
VA = +5.0V
+15
tSU
Data Setup Time Prior to SCLK Rising Edge
+3
10
ns (min)
tH
Data Valid SCLK Hold Time
+3
10
ns (min)
tCH
SCLK High Pulse Width
0.5 x tSCLK 0.3 x tSCLK
ns (min)
tCL
SCLK Low Pulse Width
0.5 x tSCLK 0.3 x tSCLK
ns (min)
VA = +3.0V
1.7
Output Falling
VA = +5.0V
1.2
tDIS
CS Rising Edge to DOUT High-Impedance
20
ns (max)
VA = +3.0V
1.0
Output Rising
VA = +5.0V
1.0
(1)
Tested limits are specified to TI's AOQL (Average Outgoing Quality Level).
(2)
Clock may be either high or low when CS is asserted as long as setup and hold times tCSU and tCLH are strictly observed.
Timing Diagrams
Figure 2. ADC084S021 Operational Timing Diagram
6
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: ADC084S021


Similar Part No. - ADC124S051

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC124S051 NSC-ADC124S051 Datasheet
964Kb / 19P
   4 Channel, 1 MSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC124S051 TI1-ADC124S051 Datasheet
1Mb / 28P
[Old version datasheet]   12-Bit A/D Converter
logo
National Semiconductor ...
ADC124S051 NSC-ADC124S051 Datasheet
909Kb / 19P
   4 Channel, 200 kSPS, 12-Bit A/D Converter
ADC124S051 NSC-ADC124S051 Datasheet
926Kb / 19P
   4 Channel, 500 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC124S051 TI-ADC124S051 Datasheet
1Mb / 27P
[Old version datasheet]   ADC084S021 4-Channel, 50 ksps to 200 Ksps, 8-Bit A/D Converter
More results

Similar Description - ADC124S051

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC084S021CIMM TI-ADC084S021CIMM Datasheet
1Mb / 27P
[Old version datasheet]   ADC084S021 4-Channel, 50 ksps to 200 Ksps, 8-Bit A/D Converter
ADC088S022 TI1-ADC088S022_14 Datasheet
1Mb / 24P
[Old version datasheet]   8-Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
logo
National Semiconductor ...
ADC088S022 NSC-ADC088S022 Datasheet
804Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
ADC088S022 NSC-ADC088S022_06 Datasheet
824Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC128S022 TI1-ADC128S022_15 Datasheet
1Mb / 29P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC108S022 NSC-ADC108S022 Datasheet
842Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC081S021 TI1-ADC081S021 Datasheet
1Mb / 29P
[Old version datasheet]   Single-Channel, 50-ksps to 200-ksps, 8-Bit A/D Converter
ADC128S022CIMT-NOPB TI1-ADC128S022CIMT-NOPB Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC108S022 TI1-ADC108S022_15 Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
logo
National Semiconductor ...
ADC128S022 NSC-ADC128S022 Datasheet
848Kb / 18P
   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com