Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C4258 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # C4258
Description  PICOSECOND PHOTODETECTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C4258 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  C4258 Datasheet HTML 1Page - Hamamatsu Corporation C4258 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Cat. No. SSCS1007E06
AUG/2002 HPK
Created in Japan (PDF)
SPECIFICATIONS
50 ps
Internal battery (W-10)
70% max. (with no condensation)
DIMENSIONAL OUTLINES (Unit: mm)
MEASUREMENT EXAMPLES
C4258
BAT TERY
Battery box
Output connector (SMA type)
43
47
16
20
21
10
16
20
15
M6 P1.0 D=6
(For exclusive stand)
4-M3 P0.5 D=6
1/4-20UNG D=6
1/4-20UNG D=6
M6 P1.0 D=6
(For exclusive stand)
4-M3 P0.5 D=6
Window
13
Weight: Approx. 300 g
• Example showing measurement of relaxation oscillations from a
semiconductor laser in the 0.8
µm band
Type mumber
Spectral response
Sensitivity
Active area
Rise time
Maximun input plue width
Low-frequency cutoff
Power source
Operating ambient temperature
Storage ambient temperature
Operating/storage ambient humidity
The C4258 series of picosecond photodetectors consists of pho-
todetectors featuring a light detector, a high-frequency circuit,and
a battery integrated in a single unit, as well as fast response. Opti-
cal phenomena in the picosecond region can be measured sim-
plyby irradiating the unit with an optical beam and connecting the
output to an external oscilloscope.
A high-speed MSM photodiode is used as the detector, enabling
a fast rise time , a large active area. For this reason, the C4258 is
ideal for pulse waveform observation of picosecond lasers such
as Ti: sapphire / YAG lasers, and semiconductor lasers for
DVDs and optical communications. In addition, by combining it
with a short-pulselight source, the C4258 can be used in applica-
tions such as measuring the transmission characteristics of opt-
ical fibers.
Four models are available. This lets the user select which ever
model is optimum for the wavelength of the pulse being meas-
ured.
C4258
C4258-01
C4258-02
C4258-03
0 to +40
°C
– 10 to +50
°C
100 kHz
0.4
µm to 0.87 µm
0.6
µm to 1.65 µm
0.32
µm to 1.0 µm0.98 µm to 1.65 µm
1 mV/mW (at 0.6
µm)
3 mV/mW (at 1.55
µm)
5 mV/mW (at 0.85
µm)
10 mV/mW (at 1.55
µm)
0.2 mm
× 0.2 mm
0.2 mm
× 0.2 mm
φ 0.4 mm
φ 0.08 mm
50 ps
--
< 5 ns
< 5 ns
< 400 ps
< 400 ps
Homepage Address http://www.hamamatsu.com
5 Product and software package names noted in this documentation are trademarks or registered trademarks of their respective manufacturers.
q
Subject to local technical requirements and regulations, availability of products included in this promotional material may vary. Please consult with our sales office.
.
q
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications and external appearance are subject to change without notice..
© 2002 Hamamatsu Photonics K.K.
ISO 9001
Certificate: 09 105 79045
HAMAMATSU PHOTONICS K.K., Systems Division
812 Joko-cho, Hamamatsu City, 431-3196, Japan, Telephone: (81)53-431-0124, Fax: (81)53-435-1574, E-mail:export@sys.hpk.co.jp
U.S.A. and Canada: Hamamatsu Photonic Systems: 360 Foothill Road, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1)908-231-1116, Fax: (1)908-231-0852, E-mail: usa@hamamatsu.com
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49)8152-375-0, Fax: (49)8152-2658, E-mail: info@hamamatsu.de
,
France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: (33)1 69 53 71 00, Fax: (33)1 69 53 71 10, E-mail: infos@hamamatsu.fr
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10Tewin Road, Welwyn Garden City, Hertfordshire, AL7 1BW, U.K., Telephone: (44) 1707-294888, Fax: (44) 1707-325777, E-mail: info@hamamatsu.co.uk
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171-41 Solna, Sweden, Telephone: (46)8-509-031-00, Fax: (46)8-509-031-01, E-mail: info@hamamatsu.se
-
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Mois, 1/E 20020 Arese (Milano), Italy, Telephone: (39)02-935 81 733, Fax: (39)02-935 81 741, E-mail: info@hamamatsu.it


Similar Part No. - C4258

ManufacturerPart #DatasheetDescription
logo
Surge Components
C42-W SURGE-C42-W Datasheet
2Mb / 6P
   For connection in series with the mains
logo
Kemet Corporation
C420 KEMET-C420 Datasheet
580Kb / 40P
   MILITARY SPECIFCATIONS ON BACK
C420 KEMET-C420 Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C420 KEMET-C420 Datasheet
1Mb / 14P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C420 KEMET-C420 Datasheet
935Kb / 14P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
More results

Similar Description - C4258

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SD039-151-011 ETC2-SD039-151-011 Datasheet
226Kb / 2P
   InGaAs Photodetector
logo
Luna Innovations Incorp...
SD039-151-011 LUNA-SD039-151-011 Datasheet
166Kb / 2P
   InGaAs Photodetector
logo
Advanced Photonix, Inc.
SD039-151-011 ADVANCEDPHOTONIX-SD039-151-011 Datasheet
400Kb / 2P
   InGaAs Photodetector
logo
List of Unclassifed Man...
SD012-151-011 ETC2-SD012-151-011 Datasheet
158Kb / 2P
   InGaAs Photodetector
logo
Luna Innovations Incorp...
SD012-151-011 LUNA-SD012-151-011 Datasheet
158Kb / 2P
   InGaAs Photodetector
logo
Advanced Photonix, Inc.
SD012-151-011 ADVANCEDPHOTONIX-SD012-151-011 Datasheet
354Kb / 2P
   InGaAs Photodetector
logo
Zetex Semiconductors
BPW41D ZETEX-BPW41D Datasheet
121Kb / 3P
   INFRA-RED PHOTODETECTOR
logo
Finisar Corporation.
XPDV21X0RA FINISAR-XPDV21X0RA Datasheet
638Kb / 5P
   50 GHz Photodetector
XPDV3120R FINISAR-XPDV3120R Datasheet
569Kb / 5P
   70 GHz Photodetector
BPDV3120R FINISAR-BPDV3120R Datasheet
672Kb / 6P
   70 GHz Balanced Photodetector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com