Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C4674 Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part # C4674
Description  Signal processing circuit for 2-D PSD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C4674 Datasheet(HTML) 3 Page - Hamamatsu Corporation

  C4674 Datasheet HTML 1Page - Hamamatsu Corporation C4674 Datasheet HTML 2Page - Hamamatsu Corporation C4674 Datasheet HTML 3Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Signal processing circuit for 2-D PSD
C4674, C4757, C4758, C7563
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Hamamatsu City, 435-8558 Japan, Telephone: (81) 053-434-3311, Fax: (81) 053-434-5184, http://www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658
France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2003 Hamamatsu Photonics K.K.
Cat. No. KPSD1005E06
Apr. 2003 DN
Y1
X2
0
+L/2
-L/2
-L/2
+L/2
0
X1
Y2
ACTIVE AREA
L
× L mm
s 2-D PSD and output voltage
KPSDC0032EB
KPSDC0033EA
OUTPUT VOLTAGE (Xout or Yout)
(V)
+L/2
+L/2
-L/2
-L/2
POSITION OF LIGHT SPOT
(mm)
0
Pin-cushion type
Duo-lateral
type
Tetra-lateral
type
Parameter
S1880
S1881 *
9
S2044
S5990-01
S5991-01
S1300
S1200
Unit
Active area length L
12
22
4.7
4
9
13
13
mm
O utput voltage am plitude V o (X )
±6
±5.5
±2.35
±2
±4.5
±6.5
±6.5
V
O utput voltage am plitude V o (Y )
±6
±5.5
±2.35
±2
±4.5
±6.5
±6.5
V
*9: The position (mm) of light spot from the center is twice the output voltage (V) for the S1881.
If the incident light spot is not sufficiently focused on the PSD, i.e., the light spot diameter is large, and falls upon near the edge
of the active area, part of the light spot may go outside the active area, thus degrading position accuracy.
The output voltage amplitude values listed above are measured when the light spot diameter is made as small as possible within
the range in which adequate intensity is maintained.
CENTER OF
MOUNTED PSD
D-SUB CONNECTOR
(4
×) 3.2
d
b
THROUGH HOLES
FOR EXTERNALLY
CONNECTED PSD
15.5 MAX.
b
2
b
2
Symbol
a
b
c
d
C4674
90
65
84
59
C4757
92
70
84
62
C4758
90
65
83
57
C7563
110
75
102
67
PSD *
* PSD is not mounted on this board.
s Dimensional outline (unit: mm, tolerance: ±0.2 mm)
KPSDA0018EC
3


Similar Part No. - C4674

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C4674-01 HAMAMATSU-C4674-01 Datasheet
633Kb / 5P
   Signal processing circuit for 2-D PSD
More results

Similar Description - C4674

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C4674-01 HAMAMATSU-C4674-01 Datasheet
633Kb / 5P
   Signal processing circuit for 2-D PSD
C3683-01 HAMAMATSU-C3683-01 Datasheet
124Kb / 2P
   Signal processing circuit for 1-D PSD
C3683-02 HAMAMATSU-C3683-02 Datasheet
547Kb / 5P
   Signal processing circuit for 1-D PSD
C9068 HAMAMATSU-C9068_15 Datasheet
140Kb / 3P
   PSD signal processing circuit
C9068 HAMAMATSU-C9068 Datasheet
268Kb / 2P
   PSD signal processing circuit
C5923 HAMAMATSU-C5923 Datasheet
125Kb / 2P
   Signal processing circuit for 1-D PSD
C10460 HAMAMATSU-C10460_15 Datasheet
360Kb / 4P
   Signal processing unit for PSD module
C10459_C10460_KACC1135E04 HAMAMATSU-C10459_C10460_KACC1135E04 Datasheet
657Kb / 3P
   Signal processing unit for PSD module
logo
KODENSHI_AUK CORP.
ORA1S01 KODENSHI-ORA1S01 Datasheet
125Kb / 2P
   Integrated LED drive circuit and PSD signal processing circuit
logo
List of Unclassifed Man...
TBA890 ETC-TBA890 Datasheet
297Kb / 7P
   TELEVISION SIGNAL PROCESSING CIRCUIT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com