Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1205XD Datasheet(PDF) 2 Page - Microdc power Technology Co., Ltd

Part # A1205XD
Description  Isolated 1W Dual Output DC/DC Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

A1205XD Datasheet(HTML) 2 Page - Microdc power Technology Co., Ltd

  A1205XD Datasheet HTML 1Page - Microdc power Technology Co., Ltd A1205XD Datasheet HTML 2Page - Microdc power Technology Co., Ltd A1205XD Datasheet HTML 3Page - Microdc power Technology Co., Ltd A1205XD Datasheet HTML 4Page - Microdc power Technology Co., Ltd A1205XD Datasheet HTML 5Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
A
A-X
-XD&A-XS
D&A-XS Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 2 of 5
Output
Output Specifications
Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
Rated Power
TA= -40°C to 120°C
1.0
W
Rated Power(A24、A48)
TA=0°C to 70°C
1.0
W
Voltage Set Point Accuracy
See tolerance envelope
Line regulation
High VIN to low VIN
1.0
1.2
%%
Line regulation(A24、A48)
High VIN to low VIN
1.2
%%
Load regulation(A24、A48)
10% load to rated load, 5V output types
15
%
10% load to rated load,all other output types
10
%
Load regulation(5Vinput、
12Vinput)
10% load to rated load, 5V output types
10
12.5
%
10% load to rated load, 9V output types
9
10
%
10% load to rated load,12V output types
6.5
7.5
%
10% load to rated load,15V output types
6
7.0
%
Load regulation(15V input)
10% load to rated load, 5V output types
5.5
10
%
10% load to rated load,12V output types
2.6
3.0
%
10% load to rated load, 15V output types
2.3
3.0
%
Ripple&Noise(A24、A48)
BW=DC to 20MHz, all input types
150
mV p-p
Ripple&Noise
BW=DC to 20MHz, 5V output types
10
20
mV p-p
BW=DC to 20MHz, 9V output types
7
15
mV p-p
BW=DC to 20MHz, 12V output types
7.5
15
mV p-p
BW=DC to 20MHz, 15V output types
8
15
mV p-p
Temperature
Temperature Characteristics
Characteristics
Conditions
Parameter
Conditions
Min.
Typ.
Max.
Units
Specification
A05、A12、A15
-40
85
Specification
A24、A48
0
70
Storage
A05、A12、A15
-50
130
Storage
A24、A48
-55
150
Case temperature rise
above
ambient
0505,1205
33
0509,0512,0515,1209,1212,1215
28
1505
26
1512,1515
17
Cooling
Free air convection
General
General Characteristics
Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Units
Switching frequency
5V input types
110
kHz
12V input types
140
kHz
15V input types
90
kHz
Switching frequency(A24、A48)
All input types
100
kHz
Temperature
Temperature derating
derating graph
graph
Tolerance
Tolerance envelope
envelope
85° c
70° c
5V & 12V Input 24V & 48V Input
Ambient Temperature (
C)
O
u
t
p
u
t
P
o
w
e
r
(
W
)
Isolation
Isolation Characteristics
Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation voltage
Flash tested for 1 second
1000
VDC
Resistance
Viso= 1000VDC
10
GΩ
Resistance(A24、A48)
Viso= 500VDC
10
GΩ


Similar Part No. - A1205XD

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
A1205XD-1W MORNSUN-A1205XD-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Microdc power Technolog...
A1205XD-2W MICRODC-A1205XD-2W Datasheet
1Mb / 5P
   Isolated 2W Dual Output DC/DC Converters
More results

Similar Description - A1205XD

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NMA2405SC MURATA-NMA2405SC Datasheet
126Kb / 4P
   Isolated 1W Dual Output DC/DC Converters
logo
List of Unclassifed Man...
NMA5V ETC-NMA5V Datasheet
171Kb / 2P
   ISOLATED 1W DUAL OUTPUT DC-DC CONVERTERS
logo
Murata Manufacturing Co...
NMA0505DC MURATA-NMA0505DC Datasheet
219Kb / 6P
   Isolated 1W Dual Output DC/DC Converters
logo
C&D Technologies
NMA-1 CANDD-NMA-1 Datasheet
171Kb / 2P
   Isolated 1W Dual Output DC-DC Converters
NMA CANDD-NMA Datasheet
168Kb / 2P
   Isolated 1W Dual Output DC-DC Converters
logo
Murata Manufacturing Co...
KDC_NTA MURATA-KDC_NTA Datasheet
159Kb / 4P
   Isolated 1W Dual Output SM DC/DC Converters
logo
Microdc power Technolog...
E-XSD MICRODC-E-XSD Datasheet
657Kb / 4P
   Isolated 1W Dual Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPNA TOPPOWER-TPNA Datasheet
673Kb / 4P
   1W 3KVDC Isolated Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
MEA1D2415DC MURATA-MEA1D2415DC Datasheet
239Kb / 8P
   1kVDC Isolated 1W Dual Output DC/DC Converters
MEA1D0505SC MURATA-MEA1D0505SC Datasheet
254Kb / 8P
   1kVDC Isolated 1W Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com