Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1205XT Datasheet(PDF) 5 Page - Microdc power Technology Co., Ltd

Part # A1205XT
Description  1W, FIXED INPUT, ISOLATED DUAL OUTPUT SMD DC-DC CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

A1205XT Datasheet(HTML) 5 Page - Microdc power Technology Co., Ltd

  A1205XT Datasheet HTML 1Page - Microdc power Technology Co., Ltd A1205XT Datasheet HTML 2Page - Microdc power Technology Co., Ltd A1205XT Datasheet HTML 3Page - Microdc power Technology Co., Ltd A1205XT Datasheet HTML 4Page - Microdc power Technology Co., Ltd A1205XT Datasheet HTML 5Page - Microdc power Technology Co., Ltd A1205XT Datasheet HTML 6Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
A
A-XT
-XT
Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 5 of 6
OUTLINE
OUTLINE DIMENSIONS
DIMENSIONS
FOOTPRINT
FOOTPRINT DETAILS
DETAILS
SOLDER
SOLDER PAD
PAD DIMENSION
DIMENSION
Dimensions in [mm], () = Inch
Pin pitch tolerances: ±0.13 (±0.005)
Other tolerances: ±0.25 (±0.01)
FOOTPRINT
FOOTPRINT DETAILS
DETAILS
Pin
Dual
1
-Vin
3
+Vin
5
NA
7
0V
9
-Vout
10
NA
12
+Vout
14
NA
16
NA
18
NA
NA - Not available for electrical connection.
TUBE
TUBE OUTLINE
OUTLINE DIMENSIONS
DIMENSIONS
Unless otherwise stated all dimensions in mm±0.5 (inches ±0.02).
Tube length : 475±2.0 (18.70±0.07).
Tube Quantity :25
MECHANICAL
MECHANICAL DIMENSIONS
DIMENSIONS
Note:
Unit:mm[inch]
Pin section tolerances:±0.10mm[±0.004inch]
General tolerances:±0.25mm[±0.010inch]
Weight: 1.53g
Specifications can be changed any time without notice.
No parallel connection or plug and play.
Note:
1. The load shouldn't be less than 10%, otherwise ripple will increase dramatically.
2. Operation under 10% load will not damage the converter; However, they may not meet all specification listed.
3. All specifications measured at Ta=25°C, humidity<75%, nominal input voltage and rated output load unless otherwise specified.
4. In this datasheet, all the test methods of indications are based on corporate standards.
5. Only typical models listed, other models may be different, please contact our technical person for more details.


Similar Part No. - A1205XT

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
A1205XT-1W MICRODC-A1205XT-1W Datasheet
1Mb / 6P
   1W, FIXEDINPUT, ISOLATED DUALOUTPUTSMDC-DCCONVERTER
logo
MORNSUN Science& Techno...
A1205XT-1WR2 MORNSUN-A1205XT-1WR2 Datasheet
314Kb / 4P
   DC/DC Converter
A1205XT-1WR2 MORNSUN-A1205XT-1WR2 Datasheet
334Kb / 5P
   DC/DC Converter
A1205XT-1WR2 MORNSUN-A1205XT-1WR2 Datasheet
758Kb / 5P
   UNREGULATED DUAL OUTPUT
A1205XT-1WR2 MORNSUN-A1205XT-1WR2 Datasheet
266Kb / 5P
   DC/DC Converter
More results

Similar Description - A1205XT

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
B-XT MICRODC-B-XT Datasheet
1,013Kb / 6P
   1W, FIXED INPUT, ISOLATED SINGLE OUTPUT SMD DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
1T10A-3UP GAPTEC-1T10A-3UP Datasheet
823Kb / 4P
   1W - Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
logo
Microdc power Technolog...
FE-XT MICRODC-FE-XT Datasheet
669Kb / 3P
   1W, FIXED INPUT, ISOLATED SINGLE/DUAL OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
1T10A GAPTEC-1T10A Datasheet
800Kb / 4P
   1W - Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
logo
Crystek Corporation
IB0512LT-1W CRYSTEKCRYSTAL-IB0512LT-1W Datasheet
304Kb / 3P
   1W, FIXED INPUT, ISOLATED & REGULATED SINGLE OUTPUT SMD DC-DC CONVERTER
logo
RSG Electronic Componen...
B0303XT-1W RSG-B0303XT-1W Datasheet
206Kb / 2P
   1W,FIXED INPUT, ISOLATED & UNREGULATED single OUTPUT, SMD DC-DC CONVERTER
logo
MORNSUN Science& Techno...
A0505XT-1W MORNSUN-A0505XT-1W Datasheet
445Kb / 5P
   1W, FIXED INPUT, ISOLATED & UNREGULATED DUAL OUTPUT DC-DC CONVERTER ULTRAMINIATURE SMD PACKAGE
logo
Crystek Corporation
F0505T-1W CRYSTEKCRYSTAL-F0505T-1W_10 Datasheet
327Kb / 3P
   1W, FIXED INPUT, ISOLATED & UNREGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
1T16WE GAPTEC-1T16WE Datasheet
851Kb / 3P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Regulated
1S7E GAPTEC-1S7E Datasheet
1Mb / 5P
   1W - Dual/Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com