Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C5964-0900 Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part # C5964-0900
Description  NMOS multichannel detector head
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C5964-0900 Datasheet(HTML) 3 Page - Hamamatsu Corporation

  C5964-0900 Datasheet HTML 1Page - Hamamatsu Corporation C5964-0900 Datasheet HTML 2Page - Hamamatsu Corporation C5964-0900 Datasheet HTML 3Page - Hamamatsu Corporation C5964-0900 Datasheet HTML 4Page - Hamamatsu Corporation C5964-0900 Datasheet HTML 5Page - Hamamatsu Corporation C5964-0900 Datasheet HTML 6Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NMOS multichannel detector head
C5964 series
s
Temperature controller specifications (Ta=25 °C, VD=+5 V, ±VA=±15 V, unless otherwise noted)
Parameter *3
Symbol
Min.
Typ.
Max.
Unit
Cooling temperature
Ts
-1
0
+1
°C
Temperature control range
∆Ts
-0.05
-
+0.05
°C
Power dissipation of Peltier element
Pp
-
-
7
W
Cool down time to preset temperature
to
-
-
5
minute
Setting temperature for overheart protection
To
+40
-
-
°C
*3: Other functions include error display, automatic power off, and detection of electrical opens and shorts by the thermosensor.
s Spectral response
KMPDB0159EA
s Block diagram of NMOS linear image sensor (S5930 series, etc.)
WAVELENGTH (nm)
(Measurement example, Ta=25 ˚C)
600
500
300
400
200
0
0.1
0.2
0.5
0.4
0.3
700
800
900
1100
1000
1200
STANDARD TYPES
IR-ENHANCED TYPES
Vss
START
st
CLOCK
CLOCK
1
2
ACTIVE
PHOTODIODE
SATURATION CONTROL
GATE
SATURATION CONTROL
DRAIN
DUMMY DIODES
DUMMY VIDEO
ACTIVE VIDEO
END OF SCAN
DIGITAL SHIFT REGISTER
(MOS SHIFT REGISTER)
KMPDC0020EA


Similar Part No. - C5964-0900

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C5964-0900 HAMAMATSU-C5964-0900 Datasheet
286Kb / 6P
   NMOS multichannel detector head
More results

Similar Description - C5964-0900

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C5964 HAMAMATSU-C5964_05 Datasheet
286Kb / 6P
   NMOS multichannel detector head
C8892 HAMAMATSU-C8892 Datasheet
121Kb / 4P
   NMOS multichannel detector head
C7020 HAMAMATSU-C7020 Datasheet
221Kb / 7P
   CCD multichannel detector head
C8060 HAMAMATSU-C8060 Datasheet
308Kb / 10P
   InGaAs multichannel detector head
C7040 HAMAMATSU-C7040 Datasheet
208Kb / 6P
   CCD multichannel detector head
C7557 HAMAMATSU-C7557_07 Datasheet
333Kb / 6P
   Multichannel detector head controller
C7180 HAMAMATSU-C7180 Datasheet
68Kb / 2P
   CCD multichannel detector head
C7557 HAMAMATSU-C7557 Datasheet
337Kb / 6P
   Multichannel detector head controller
C7027 HAMAMATSU-C7027 Datasheet
183Kb / 7P
   CCD multichannel detector head
C7973 HAMAMATSU-C7973 Datasheet
196Kb / 7P
   CCD multichannel detector head
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com