Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C5964-0900 Datasheet(PDF) 4 Page - Hamamatsu Corporation

Part # C5964-0900
Description  NMOS multichannel detector head
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C5964-0900 Datasheet(HTML) 4 Page - Hamamatsu Corporation

  C5964-0900 Datasheet HTML 1Page - Hamamatsu Corporation C5964-0900 Datasheet HTML 2Page - Hamamatsu Corporation C5964-0900 Datasheet HTML 3Page - Hamamatsu Corporation C5964-0900 Datasheet HTML 4Page - Hamamatsu Corporation C5964-0900 Datasheet HTML 5Page - Hamamatsu Corporation C5964-0900 Datasheet HTML 6Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NMOS multichannel detector head
C5964 series
s Block diagram (C5964 series)
KACCC0067EA
s
Pulse timing chart
KACCC0068EA
ST
CLK2/CLAMP
DATA VIDEO
EOS
TRIGGER
CLK1/RESET
CLK2
RESET
START
CLK
LED
TH. H *2
P+
P-
TH. C *1
TEMPERATURE
CONTOROLLER
BUFFER
CONTROLLER
+5 V, VDD (D)
+15 V
-15 V
+5 V
D. GND
+15 V
A. GND
-15 V
CLK
START
TRIGGER
EOS
+5 V
THEMOELECTRIC COOLWER
START
CLK1
CLK2
END
VDD (D)
GND (D)
GND (A)
VIDEO
NMOS
LINEAR IMAGE SENSOR
S5930 SERIES, etc.
TIMING
SIGNAL
+15 V
+15 V
BURRER
LOWPASS
FILTER
DATA VIDEO
GAIN
AMPLIFIER
INTEGRATION
AMPLIFIER
*1: Thermistor incorporated in the image sensor. Used for temperature monitoring of the image sensor.
*2: Thermistor mounted on the heatsink fins. Used for temperature monitoring of the heat radiating side.


Similar Part No. - C5964-0900

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C5964-0900 HAMAMATSU-C5964-0900 Datasheet
286Kb / 6P
   NMOS multichannel detector head
More results

Similar Description - C5964-0900

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C5964 HAMAMATSU-C5964_05 Datasheet
286Kb / 6P
   NMOS multichannel detector head
C8892 HAMAMATSU-C8892 Datasheet
121Kb / 4P
   NMOS multichannel detector head
C7020 HAMAMATSU-C7020 Datasheet
221Kb / 7P
   CCD multichannel detector head
C8060 HAMAMATSU-C8060 Datasheet
308Kb / 10P
   InGaAs multichannel detector head
C7040 HAMAMATSU-C7040 Datasheet
208Kb / 6P
   CCD multichannel detector head
C7557 HAMAMATSU-C7557_07 Datasheet
333Kb / 6P
   Multichannel detector head controller
C7180 HAMAMATSU-C7180 Datasheet
68Kb / 2P
   CCD multichannel detector head
C7557 HAMAMATSU-C7557 Datasheet
337Kb / 6P
   Multichannel detector head controller
C7027 HAMAMATSU-C7027 Datasheet
183Kb / 7P
   CCD multichannel detector head
C7973 HAMAMATSU-C7973 Datasheet
196Kb / 7P
   CCD multichannel detector head
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com