Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

104102000001 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 104102000001
Description  M 2,54 SRC-A, 4-polig
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

104102000001 Datasheet(HTML) 1 Page - ERNI Electronics

  104102000001 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Performance Level 1
Kontaktbereich vergoldet
Mating Area gold plating
Anschlussbereich verzinnt 4-6 µm
Terminal Area 4-6 µm tin plating
Koplanarität der Anschlüsse
0,1 mm
Coplanarity Area of Termination
Anforderungsstufe 1
0,1 mm
Abspulrichtung -
Reel off Direction
330
Verpackungseinheit: 440 Stück
Verpackt in Gurtverpackung
Tape on Reel Packaging
Packaging unit: 440 pcs
a1
7,62
3,9
0,9
±0,05
12,92
13,92
4,5
0,3
3 x 2,54 =
2,54
15,42
16,62
Index
SRCA
contact one of the ERNI companies
prior notice.
A3
Class
b
M 2,54 SRC-A, 4-polig
104102000001
3:1
coding red
K
15.04.2013
Scale
Tolerances
version of this drawing, please
Drawing will not be updated.
Designation
in mm
All Dimensions
www.ERNI.com
before using.
Subject to modification without
All rights reserved.
Only for Information.
To ensure that this is the latest
Information:
Codierung rot -
Date
5,05
0,75 -0,1
PCB-Layout Proposal for SMT
Leiterplatten-Layout Vorschlag für SMT
a1
-0,03
1,95
3 x 2,54 =
0,4
1,6
2,54
±0,05
7,62
1,02
13,92
3,15 ±0,03
a1
20


Similar Part No. - 104102000001

ManufacturerPart #DatasheetDescription
logo
SICK AG
1041020 SICK-1041020 Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
logo
ERNI Electronics
104102070001 ERNI-104102070001 Datasheet
44Kb / 1P
   F 2,54 SRC-A, 3-polig BA 2
More results

Similar Description - 104102000001

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
103802000001 ERNI-103802000001 Datasheet
55Kb / 1P
   M 2,54 SRC-A, 4-polig
324068 ERNI-324068 Datasheet
67Kb / 1P
   M 2,54 SRC-A, 4-polig
103902000001 ERNI-103902000001 Datasheet
55Kb / 1P
   M 2,54 SRC-A, 4-polig
104002000001 ERNI-104002000001 Datasheet
55Kb / 1P
   M 2,54 SRC-A, 4-polig
104403880001 ERNI-104403880001 Datasheet
56Kb / 1P
   M 2,54 SRC-A, 4-polig
101903210051 ERNI-101903210051 Datasheet
55Kb / 1P
   M 2,54 SRC-A, 4-polig
101603440003 ERNI-101603440003 Datasheet
51Kb / 1P
   M 2,54 SRC-A, 2-polig
105703880001 ERNI-105703880001 Datasheet
57Kb / 1P
   M 2,54 SRC-A, 5-polig
105803880001 ERNI-105803880001 Datasheet
61Kb / 1P
   M 2,54 SRC-A, 8-polig
100904600001 ERNI-100904600001 Datasheet
58Kb / 1P
   M 2,54 SRC-A, 6-polig
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com