Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R3H-501T Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # R3H-501T
Description  NEUTRAL GROUNDING RESISTORS LOAD BANKS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

R3H-501T Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  R3H-501T Datasheet HTML 1Page - List of Unclassifed Manufacturers R3H-501T Datasheet HTML 2Page - List of Unclassifed Manufacturers R3H-501T Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tel : 82-32-817-4325
Resistors And
Fax : 82-32-817-4329
Resistive
Applications
AISI-304 Neutral Grounding Resistors Dimensions
Model
Dimensions(mm)
Model
Dimensions(mm)
W
D
H
W
D
H
G R L -
501S, 503S
500
420
160
G R 7 H -
3001T
640
690
1120
G R L -
501T, 503T
640
420
160
G R 7 H -
3003S
640
690
1120
G R L -
1001S & 3S
640
420
160
G R 7 H -
3003T
640
780
1580
G R L -
1001T & 3T
640
420
160
G R 7 H -
4001S
640
600
660
G R 7 H -
4001T
640
690
1120
G R 3 H -
501S
640
600
350
G R 7 H -
4003S
640
690
1120
G R 3 H -
501T
640
780
350
G R 7 H -
4003T
640
1140
1580
G R 3 H -
503S
640
780
350
G R 3 H -
503T
640
600
580
G R 24 H -
501S
780
780
1110
G R 3 H -
1001S
640
600
350
G R 24 H -
501T
780
870
1340
G R 3 H -
1001T
640
780
350
G R 24 H -
503S
780
870
1340
G R 3 H -
1003S
640
780
350
G R 24 H -
503T
780
870
1800
G R 3 H -
1003T
640
600
580
G R 24 H -
1001S
780
780
1110
G R 3 H -
2001S
640
600
350
G R 24 H -
1001T
780
870
1340
G R 3 H -
2001T
640
780
350
G R 24 H -
1003S
780
870
1340
G R 3 H -
2003S
640
780
350
G R 24 H -
1003T
780
870
1800
G R 3 H -
2003T
640
690
810
G R 24 H -
2001S
780
780
1110
G R 24 H -
2001T
780
870
1340
G R 7 H -
501S
640
600
660
G R 24 H -
2003S
780
870
1340
G R 7 H -
501T
640
780
660
G R 24 H -
2003T
780
1410
1800
G R 7 H -
503S
640
780
660
G R 24 H -
3001S
780
780
1110
G R 7 H -
503T
640
600
1120
G R 24 H -
3001T
780
960
1800
G R 7 H -
1001S
640
600
660
G R 24 H -
3003S
780
960
1800
G R 7 H -
1001T
640
780
660
G R 24 H -
3003T
780
1410
1800
G R 7 H -
1003S
640
780
660
G R 24 H -
4001S
780
780
1110
G R 7 H -
1003T
640
600
1120
G R 24 H -
4001T
780
960
1800
G R 7 H -
2001S
640
600
660
G R 24 H -
4003S
780
960
1800
G R 7 H -
2001T
640
780
660
G R 24 H -
4003T
780
1410
Note1
G R 7 H -
2003S
640
780
660
G R 24 H -
5001S
780
870
1340
G R 7 H -
2003T
640
690
1580
G R 24 H -
5001T
780
960
1800
G R 7 H -
3001S
640
510
660
G R 24 H -
5003S
780
960
1800
G R 24 H -
5003T
780
1410
Note1
Note1: 1800 + 1800 (mm)


Similar Description - R3H-501T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NGR VISHAY-NGR Datasheet
209Kb / 4P
   Reliable Neutral Grounding Resistors, High Current Grid Resistors
logo
List of Unclassifed Man...
RLB-50V ETC-RLB-50V Datasheet
1Mb / 3P
   LOAD BANKS
RLB-50V ETC-RLB-50V Datasheet
240Kb / 3P
   LOAD BANKS
logo
Schneider Electric
LK100ANCP SCHNEIDER-LK100ANCP Datasheet
77Kb / 1P
   LOAD CENTER NEUTRAL KIT
Aug 10, 2019
LK100AN SCHNEIDER-LK100AN Datasheet
77Kb / 1P
   LOAD CENTER NEUTRAL LUG
Aug 15, 2019
logo
Littelfuse
NGRUS LITTELFUSE-NGRUS Datasheet
1Mb / 9P
   Neutral Grounding Resistor System , NGR SERIES – US
2020 Rev: 1-B-031920
NGRM-ENC LITTELFUSE-NGRM-ENC Datasheet
349Kb / 2P
   NEUTRAL-GROUNDING-RESISTOR MONITORING , NGRM-ENC SERIES
2022 Rev: 4-E-081022
NGR LITTELFUSE-NGR Datasheet
989Kb / 6P
   NGR SERIES – CANADA , Neutral Grounding Resistor System
2019 Rev: 1-B-050420
SE-325 LITTELFUSE-SE-325 Datasheet
346Kb / 1P
   The SE-325 Neutral-Grounding-Resistor Monitor
logo
Schneider Electric
HOM100AN SCHNEIDER-HOM100AN Datasheet
82Kb / 1P
   LOAD Center NEUTRAL LUG KIT 100A
Aug 17, 2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com