Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GR7H-3003T Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GR7H-3003T
Description  NEUTRAL GROUNDING RESISTORS LOAD BANKS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GR7H-3003T Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GR7H-3003T Datasheet HTML 1Page - List of Unclassifed Manufacturers GR7H-3003T Datasheet HTML 2Page - List of Unclassifed Manufacturers GR7H-3003T Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tel : 82-32-817-4325
Resistors And
Fax : 82-32-817-4329
Resistive Applications
Website : http://www.raraohm.com Email : sg@raraohm.com
NEUTRAL GROUNDING RESISTORS LOAD BANKS
INTRODUCTION
RARA Neutral Grounding Resistors are designed to provide added
safety to industrial distribution systems by limiting ground fault
current to reasonable levels. In a typical grounded three phase
system, the NGR is connected directly to the earth ground. This can
cause high ground fault current (typically 10,000 to 20,000 amps)
and excessive damage to transformers, generators, motors, wiring,
and associated equipment. Installing a RARA Neutral Grounding
Resistor between neutral and ground limits fault current to safe
levels while still allowing sufficient current flow to operate fault
clearing relays
- custom designed for your particular system
- durable, all stainless steel resistor elements
- elements are well insulated from ground for added safety
- corrosion resistant enclosures
- several stages of assembly depending on shipping needs
Product
Notes
Our NGR elements fall into three categories: Strip, edge wound and wire wound types. The dimensions of these
range from thicknesses of 0.6-2.5mm and widths from 4-100mm. The element type depends on the power of the
NGR. Our enclosuresv have voltage ratings from 0.2KV to 72KV and meet IEEE32. We can manufacturer NGRs
with IP ratings up to IP54 and NEMA ratings up to NEMA3S.
Characteristics of Metal Resistive Elements
- reliable electrical characteristics
- resistor contact points are spot or argon-welded eliminating contact defects
- high resistance to mechanical vibration
- advanced cutting and trimming technology ensures low resistance tolerance
- easy maintenance and verification
Minimum Information Needed for Model Selection
- voltage rating [KV/R3]
- current rating [A]
- time rating [sec.]
- resistance [ohms]
- indoor/outdoor
- ambient environmental conditions


Similar Part No. - GR7H-3003T

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GR70221X0E102KA01D MURATA-GR70221X0E102KA01D Datasheet
43Kb / 4P
   Chip Monolithic Ceramic Capacitors
GR70221X0ER50KA01D MURATA-GR70221X0ER50KA01D Datasheet
43Kb / 4P
   Chip Monolithic Ceramic Capacitors
GR70221X0ER50WA01D MURATA-GR70221X0ER50WA01D Datasheet
3Mb / 220P
   Chip Monolithic Ceramic Capacitors
GR70221X0ER50WE01L MURATA-GR70221X0ER50WE01L Datasheet
95Kb / 5P
   Chip Monolithic Ceramic Capacitors
GR70221X0GR50 MURATA-GR70221X0GR50 Datasheet
79Kb / 5P
   Chip Monolithic Ceramic Capacitors
More results

Similar Description - GR7H-3003T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NGR VISHAY-NGR Datasheet
209Kb / 4P
   Reliable Neutral Grounding Resistors, High Current Grid Resistors
logo
List of Unclassifed Man...
RLB-50V ETC-RLB-50V Datasheet
1Mb / 3P
   LOAD BANKS
RLB-50V ETC-RLB-50V Datasheet
240Kb / 3P
   LOAD BANKS
logo
Schneider Electric
LK100ANCP SCHNEIDER-LK100ANCP Datasheet
77Kb / 1P
   LOAD CENTER NEUTRAL KIT
Aug 10, 2019
LK100AN SCHNEIDER-LK100AN Datasheet
77Kb / 1P
   LOAD CENTER NEUTRAL LUG
Aug 15, 2019
logo
Littelfuse
NGRUS LITTELFUSE-NGRUS Datasheet
1Mb / 9P
   Neutral Grounding Resistor System , NGR SERIES – US
2020 Rev: 1-B-031920
NGRM-ENC LITTELFUSE-NGRM-ENC Datasheet
349Kb / 2P
   NEUTRAL-GROUNDING-RESISTOR MONITORING , NGRM-ENC SERIES
2022 Rev: 4-E-081022
NGR LITTELFUSE-NGR Datasheet
989Kb / 6P
   NGR SERIES – CANADA , Neutral Grounding Resistor System
2019 Rev: 1-B-050420
SE-325 LITTELFUSE-SE-325 Datasheet
346Kb / 1P
   The SE-325 Neutral-Grounding-Resistor Monitor
logo
Schneider Electric
HOM100AN SCHNEIDER-HOM100AN Datasheet
82Kb / 1P
   LOAD Center NEUTRAL LUG KIT 100A
Aug 17, 2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com